Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

66013 Datasheet (PDF) - Micropac Industries

66013 Datasheet PDF - Micropac Industries
Part # 66013
Download  66013 Download
File Size   88.61 Kbytes
Page   2 Pages
Manufacturer  MICROPAC [Micropac Industries]
Direct Link  http://www.micropac.com
Logo MICROPAC - Micropac Industries
Description DUAL CHANNEL, HERMETICALLY SEALED, HIGH-SPEED 6N134 OPTOCOUPLER

66013 Datasheet (PDF)

Go To PDF Page Download Datasheet
66013 Datasheet PDF - Micropac Industries

Part # 66013
Download  66013 Click to download

File Size   88.61 Kbytes
Page   2 Pages
Manufacturer  MICROPAC [Micropac Industries]
Direct Link  http://www.micropac.com
Logo MICROPAC - Micropac Industries
Description DUAL CHANNEL, HERMETICALLY SEALED, HIGH-SPEED 6N134 OPTOCOUPLER

66013 Datasheet (HTML) - Micropac Industries


66013 Product details

DESCRIPTION
The 66013 dual channel optocoupler consists of two LED’s optically coupled to two high speed, high gain inverting detector gates. Maximum isolation can be achieved while providing TTL outputs capable of switching with propagation delays of 55ns typical. The 66013 is a 16 pin dual-in-line, hermetically sealed package and is available in standard and MIL-PRF-38534 screened versions or tested to customer specifications.

Features:
• DSCC Approved 8102801EX
• 5 MHz bandwidth typical
• 1500 Vdc isolation test voltage
• TTL compatible input and output
• High radiation immunity
• Faraday shield to provide high common mode rejection

Applications:
• Military and space
• High reliability systems
• Voltage level shifting
• Isolated receiver input
• Communication systems
• Medical systems




Similar Part No. - 66013

ManufacturerPart #DatasheetDescription
logo
Pomona Electronics
6601 POMONA-6601 Datasheet
205Kb / 2P
Comfort Probe with Removable 4mm Banana Plug Adapter
logo
Micropac Industries
66012 MICROPAC-66012 Datasheet
93Kb / 2P
FOUR CHANNEL, HERMETICALLY SEALED, LOW-INPUT CURRENT, 6N140 OPTOCOUPLER
66012-001 MICROPAC-66012-001 Datasheet
93Kb / 2P
FOUR CHANNEL, HERMETICALLY SEALED, LOW-INPUT CURRENT, 6N140 OPTOCOUPLER
66012-002 MICROPAC-66012-002 Datasheet
93Kb / 2P
FOUR CHANNEL, HERMETICALLY SEALED, LOW-INPUT CURRENT, 6N140 OPTOCOUPLER
66012-003 MICROPAC-66012-003 Datasheet
93Kb / 2P
FOUR CHANNEL, HERMETICALLY SEALED, LOW-INPUT CURRENT, 6N140 OPTOCOUPLER
More results


Similar Description - 66013

ManufacturerPart #DatasheetDescription
logo
Micropac Industries
66012 MICROPAC-66012 Datasheet
93Kb / 2P
FOUR CHANNEL, HERMETICALLY SEALED, LOW-INPUT CURRENT, 6N140 OPTOCOUPLER
66024 MICROPAC-66024 Datasheet
94Kb / 3P
4N55 DUAL CHANNEL, HERMETICALLY SEALED OPTOCOUPLER
66056 MICROPAC-66056 Datasheet
89Kb / 2P
SINGLE/DUAL CHANNEL, HERMETICALLY SEALED, VERY HIGH SPEED OPTOCOUPLER
66126 MICROPAC-66126 Datasheet
87Kb / 2P
SINGLE/DUAL CHANNEL, HERMETICALLY SEALED OPTOCOUPLER, SIMILAR TO 4N55
66186 MICROPAC-66186 Datasheet
79Kb / 2P
TWO CHANNEL, HERMETICALLY SEALED OPTOCOUPLER PHOTOTRANSISTOR OUTPUT
66179 MICROPAC-66179 Datasheet
49Kb / 2P
GULL WING HERMETICALLY SEALED, SINGLE CHANNEL OPTOCOUPLER
logo
AVAGO TECHNOLOGIES LIMI...
HCPL-193K AVAGO-HCPL-193K Datasheet
697Kb / 12P
Dual Channel Line Receiver Hermetically Sealed Optocoupler
HCPL-1930 AVAGO-HCPL-1930_12 Datasheet
742Kb / 12P
Dual Channel Line Receiver Hermetically Sealed Optocoupler
logo
Broadcom Corporation.
HCPL-1930 BOARDCOM-HCPL-1930 Datasheet
1Mb / 13P
Dual-Channel Line Receiver Hermetically Sealed Optocoupler
logo
Skyworks Solutions Inc.
OLH5530 SKYWORKS-OLH5530 Datasheet
281Kb / 6P
Hermetic High-Speed Transistor Dual-Channel Optocoupler
June 19, 2017
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com