Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

04M0DC Datasheet (PDF) - Microsemi Corporation

04M0DC Datasheet PDF - Microsemi Corporation
Part # 04M0DC
Download  04M0DC Download
File Size   16.96 Kbytes
Page   1 Pages
Manufacturer  MICROSEMI [Microsemi Corporation]
Direct Link  http://www.microsemi.com
Logo MICROSEMI - Microsemi Corporation
Description 100V 300mA MONOLITHIC DIODE ARRAY

04M0DC Datasheet (PDF)

Go To PDF Page Download Datasheet
04M0DC Datasheet PDF - Microsemi Corporation

Part # 04M0DC
Download  04M0DC Click to download

File Size   16.96 Kbytes
Page   1 Pages
Manufacturer  MICROSEMI [Microsemi Corporation]
Direct Link  http://www.microsemi.com
Logo MICROSEMI - Microsemi Corporation
Description 100V 300mA MONOLITHIC DIODE ARRAY

04M0DC Datasheet (HTML) - Microsemi Corporation


04M0DC Product details

FEATURES:
• INDIVIDUAL DIODES EQUIVALENT TO 1N4148
• Vf MATCH TO 5 mV at 10 mA
• ULTRA-HIGH SPEED SWITCHING
• QUAD ISOLATED DIODES




Similar Part No. - 04M0DC

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
04M1003SPC3 VISHAY-04M1003SPC3 Datasheet
132Kb / 6P
NTC Thermistors Coated
22-Sep-04
04M1503FF VISHAY-04M1503FF Datasheet
91Kb / 5P
NTC Thermistors, Radial Leaded and Coated
24-Sep-15
04M1503FP VISHAY-04M1503FP Datasheet
91Kb / 5P
NTC Thermistors, Radial Leaded and Coated
24-Sep-15
04M1503JF VISHAY-04M1503JF Datasheet
91Kb / 5P
NTC Thermistors, Radial Leaded and Coated
24-Sep-15
04M1503JP VISHAY-04M1503JP Datasheet
91Kb / 5P
NTC Thermistors, Radial Leaded and Coated
24-Sep-15
More results


Similar Description - 04M0DC

ManufacturerPart #DatasheetDescription
logo
Microsemi Corporation
16M0 MICROSEMI-16M0 Datasheet
18Kb / 1P
60V 300mA MONOLITHIC DIODE ARRAY
1N5770 MICROSEMI-1N5770 Datasheet
19Kb / 1P
MONOLITHIC AIR ISOLATED DIODE ARRAY
1N5772 MICROSEMI-1N5772 Datasheet
22Kb / 1P
MONOLITHIC AIR ISOLATED DIODE ARRAY
1N5774 MICROSEMI-1N5774 Datasheet
23Kb / 1P
MONOLITHIC AIR ISOLATED DIODE ARRAY
1N6100 MICROSEMI-1N6100 Datasheet
19Kb / 1P
MONOLITHIC AIR ISOLATED DIODE ARRAY
1N6506 MICROSEMI-1N6506 Datasheet
21Kb / 1P
MONOLITHIC AIR ISOLATED DIODE ARRAY
1N6509 MICROSEMI-1N6509 Datasheet
24Kb / 1P
MONOLITHIC AIR ISOLATED DIODE ARRAY
1N6511 MICROSEMI-1N6511 Datasheet
21Kb / 1P
MONOLITHIC AIR ISOLATED DIODE ARRAY
28M0 MICROSEMI-28M0 Datasheet
18Kb / 1P
60V 300mA MONOLITHIC DIODE ARRAY
logo
American Microsemicondu...
FSA2510P AMMSEMI-FSA2510P Datasheet
468Kb / 1P
Monolithic Diode Array
More results




About Microsemi Corporation


Microsemi Corporation was an American company that specialized in the design and manufacture of semiconductor and system solutions.
The company was founded in 1960 and was headquartered in Aliso Viejo, California.
Microsemi provided a wide range of products including analog and mixed-signal integrated circuits, field-programmable gate arrays (FPGAs), power management and control products, and other semiconductor solutions.
The company's products were used in various applications such as defense and security, aerospace and aviation, industrial, and communications.
Microsemi was known for its expertise in semiconductor technology and its ability to deliver high-quality and reliable products to its customers.
In 2018, Microsemi was acquired by Microchip Technology, a leading provider of microcontroller, mixed-signal, analog, and security products.
The Microsemi brand is no longer in use, but its technology and products continue to be a part of Microchip's portfolio.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com