Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

1N60A Datasheet (PDF) - Microsemi Corporation

1N60A Datasheet PDF - Microsemi Corporation
Part # 1N60A
Download  1N60A Download
File Size   57.61 Kbytes
Page   1 Pages
Manufacturer  MICROSEMI [Microsemi Corporation]
Direct Link  http://www.microsemi.com
Logo MICROSEMI - Microsemi Corporation
Description Optimized for Radio Frequency Response

1N60A Datasheet (PDF)

Go To PDF Page Download Datasheet
1N60A Datasheet PDF - Microsemi Corporation

Part # 1N60A
Download  1N60A Click to download

File Size   57.61 Kbytes
Page   1 Pages
Manufacturer  MICROSEMI [Microsemi Corporation]
Direct Link  http://www.microsemi.com
Logo MICROSEMI - Microsemi Corporation
Description Optimized for Radio Frequency Response

1N60A Datasheet (HTML) - Microsemi Corporation


1N60A Product details

Optimized for Radio Frequency Response

Can be used in many AM, FM and TV-IF applications, replacing point contact devices.

Features
● Lower leakage current
● Flat junction capacitance
● High mechanical strength
● At least 1 million hours MTBF
● BKCs Sigma-Bond™ plating for problem free solderability

Applications
● AM/FM detectors
● Ratio detectors
● FM discriminators
● TV audio detectors
● RF input probes
● TV video detectors




Similar Part No. - 1N60A

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
1N60A ETC-1N60A Datasheet
2Mb / 78P
GOLD BONDED DIODES
logo
Unisonic Technologies
1N60A UTC-1N60A Datasheet
139Kb / 8P
0.5 Amps, 600 Volts N-CHANNEL MOSFET
1N60A UTC-1N60A Datasheet
224Kb / 8P
0.5 Amps, 600/650 Volts N-CHANNEL MOSFET
1N60A UTC-1N60A Datasheet
218Kb / 8P
0.5A, 600V N-CHANNEL POWER MOSFET
logo
Inchange Semiconductor ...
1N60A ISC-1N60A Datasheet
67Kb / 2P
Drain Current ID= 1.0A@ TC=25C
More results


Similar Description - 1N60A

ManufacturerPart #DatasheetDescription
logo
Microsemi Corporation
1N100A MICROSEMI-1N100A Datasheet
62Kb / 1P
Optimized for Radio Frequency Response
1N270 MICROSEMI-1N270 Datasheet
63Kb / 1P
Optimized for Radio Frequency Response
1N276 MICROSEMI-1N276 Datasheet
63Kb / 1P
Optimized for Radio Frequency Response
1N277 MICROSEMI-1N277 Datasheet
63Kb / 1P
Optimized for Radio Frequency Response
1N34A MICROSEMI-1N34A Datasheet
62Kb / 1P
Optimized for Radio Frequency Response
1N949 MICROSEMI-1N949 Datasheet
63Kb / 1P
Optimized for Radio Frequency Response
logo
JL World Company Limite...
HBC0603A-65 JLWORLD-HBC0603A-65 Datasheet
259Kb / 1P
Frequency Response
HMC0603A-65 JLWORLD-HMC0603A-65 Datasheet
397Kb / 1P
Frequency Response
HBO0603G-65 JLWORLD-HBO0603G-65 Datasheet
408Kb / 1P
Frequency Response
logo
Microsemi Corporation
1N34A MICROSEMI-1N34A Datasheet
61Kb / 1P
Optimized for Radio Frequency Response
More results




About Microsemi Corporation


Microsemi Corporation was an American company that specialized in the design and manufacture of semiconductor and system solutions.
The company was founded in 1960 and was headquartered in Aliso Viejo, California.
Microsemi provided a wide range of products including analog and mixed-signal integrated circuits, field-programmable gate arrays (FPGAs), power management and control products, and other semiconductor solutions.
The company's products were used in various applications such as defense and security, aerospace and aviation, industrial, and communications.
Microsemi was known for its expertise in semiconductor technology and its ability to deliver high-quality and reliable products to its customers.
In 2018, Microsemi was acquired by Microchip Technology, a leading provider of microcontroller, mixed-signal, analog, and security products.
The Microsemi brand is no longer in use, but its technology and products continue to be a part of Microchip's portfolio.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com