Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

1N60A Datasheet (PDF) - Inchange Semiconductor Company Limited

1N60A Datasheet PDF - Inchange Semiconductor Company Limited
Part # 1N60A
Download  1N60A Download
File Size   67.97 Kbytes
Page   2 Pages
Manufacturer  ISC [Inchange Semiconductor Company Limited]
Direct Link  http://www.iscsemi.cn
Logo ISC - Inchange Semiconductor Company Limited
Description Drain Current ID= 1.0A@ TC=25C

1N60A Datasheet (PDF)

Go To PDF Page Download Datasheet
1N60A Datasheet PDF - Inchange Semiconductor Company Limited

Part # 1N60A
Download  1N60A Click to download

File Size   67.97 Kbytes
Page   2 Pages
Manufacturer  ISC [Inchange Semiconductor Company Limited]
Direct Link  http://www.iscsemi.cn
Logo ISC - Inchange Semiconductor Company Limited
Description Drain Current ID= 1.0A@ TC=25C

1N60A Datasheet (HTML) - Inchange Semiconductor Company Limited


1N60A Product details

• FEATURES
• Drain Current ID= 1.0A@ TC=25℃
• Drain Source Voltage- : VDSS= 600V(Min)
• Static Drain-Source On-Resistance : RDS(on) = 12Ω(Max)
• Fast Switching

• APPLICATIONS
• Switching applications in power supplies
• Motor controls,high efficient DC to DC converters




Similar Part No. - 1N60A

ManufacturerPart #DatasheetDescription
logo
Microsemi Corporation
1N60A MICROSEMI-1N60A Datasheet
57Kb / 1P
Optimized for Radio Frequency Response
logo
List of Unclassifed Man...
1N60A ETC-1N60A Datasheet
2Mb / 78P
GOLD BONDED DIODES
logo
Unisonic Technologies
1N60A UTC-1N60A Datasheet
139Kb / 8P
0.5 Amps, 600 Volts N-CHANNEL MOSFET
1N60A UTC-1N60A Datasheet
224Kb / 8P
0.5 Amps, 600/650 Volts N-CHANNEL MOSFET
1N60A UTC-1N60A Datasheet
218Kb / 8P
0.5A, 600V N-CHANNEL POWER MOSFET
More results


Similar Description - 1N60A

ManufacturerPart #DatasheetDescription
logo
Inchange Semiconductor ...
6N65 ISC-6N65 Datasheet
136Kb / 2P
Drain Current ID= 6.2A@ TC=25C
7N80 ISC-7N80 Datasheet
137Kb / 2P
Drain Current ID= 7A@ TC=25C
13N50 ISC-13N50 Datasheet
136Kb / 2P
Drain Current ID= 13A@ TC=25C
1N50A ISC-1N50A Datasheet
54Kb / 2P
Drain Current ID= 1.2A@ TC=25C
1N65 ISC-1N65 Datasheet
136Kb / 2P
Drain Current ID= 1.2A@ TC=25C
2N15 ISC-2N15 Datasheet
65Kb / 2P
Drain Current ID= 2A@ TC=25C
2N18 ISC-2N18 Datasheet
68Kb / 2P
Drain Current ID= 2A@ TC=25C
2N20 ISC-2N20 Datasheet
68Kb / 2P
Drain Current ID= 2A@ TC=25C
2N85 ISC-2N85 Datasheet
68Kb / 2P
Drain Current ID= 2A@ TC=25C
2N90 ISC-2N90 Datasheet
68Kb / 2P
Drain Current ID= 2A@ TC=25C
More results




About Inchange Semiconductor Company Limited


Inchange Semiconductor Company Limited is a Chinese semiconductor company that was founded in 1997.

The company provides a wide range of products including discrete and analog power devices, and diodes for various applications in the automotive, industrial, and consumer markets.

Inchange is known for its focus on quality and reliability, and its products are widely used in power management, lighting, and other applications.

The company has operations in several countries and is one of the leading suppliers of power devices and diodes in the Asia-Pacific region.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com