Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

BFR90 Datasheet (PDF) - Microsemi Corporation

BFR90 Datasheet PDF - Microsemi Corporation
Part # BFR90
Download  BFR90 Download
File Size   171.32 Kbytes
Page   5 Pages
Manufacturer  MICROSEMI [Microsemi Corporation]
Direct Link  http://www.microsemi.com
Logo MICROSEMI - Microsemi Corporation
Description RF & MICROWAVE DISCRETE LOW POWER TRANSISTORS

BFR90 Datasheet (PDF)

Go To PDF Page Download Datasheet
BFR90 Datasheet PDF - Microsemi Corporation

Part # BFR90
Download  BFR90 Click to download

File Size   171.32 Kbytes
Page   5 Pages
Manufacturer  MICROSEMI [Microsemi Corporation]
Direct Link  http://www.microsemi.com
Logo MICROSEMI - Microsemi Corporation
Description RF & MICROWAVE DISCRETE LOW POWER TRANSISTORS

BFR90 Datasheet (HTML) - Microsemi Corporation


BFR90 Product details

DESCRIPTION:
Designed primarily for use in high-gain, low noise, small-signal amplifiers. Also used in applications requiring fast switching times.

Features
• High Current-Gain – Bandwidth Product, fT = 5.0 GHz (typ) @ IC = 14 mA
• Low Noise Figure – NF = 2.4 dB (typ) @ f = 0.5 GHz
• High Power Gain – Gmax = 18dB (typ) @ f = 0.5 GHz




Similar Part No. - BFR90

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
BFR90 VISHAY-BFR90 Datasheet
126Kb / 9P
Silicon NPN Planar RF Transistor
20-Jan-99
logo
Advanced Power Technolo...
BFR90 ADPOW-BFR90 Datasheet
120Kb / 5P
RF & MICROWAVE DISCRETE LOW POWER TRANSISTORS
logo
TEMIC Semiconductors
BFR90A TEMIC-BFR90A Datasheet
70Kb / 6P
Silicon NPN Planar RF Transistor
logo
Vishay Siliconix
BFR90A VISHAY-BFR90A Datasheet
157Kb / 9P
Silicon NPN Planar RF Transistor
08-Sep-08
logo
New Jersey Semi-Conduct...
BFR90A NJSEMI-BFR90A Datasheet
134Kb / 2P
Silicon NPN Planar RF Transistor
More results


Similar Description - BFR90

ManufacturerPart #DatasheetDescription
logo
Microsemi Corporation
2N6304 MICROSEMI-2N6304 Datasheet
86Kb / 4P
RF & MICROWAVE DISCRETE LOW POWER TRANSISTORS
BFR91 MICROSEMI-BFR91 Datasheet
170Kb / 5P
RF & MICROWAVE DISCRETE LOW POWER TRANSISTORS
BFY90 MICROSEMI-BFY90 Datasheet
84Kb / 4P
RF & MICROWAVE DISCRETE LOW POWER TRANSISTORS
MRF559 MICROSEMI-MRF559 Datasheet
208Kb / 5P
RF & MICROWAVE DISCRETE LOW POWER TRANSISTORS
MRF5812 MICROSEMI-MRF5812 Datasheet
173Kb / 5P
RF & MICROWAVE DISCRETE LOW POWER TRANSISTORS
MRF5943 MICROSEMI-MRF5943 Datasheet
174Kb / 5P
RF & MICROWAVE DISCRETE LOW POWER TRANSISTORS
logo
Advanced Power Technolo...
BFR90 ADPOW-BFR90 Datasheet
120Kb / 5P
RF & MICROWAVE DISCRETE LOW POWER TRANSISTORS
BFR91 ADPOW-BFR91 Datasheet
120Kb / 5P
RF & MICROWAVE DISCRETE LOW POWER TRANSISTORS
MRF581 ADPOW-MRF581 Datasheet
282Kb / 6P
RF & MICROWAVE DISCRETE LOW POWER TRANSISTORS
MRF544 ADPOW-MRF544 Datasheet
302Kb / 4P
RF & MICROWAVE DISCRETE LOW POWER TRANSISTORS
More results




About Microsemi Corporation


Microsemi Corporation was an American company that specialized in the design and manufacture of semiconductor and system solutions.
The company was founded in 1960 and was headquartered in Aliso Viejo, California.
Microsemi provided a wide range of products including analog and mixed-signal integrated circuits, field-programmable gate arrays (FPGAs), power management and control products, and other semiconductor solutions.
The company's products were used in various applications such as defense and security, aerospace and aviation, industrial, and communications.
Microsemi was known for its expertise in semiconductor technology and its ability to deliver high-quality and reliable products to its customers.
In 2018, Microsemi was acquired by Microchip Technology, a leading provider of microcontroller, mixed-signal, analog, and security products.
The Microsemi brand is no longer in use, but its technology and products continue to be a part of Microchip's portfolio.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com