Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

BFR90 Datasheet(PDF) 3 Page - Microsemi Corporation

Part # BFR90
Description  RF & MICROWAVE DISCRETE LOW POWER TRANSISTORS
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROSEMI [Microsemi Corporation]
Direct Link  http://www.microsemi.com
Logo MICROSEMI - Microsemi Corporation

BFR90 Datasheet(HTML) 3 Page - Microsemi Corporation

  BFR90 Datasheet HTML 1Page - Microsemi Corporation BFR90 Datasheet HTML 2Page - Microsemi Corporation BFR90 Datasheet HTML 3Page - Microsemi Corporation BFR90 Datasheet HTML 4Page - Microsemi Corporation BFR90 Datasheet HTML 5Page - Microsemi Corporation  
Zoom Inzoom in Zoom Outzoom out
 3 / 5 page
background image
MSC1307.PDF 10-25-99
BFR90
FUNCTIONAL
Symbol
Test Conditions
Value
Min.
Typ.
Max.
Unit
NF
Noise Figure
(IC = 2.0 mAdc, VCE = 10 Vdc, f = 0.5 GHz)
(IC = 2.0 mAdc, VCE = 10 Vdc, f = 1.0 GHz)
-
-
2.4
3.0
-
-
dB
GNF
Power Gain at Optimum Noise Figure
(IC = 2.0 mAdc, VCE = 10 Vdc, f = 0.5 GHz)
(IC = 2.0 mAdc, VCE = 10 Vdc, f = 1.0 GHz)
-
-
15
10
-
-
dB
|S21|
2
Insertion Gain
(IC = 14 mAdc, VCE = 10 Vdc, f = 0.5 GHz)
(IC = 14 mAdc, VCE = 10 Vdc, f = 1.0 GHz)
15
16
11
-
dB
MSG
Maximum Stable Gain
(IC = 14 mAdc, VCE = 10 Vdc, f = 0.5 GHz)
(IC = 14 mAdc, VCE = 10 Vdc, f = 1.0 GHz)
-
20
15
-
dB
G
U max
Maximum Unilateral Gain (1)
(IC = 14 mAdc, VCE = 10 Vdc, f = 0.5 GHz)
(IC = 14 mAdc, VCE = 10 Vdc, f = 1.0 GHz)
-
18
12.5
-
dB
Table 1. Common Emitter S-Parameters, @ VCE = 10 V, IC = 14 mA
f
S11
S21
S12
S22
(MHz)
|S11|
∠ φ
|S21|
∠ φ
|S12|
∠ φ
|S22|
∠ φ
100
0.382
-41
21.21
141
0.016
79
0.718
-9
200
0.282
-77
14.85
116
0.028
74
0.662
-18
300
0.217
-101
10.71
104
0.039
74
0.599
-20
500
0.162
-131
6.78
91
0.061
76
0.558
-24
700
0.140
-151
4.98
83
0.082
76
0.55
-28
800
0.135
-159
4.42
80
0.093
76
0.552
-29
1000
0.124
-176
3.59
74
0.117
75
0.553
-33



Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com