Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

696-3 Datasheet (PDF) - Microsemi Corporation

696-3 Datasheet PDF - Microsemi Corporation
Part # 696-3
Download  696-3 Download
File Size   118.18 Kbytes
Page   3 Pages
Manufacturer  MICROSEMI [Microsemi Corporation]
Direct Link  http://www.microsemi.com
Logo MICROSEMI - Microsemi Corporation
Description RECTIFIERS ASSEMBLIES

696-3 Datasheet (PDF)

Go To PDF Page Download Datasheet
696-3 Datasheet PDF - Microsemi Corporation

Part # 696-3
Download  696-3 Click to download

File Size   118.18 Kbytes
Page   3 Pages
Manufacturer  MICROSEMI [Microsemi Corporation]
Direct Link  http://www.microsemi.com
Logo MICROSEMI - Microsemi Corporation
Description RECTIFIERS ASSEMBLIES

696-3 Datasheet (HTML) - Microsemi Corporation


696-3 Product details

Three Phase Bridge Standard & Fast Recovery

● Current ratings to 25A
● VRRM to 600V
● Only fused-in-glass diodes used
● 150°C junction temperature
● Surge rating to 150A
● Recovery times to 500nS
● Electrically isolated Aluminum case
● Controlled avalanche characteristics
● MIL-PRF-19500 Similarity
● Sn/Pb terminations




Similar Part No. - 696-3

ManufacturerPart #DatasheetDescription
logo
Microsemi Corporation
696-3 MICROSEMI-696-3 Datasheet
156Kb / 3P
Three Phase Bridge Standard & Fast Recovery
logo
Marl International Limi...
696-301-04 MARL-696-301-04 Datasheet
267Kb / 2P
PANEL INDICATOR LED
696-301-20 MARL-696-301-20 Datasheet
415Kb / 4P
횠6.1mm mounting Black anodised aluminium housing
696-301-20 MARL-696-301-20 Datasheet
267Kb / 2P
PANEL INDICATOR LED
696-301-21 MARL-696-301-21 Datasheet
299Kb / 3P
PROFESSIONAL LED INDICATORS 횠6.1mm Mounting
More results


Similar Description - 696-3

ManufacturerPart #DatasheetDescription
logo
Microsemi Corporation
1N5597 MICROSEMI-1N5597 Datasheet
111Kb / 3P
RECTIFIERS ASSEMBLIES
673 MICROSEMI-673 Datasheet
79Kb / 2P
RECTIFIERS ASSEMBLIES
679 MICROSEMI-679 Datasheet
129Kb / 3P
RECTIFIERS ASSEMBLIES
681 MICROSEMI-681 Datasheet
71Kb / 2P
RECTIFIERS ASSEMBLIES
688 MICROSEMI-688 Datasheet
69Kb / 2P
RECTIFIERS ASSEMBLIES
804 MICROSEMI-804 Datasheet
82Kb / 2P
RECTIFIERS ASSEMBLIES
JAN469-1 MICROSEMI-JAN469-1 Datasheet
95Kb / 2P
RECTIFIERS ASSEMBLIES SINGLE PHASE BRIDGES, 10 AMP, Military Approved
JANTX483-1 MICROSEMI-JANTX483-1 Datasheet
81Kb / 2P
RECTIFIERS ASSEMBLIES THREE PHASE BRIDGES, 25 AMP, MILITARY APPROVED
UFB MICROSEMI-UFB Datasheet
136Kb / 3P
RECTIFIERS ASSEMBLIES
US12 MICROSEMI-US12 Datasheet
153Kb / 4P
RECTIFIERS ASSEMBLIES
More results




About Microsemi Corporation


Microsemi Corporation was an American company that specialized in the design and manufacture of semiconductor and system solutions.
The company was founded in 1960 and was headquartered in Aliso Viejo, California.
Microsemi provided a wide range of products including analog and mixed-signal integrated circuits, field-programmable gate arrays (FPGAs), power management and control products, and other semiconductor solutions.
The company's products were used in various applications such as defense and security, aerospace and aviation, industrial, and communications.
Microsemi was known for its expertise in semiconductor technology and its ability to deliver high-quality and reliable products to its customers.
In 2018, Microsemi was acquired by Microchip Technology, a leading provider of microcontroller, mixed-signal, analog, and security products.
The Microsemi brand is no longer in use, but its technology and products continue to be a part of Microchip's portfolio.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com