Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CS5205-3GDP3 Datasheet (PDF) - ON Semiconductor

CS5205-3GDP3 Datasheet PDF - ON Semiconductor
Part # CS5205-3GDP3
Download  CS5205-3GDP3 Download
File Size   245.18 Kbytes
Page   9 Pages
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor
Description 5.0 A Adjustable, and 3.3 V and 5.0 V Fixed Linear Regulators

CS5205-3GDP3 Datasheet (PDF)

Go To PDF Page Download Datasheet
CS5205-3GDP3 Datasheet PDF - ON Semiconductor

Part # CS5205-3GDP3
Download  CS5205-3GDP3 Click to download

File Size   245.18 Kbytes
Page   9 Pages
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor
Description 5.0 A Adjustable, and 3.3 V and 5.0 V Fixed Linear Regulators

CS5205-3GDP3 Datasheet (HTML) - ON Semiconductor


CS5205-3GDP3 Product details

The CS5205−x series of linear regulators provides 5.0 A at adjustable and fixed voltages with an accuracy of ±1.0% and ±2.0% respectively. The adjustable version uses two external resistors to set the output voltage within a 1.25 V to 13 V range.

Features
• Output Current to 5.0 A
• Output Trimmed to ±1.0%
• Dropout Voltage 1.2 V @ 5.0 A
• Fast Transient Response
• Fault Protection Circuitry
    − Thermal Shutdown
    − Overcurrent Protection
    − Safe Area Protection




Similar Part No. - CS5205-3GDP3

ManufacturerPart #DatasheetDescription
logo
Cherry Semiconductor Co...
CS5205-3GDP3 CHERRY-CS5205-3GDP3 Datasheet
163Kb / 7P
5A Adjustable, and 3.3V and 5V Fixed Linear Regulators
Rev. 6/12/97
More results


Similar Description - CS5205-3GDP3

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
CS5205-2 ONSEMI-CS5205-2 Datasheet
56Kb / 8P
5.0 A, 1.5 V Fixed Linear Regulator
January, 2004 ??Rev. 8
CS5203A-1 ONSEMI-CS5203A-1 Datasheet
86Kb / 10P
3.0 A Adjustable, and Fixed 1.5 V, 3.3 V and 5.0 V Linear Regulators
June, 2004 ??Rev. 7
NCP1086 ONSEMI-NCP1086 Datasheet
102Kb / 14P
1.5 A Adjustable and 3.3 V Fixed Output Linear Regulator
July, 2004 ??Rev. 4
CS5204-1 ONSEMI-CS5204-1 Datasheet
73Kb / 10P
4.0 A Adjustable, and 3.3 V and 5.0 V Fixed Linear Regulators
January, 2004 ??Rev. 8
CS5206-3 ONSEMI-CS5206-3 Datasheet
77Kb / 10P
6.0 A Adjustable, and Fixed 3.3 V and 5.0 V Linear Regulators
January, 2004 ??Rev. 7
CS5204-1 ONSEMI-CS5204-1_06 Datasheet
239Kb / 9P
4.0 A Adjustable, and 3.3 V and 5.0 V Fixed Linear Regulators
September, 2006 ??Rev. 9
NCP1086 ONSEMI-NCP1086_05 Datasheet
121Kb / 14P
1.5 A Adjustable and 3.3 V Fixed Output Linear Regulator
May, 2005 ??Rev. 6
CS5205A-1 ONSEMI-CS5205A-1 Datasheet
219Kb / 8P
5.0 A Adjustable Linear Regulator
September, 2006 ??Rev. 7
logo
Rohm
BD450M5FP-CE2 ROHM-BD450M5FP-CE2 Datasheet
1Mb / 40P
500-mA 3.3-V or 5.0-V Output LDO Regulators
BD4XXM5-C ROHM-BD4XXM5-C Datasheet
1Mb / 39P
500-mA 3.3-V or 5.0-V Output LDO Regulators
22.Feb.2017 Rev.006
More results




About ON Semiconductor


ON Semiconductor is a publicly traded company that designs, develops, and manufactures a wide range of semiconductor products for various applications, including automotive, computing, consumer, industrial, and communications markets.
The company was founded in 1999 and is headquartered in Phoenix, Arizona.
ON Semiconductor offers a broad portfolio of power management, analog, and discrete semiconductors, including power MOSFETs, diodes, rectifiers, and voltage regulators, among others.
The company's products are designed to be energy efficient, reliable, and cost-effective, and are used in a variety of applications, including portable electronics, industrial automation systems, renewable energy systems, and automotive electronics.
ON Semiconductor is dedicated to innovation and customer satisfaction, and is committed to providing its customers with the best semiconductor solutions to meet their needs.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com