Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CS8127 Datasheet (PDF) - ON Semiconductor

CS8127 Datasheet PDF - ON Semiconductor
Part # CS8127
Download  CS8127 Download
File Size   73.73 Kbytes
Page   8 Pages
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor
Description 5V Linear Controller/Driver

CS8127 Datasheet (PDF)

Go To PDF Page Download Datasheet
CS8127 Datasheet PDF - ON Semiconductor

Part # CS8127
Download  CS8127 Click to download

File Size   73.73 Kbytes
Page   8 Pages
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor
Description 5V Linear Controller/Driver

CS8127 Datasheet (HTML) - ON Semiconductor


CS8127 Product details

Description
The CS8127 contains all the necessary control circuitry to implement a 5V linear regulator. An external pass device is used to produce superior performance compared to conventional monolithic regulators. The CS8127 with a TIP42 PNP transistor typically provides a 100mV dropout voltage at 500mA, increasing to 350mV at 3A. Quiescent current at 500mA is only 5mA.

Features
■ Externally Set Delay for Reset
■ 60V Peak Transient Capability
■ Internal Thermal Overload Protection
■ 3% Output Accuracy
■ Active RESET
■ Noise Immunity
■ On Chip EMC Hardening Protection Incorporated
■ Externally Set Current Limit




Similar Part No. - CS8127

ManufacturerPart #DatasheetDescription
logo
Cherry Semiconductor Co...
CS8127 CHERRY-CS8127 Datasheet
163Kb / 6P
5V Linear Controller/Driver
Rev. 2/12/99
CS8127YD8 CHERRY-CS8127YD8 Datasheet
163Kb / 6P
5V Linear Controller/Driver
Rev. 2/12/99
CS8127YDR8 CHERRY-CS8127YDR8 Datasheet
163Kb / 6P
5V Linear Controller/Driver
Rev. 2/12/99
CS8127YN8 CHERRY-CS8127YN8 Datasheet
163Kb / 6P
5V Linear Controller/Driver
Rev. 2/12/99
More results


Similar Description - CS8127

ManufacturerPart #DatasheetDescription
logo
Cherry Semiconductor Co...
CS8127 CHERRY-CS8127 Datasheet
163Kb / 6P
5V Linear Controller/Driver
Rev. 2/12/99
CS8128 CHERRY-CS8128 Datasheet
166Kb / 6P
5V Linear Controller/Driver
Rev. 2/5/99
logo
Richtek Technology Corp...
RT9212 RICHTEK-RT9212 Datasheet
300Kb / 14P
Dual 5V Synchronous Buck PWM DC-DC and Linear Power Controller
RT9218 RICHTEK-RT9218 Datasheet
403Kb / 18P
5V/12V Synchronous Buck PWM DC-DC and Linear Power Controller
logo
Diodes Incorporated
AL8400 DIODES-AL8400 Datasheet
252Kb / 12P
0.2V LINEAR LED DRIVER CONTROLLER
DS35115 Rev. 1 - 2
logo
TriQuint Semiconductor
AH314 TRIQUINT-AH314_15 Datasheet
406Kb / 9P
2.3-2.9 GHz 2W 5V Linear Driver Amplifier
logo
M/A-COM Technology Solu...
MADR-007098-000100 MA-COM-MADR-007098-000100_15 Datasheet
69Kb / 4P
Linear Driver
logo
ON Semiconductor
CS8121 ONSEMI-CS8121 Datasheet
102Kb / 8P
5V, 1A Linear Regulator
December, 2001 - Rev. 7
CS8128 ONSEMI-CS8128 Datasheet
68Kb / 8P
5V Linear Controller/Driver
December, 2001 - Rev. 7
logo
Diodes Incorporated
AL1771 DIODES-AL1771 Datasheet
622Kb / 24P
PFC CONTROLLER SINGLE/DUAL DIMMABLE LINEAR LED DRIVER
Rev 1
More results




About ON Semiconductor


ON Semiconductor is a publicly traded company that designs, develops, and manufactures a wide range of semiconductor products for various applications, including automotive, computing, consumer, industrial, and communications markets.
The company was founded in 1999 and is headquartered in Phoenix, Arizona.
ON Semiconductor offers a broad portfolio of power management, analog, and discrete semiconductors, including power MOSFETs, diodes, rectifiers, and voltage regulators, among others.
The company's products are designed to be energy efficient, reliable, and cost-effective, and are used in a variety of applications, including portable electronics, industrial automation systems, renewable energy systems, and automotive electronics.
ON Semiconductor is dedicated to innovation and customer satisfaction, and is committed to providing its customers with the best semiconductor solutions to meet their needs.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com