Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LX8580 Datasheet (PDF) - Microsemi Corporation

LX8580 Datasheet PDF - Microsemi Corporation
Part # LX8580
Download  LX8580 Download
File Size   124.58 Kbytes
Page   4 Pages
Manufacturer  MICROSEMI [Microsemi Corporation]
Direct Link  http://www.microsemi.com
Logo MICROSEMI - Microsemi Corporation
Description 7A VERY LOW DROPOUT POSITIVE ADJUSTABLE REGULATOR

LX8580 Datasheet (PDF)

Go To PDF Page Download Datasheet
LX8580 Datasheet PDF - Microsemi Corporation

Part # LX8580
Download  LX8580 Click to download

File Size   124.58 Kbytes
Page   4 Pages
Manufacturer  MICROSEMI [Microsemi Corporation]
Direct Link  http://www.microsemi.com
Logo MICROSEMI - Microsemi Corporation
Description 7A VERY LOW DROPOUT POSITIVE ADJUSTABLE REGULATOR

LX8580 Datasheet (HTML) - Microsemi Corporation


LX8580 Product details

DESCRIPTION
The LX8580 is a high-performance, very low dropout voltage regulator, designed for use with advanced microprocessors. This product can be used with separate voltage supplies for the control and power sections, allowing a power section dropout voltage as low as 100mV. The LX8580 can also be used in a single voltage supply configuration, with a dropout performance similar to that of the LX8584 (1.3V at 7A).

KEY FEATURES
■ Low Dropout, 800mV Max. at 7A Output Current in Dual Supply Mode
■ Fast Transient Response
■ Remote Sensing
□ 1mV Load Regulation
□ Adjustable Output
□ No Supply Sequencing Problems in Dual Supply Mode

APPLICATIONS
■ Microprocessor Supplies
■ 3.3V to 2.5V Processor Power Supplies
■ High-Current Regulators
■ Post Regulators for Switching Supplies




Similar Part No. - LX8580

ManufacturerPart #DatasheetDescription
logo
Microsemi Corporation
LX8580A MICROSEMI-LX8580A Datasheet
172Kb / 8P
7.5A Very Low Dropout Positive Regulator
LX8580A-00CDD MICROSEMI-LX8580A-00CDD Datasheet
172Kb / 8P
7.5A Very Low Dropout Positive Regulator
LX8580A-00CDF MICROSEMI-LX8580A-00CDF Datasheet
172Kb / 8P
7.5A Very Low Dropout Positive Regulator
LX8580A-00CP MICROSEMI-LX8580A-00CP Datasheet
172Kb / 8P
7.5A Very Low Dropout Positive Regulator
More results


Similar Description - LX8580

ManufacturerPart #DatasheetDescription
logo
UNISEM
US1075 UNISEM-US1075 Datasheet
36Kb / 5P
7.5A LOW DROPOUT POSITIVE ADJUSTABLE REGULATOR
logo
Fairchild Semiconductor
RC1584 FAIRCHILD-RC1584 Datasheet
61Kb / 12P
7A Adjustable/Fixed Low Dropout Linear Regulator
logo
International Rectifier
IRU1117 IRF-IRU1117 Datasheet
68Kb / 10P
800mA LOW DROPOUT POSITIVE ADJUSTABLE REGULATOR
logo
Linear Technology
LT1580 LINER-LT1580 Datasheet
308Kb / 16P
7A, Very Low Dropout Regulator
logo
Vishay Siliconix
GS1086 VISHAY-GS1086 Datasheet
81Kb / 6P
1.5A Low Dropout Positive Adjustable Regulator
12-Mar-02
GS1084 VISHAY-GS1084 Datasheet
57Kb / 6P
5A Low Dropout Positive Adjustable Regulator
26-Mar-02
74802 VISHAY-74802 Datasheet
81Kb / 6P
800mA Low Dropout Positive Adjustable Regulator
20-Feb-02
logo
Microsemi Corporation
LX8580A MICROSEMI-LX8580A Datasheet
172Kb / 8P
7.5A Very Low Dropout Positive Regulator
logo
Linear Technology
LT1580 LINER-LT1580_15 Datasheet
244Kb / 16P
7A, Very Low Dropout Regulator
LT1580-2.5 LINER-LT1580-2.5_15 Datasheet
244Kb / 16P
7A, Very Low Dropout Regulator
More results




About Microsemi Corporation


Microsemi Corporation was an American company that specialized in the design and manufacture of semiconductor and system solutions.
The company was founded in 1960 and was headquartered in Aliso Viejo, California.
Microsemi provided a wide range of products including analog and mixed-signal integrated circuits, field-programmable gate arrays (FPGAs), power management and control products, and other semiconductor solutions.
The company's products were used in various applications such as defense and security, aerospace and aviation, industrial, and communications.
Microsemi was known for its expertise in semiconductor technology and its ability to deliver high-quality and reliable products to its customers.
In 2018, Microsemi was acquired by Microchip Technology, a leading provider of microcontroller, mixed-signal, analog, and security products.
The Microsemi brand is no longer in use, but its technology and products continue to be a part of Microchip's portfolio.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com