Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

US1075 Datasheet (PDF) - UNISEM

US1075 Datasheet PDF - UNISEM
Part # US1075
Download  US1075 Download
File Size   36.39 Kbytes
Page   5 Pages
Manufacturer  UNISEM [UNISEM]
Direct Link  
Logo UNISEM - UNISEM
Description 7.5A LOW DROPOUT POSITIVE ADJUSTABLE REGULATOR

US1075 Datasheet (PDF)

Go To PDF Page Download Datasheet
US1075 Datasheet PDF - UNISEM

Part # US1075
Download  US1075 Click to download

File Size   36.39 Kbytes
Page   5 Pages
Manufacturer  UNISEM [UNISEM]
Direct Link  
Logo UNISEM - UNISEM
Description 7.5A LOW DROPOUT POSITIVE ADJUSTABLE REGULATOR

US1075 Datasheet (HTML) - UNISEM


US1075 Product details

DESCRIPTION
The US1075 product is a low dropout three terminal adjustable regulator with minimum of 7.5A output current capability. This product is specifically designed to provide well regulated supply for low voltage IC applications such as Pentiumä P54Cä,P55Cä as well as GTL+ termination for Pentium Proä and Klamathä processor applications . The US1075 is also well suited for other processors such as Cyrixä,AMD and Power PCäapplications. The US 1075 is guaranteed to have <1.2V drop out at full load current making it ideal to provide well regulated outputs such as 3.3V with input supply voltage as low as 4.5V minimum.

FEATURES
■ 1V Dropout at Full Load Current
■ Fast Transient Response
■ 1% Voltage Reference Initial Accuracy
■ Output Current Limiting
■ Built-in Thermal Shutdown

APPLICATIONS
■ Low Voltage Processor Applications such as :
   P54C™,P55C™,Cyrix M2™,
   POWER PC™,AMD
■ GTL+ Termination
   PENTIUM PRO™, KLAMATH™
■ Low Voltage Memory Termination Applications
■ Standard 3.3V Chip-Set and Logic Applications




Similar Part No. - US1075

ManufacturerPart #DatasheetDescription
logo
Unisonic Technologies
US107 UTC-US107 Datasheet
186Kb / 8P
POWER DISTRIBUTION SWITCH
US107AHG-AF5-R UTC-US107AHG-AF5-R Datasheet
186Kb / 8P
POWER DISTRIBUTION SWITCH
US107AHL-AF5-R UTC-US107AHL-AF5-R Datasheet
186Kb / 8P
POWER DISTRIBUTION SWITCH
US107ALG-AF5-R UTC-US107ALG-AF5-R Datasheet
186Kb / 8P
POWER DISTRIBUTION SWITCH
US107ALL-AF5-R UTC-US107ALL-AF5-R Datasheet
186Kb / 8P
POWER DISTRIBUTION SWITCH
More results


Similar Description - US1075

ManufacturerPart #DatasheetDescription
logo
UNISEM
US1175 UNISEM-US1175 Datasheet
35Kb / 5P
7.5A ULTRA LOW DROPOUT POSITIVE ADJUSTABLE REGULATOR
logo
International Rectifier
IRU1075 IRF-IRU1075 Datasheet
94Kb / 6P
7.5A LOW DROPOUT POSITIVE ADJUSTABLE REGULATOR
IRU1175 IRF-IRU1175 Datasheet
50Kb / 6P
7.5A ULTRA LOW DROPOUT POSITIVE ADJUSTABLE REGULATOR
logo
Microsemi Corporation
LX8580A MICROSEMI-LX8580A Datasheet
172Kb / 8P
7.5A Very Low Dropout Positive Regulator
logo
International Rectifier
IRU1176 IRF-IRU1176 Datasheet
46Kb / 6P
7.5A ULTRA LOW DROPOUT POSITIVE ADJUSTABLE REGULATOR WITH SHUTDOWN INPUT
logo
Taiwan Semiconductor Co...
TS1083 TSC-TS1083_05 Datasheet
264Kb / 5P
7.5A Low Dropout Positive Voltage Regulator
logo
Linear Technology
RH1083CK LINER-RH1083CK Datasheet
162Kb / 2P
7.5A Low Dropout Positive Adjustable Regulator
RH1083M LINER-RH1083M Datasheet
92Kb / 4P
7.5A Low Dropout Positive Adjustable Regulator
RH1083CK LINER-RH1083CK_15 Datasheet
168Kb / 2P
7.5A Low Dropout Positive Adjustable Regulator
RH1083M LINER-RH1083M_15 Datasheet
98Kb / 4P
7.5A Low Dropout Positive Adjustable Regulator
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com