Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

IRU1075 Datasheet (PDF) - International Rectifier

IRU1075 Datasheet PDF - International Rectifier
Part # IRU1075
Download  IRU1075 Download
File Size   94.69 Kbytes
Page   6 Pages
Manufacturer  IRF [International Rectifier]
Direct Link  http://www.irf.com
Logo IRF - International Rectifier
Description 7.5A LOW DROPOUT POSITIVE ADJUSTABLE REGULATOR

IRU1075 Datasheet (PDF)

Go To PDF Page Download Datasheet
IRU1075 Datasheet PDF - International Rectifier

Part # IRU1075
Download  IRU1075 Click to download

File Size   94.69 Kbytes
Page   6 Pages
Manufacturer  IRF [International Rectifier]
Direct Link  http://www.irf.com
Logo IRF - International Rectifier
Description 7.5A LOW DROPOUT POSITIVE ADJUSTABLE REGULATOR

IRU1075 Datasheet (HTML) - International Rectifier


IRU1075 Product details

DESCRIPTION
The IRU1075 is a low dropout three-terminal adjustable regulator with minimum of 7.5A output current capability. This product is specifically designed to provide well regulated supply for low voltage IC applications such as Pentium P54C, P55C as well as GTL+ termination for Pentium Pro and Klamath processor applications. The IRU1075 is also well suited for other processors such as Cyrix, AMD and Power PC appli cations. The IRU1075 is guaranteed to have <1.2V dropout at full load current making it ideal to provide well regulated outputs such as 3.3V with input supply voltage as low as 4.5V minimum.

FEATURES
■ 1V Dropout at Full Load Current
■ Fast Transient Response
■ 1% Voltage Reference Initial Accuracy
■ Output Current Limiting
■ Built-In Thermal Shutdown

APPLICATIONS
■ Low Voltage Processor Applications such as:
   P54C™, P55C™, Cyrix M2™, POWER PC™, AMD
■ GTL+ Termination
■ PENTIUM PRO™, KLAMATH™
■ Low Voltage Memory Termination Applications
■ Standard 3.3V Chip Set and Logic Applications




Similar Part No. - IRU1075

ManufacturerPart #DatasheetDescription
logo
International Rectifier
IRU1010 IRF-IRU1010 Datasheet
95Kb / 6P
1A LOW DROPOUT POSITIVE ADJUSTABLE REGULATOR
IRU1010 IRF-IRU1010 Datasheet
75Kb / 10P
1A LOW DROPOUT POSITIVE ADJUSTABLE REGULATOR
IRU1010-18 IRF-IRU1010-18 Datasheet
123Kb / 8P
1A LOW DROPOUT POSITIVE FIXED 1.8V REGULATOR
IRU1010-18 IRF-IRU1010-18 Datasheet
128Kb / 8P
1A LOW DROPOUT POSITIVE FIXED 1.8V REGULATOR
IRU1010-18CD IRF-IRU1010-18CD Datasheet
123Kb / 8P
1A LOW DROPOUT POSITIVE FIXED 1.8V REGULATOR
More results


Similar Description - IRU1075

ManufacturerPart #DatasheetDescription
logo
UNISEM
US1075 UNISEM-US1075 Datasheet
36Kb / 5P
7.5A LOW DROPOUT POSITIVE ADJUSTABLE REGULATOR
US1175 UNISEM-US1175 Datasheet
35Kb / 5P
7.5A ULTRA LOW DROPOUT POSITIVE ADJUSTABLE REGULATOR
logo
International Rectifier
IRU1175 IRF-IRU1175 Datasheet
50Kb / 6P
7.5A ULTRA LOW DROPOUT POSITIVE ADJUSTABLE REGULATOR
logo
Microsemi Corporation
LX8580A MICROSEMI-LX8580A Datasheet
172Kb / 8P
7.5A Very Low Dropout Positive Regulator
logo
International Rectifier
IRU1176 IRF-IRU1176 Datasheet
46Kb / 6P
7.5A ULTRA LOW DROPOUT POSITIVE ADJUSTABLE REGULATOR WITH SHUTDOWN INPUT
logo
Taiwan Semiconductor Co...
TS1083 TSC-TS1083_05 Datasheet
264Kb / 5P
7.5A Low Dropout Positive Voltage Regulator
logo
Linear Technology
RH1083CK LINER-RH1083CK Datasheet
162Kb / 2P
7.5A Low Dropout Positive Adjustable Regulator
RH1083M LINER-RH1083M Datasheet
92Kb / 4P
7.5A Low Dropout Positive Adjustable Regulator
RH1083CK LINER-RH1083CK_15 Datasheet
168Kb / 2P
7.5A Low Dropout Positive Adjustable Regulator
RH1083M LINER-RH1083M_15 Datasheet
98Kb / 4P
7.5A Low Dropout Positive Adjustable Regulator
More results




About International Rectifier


International Rectifier (IR) was an American company that specialized in the design and manufacture of power management and power control semiconductors.
The company was founded in 1947 and was headquartered in El Segundo, California.
IR provided a wide range of products including power management ICs, power MOSFETs, IGBTs, and other power control products.
The company's products were used in various applications such as computing, telecommunications, and industrial automation.
IR was known for its expertise in power management and control technology and its ability to deliver high-quality and reliable products to its customers.
In 2014, IR was acquired by Infineon Technologies, a leading provider of power management and control products and other semiconductor solutions.
The International Rectifier brand is no longer in use, but its technology and products continue to be a part of Infineon's portfolio.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com