Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

US1175 Datasheet (PDF) - UNISEM

US1175 Datasheet PDF - UNISEM
Part # US1175
Download  US1175 Download
File Size   35.96 Kbytes
Page   5 Pages
Manufacturer  UNISEM [UNISEM]
Direct Link  
Logo UNISEM - UNISEM
Description 7.5A ULTRA LOW DROPOUT POSITIVE ADJUSTABLE REGULATOR

US1175 Datasheet (PDF)

Go To PDF Page Download Datasheet
US1175 Datasheet PDF - UNISEM

Part # US1175
Download  US1175 Click to download

File Size   35.96 Kbytes
Page   5 Pages
Manufacturer  UNISEM [UNISEM]
Direct Link  
Logo UNISEM - UNISEM
Description 7.5A ULTRA LOW DROPOUT POSITIVE ADJUSTABLE REGULATOR

US1175 Datasheet (HTML) - UNISEM


US1175 Product details

DESCRIPTION

The US1175 product is a 7.5A regulator with extremely low dropout voltage using a proprietary Bipolar process that achieves comparable equivalent on resistance to that of discrete MOSFETs. This product is specifically designed to provide well regulated supply for applications requiring very low dropout such as 2.8V from 3.3V ATX power supplies where the same efficiency as the switcher can be achieved without the cost and complexity associated with switching regulators. One such application is the new graphic chip sets that requires 2.7V supply such as the Intel I740 chip set.



FEATURES

0.5V Dropout at 7.5A (Equivalent of 67mW)

Fast Transient Response

1% Voltage Reference Initial Accuracy

Built-in Thermal Shutdown



APPLICATIONS

3.3V to 2.7V Intel I740 chip set.




Similar Part No. - US1175

ManufacturerPart #DatasheetDescription
logo
UNISEM
US1176 UNISEM-US1176 Datasheet
35Kb / 5P
7.5A ULTRA LOW DROPOUT POSITIVE ADJUSTABLE REGULATOR WITH SHUTDOWN INPUT
US1176CM UNISEM-US1176CM Datasheet
35Kb / 5P
7.5A ULTRA LOW DROPOUT POSITIVE ADJUSTABLE REGULATOR WITH SHUTDOWN INPUT
US1176CP UNISEM-US1176CP Datasheet
35Kb / 5P
7.5A ULTRA LOW DROPOUT POSITIVE ADJUSTABLE REGULATOR WITH SHUTDOWN INPUT
More results


Similar Description - US1175

ManufacturerPart #DatasheetDescription
logo
UNISEM
US1075 UNISEM-US1075 Datasheet
36Kb / 5P
7.5A LOW DROPOUT POSITIVE ADJUSTABLE REGULATOR
US1176 UNISEM-US1176 Datasheet
35Kb / 5P
7.5A ULTRA LOW DROPOUT POSITIVE ADJUSTABLE REGULATOR WITH SHUTDOWN INPUT
logo
International Rectifier
IRU1075 IRF-IRU1075 Datasheet
94Kb / 6P
7.5A LOW DROPOUT POSITIVE ADJUSTABLE REGULATOR
IRU1175 IRF-IRU1175 Datasheet
50Kb / 6P
7.5A ULTRA LOW DROPOUT POSITIVE ADJUSTABLE REGULATOR
logo
Microsemi Corporation
LX8580A MICROSEMI-LX8580A Datasheet
172Kb / 8P
7.5A Very Low Dropout Positive Regulator
logo
International Rectifier
IRU1176 IRF-IRU1176 Datasheet
46Kb / 6P
7.5A ULTRA LOW DROPOUT POSITIVE ADJUSTABLE REGULATOR WITH SHUTDOWN INPUT
logo
Linear Technology
RH1083CK LINER-RH1083CK Datasheet
162Kb / 2P
7.5A Low Dropout Positive Adjustable Regulator
RH1083M LINER-RH1083M Datasheet
92Kb / 4P
7.5A Low Dropout Positive Adjustable Regulator
RH1083CK LINER-RH1083CK_15 Datasheet
168Kb / 2P
7.5A Low Dropout Positive Adjustable Regulator
RH1083M LINER-RH1083M_15 Datasheet
98Kb / 4P
7.5A Low Dropout Positive Adjustable Regulator
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com