Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LXE1686-OX Datasheet (PDF) - Microsemi Corporation

LXE1686-OX Datasheet PDF - Microsemi Corporation
Part # LXE1686-OX
Download  LXE1686-OX Download
File Size   395.03 Kbytes
Page   15 Pages
Manufacturer  MICROSEMI [Microsemi Corporation]
Direct Link  http://www.microsemi.com
Logo MICROSEMI - Microsemi Corporation
Description INVERTER EVALUATION BOARD

LXE1686-OX Datasheet (PDF)

Go To PDF Page Download Datasheet
LXE1686-OX Datasheet PDF - Microsemi Corporation

Part # LXE1686-OX
Download  LXE1686-OX Click to download

File Size   395.03 Kbytes
Page   15 Pages
Manufacturer  MICROSEMI [Microsemi Corporation]
Direct Link  http://www.microsemi.com
Logo MICROSEMI - Microsemi Corporation
Description INVERTER EVALUATION BOARD

LXE1686-OX Datasheet (HTML) - Microsemi Corporation


LXE1686-OX Product details

DESCRIPTION
The LXE1686-0x CCFL Inverter Evaluation Boards are designed to demonstrate Linfinity’s LX1686 Backlight Controller IC. It consists of a fully assembled and tested inverter circuit board. This design guide complements the LX1686 controller application note AN-13 that discusses the overall inverter design considerations. The purpose of the evaluation board is to allow a designer to quickly modify the basic inverter circuit to match his LCD panel requirements. It will allow easy customization of the inverter’s input and output characteristics to optimize the inverter design.

LX1686 CONTROLLER FEATURES
• Vertical frame rate synchronization input: programmable to accept 45 to 500Hz
• Brightness control input: linear DC control input
• Direct PWM dimming input: logic level 100 to
   1000Hz PWM, lamp current burst mode
• Digital brightness control: wide range dimming,
   lamp current burst mode control
• Analog brightness control: limited dimming,
   traditional lamp current amplitude control
• Reverse dimming control: positive or negative
   control action
• Lamp current regulation input: operational error
   amplifier
• Over-voltage sensing input: optional hardware
   configurable for voltage and/or current
• Open lamp sensing input: open lamp detection and
   strike mode activation
• Dual output FET gate driver: dual N-channel power
   FET required
• Inverter enable/disable input: control inverter on/off
   state, low off state sleep current




Similar Part No. - LXE1686-OX

ManufacturerPart #DatasheetDescription
logo
Microsemi Corporation
LXE1686-0X MICROSEMI-LXE1686-0X Datasheet
395Kb / 15P
INVERTER EVALUATION BOARD
More results


Similar Description - LXE1686-OX

ManufacturerPart #DatasheetDescription
logo
Microsemi Corporation
LXE1686-0X MICROSEMI-LXE1686-0X Datasheet
395Kb / 15P
INVERTER EVALUATION BOARD
logo
Motorola, Inc
M68EVB912B32 MOTOROLA-M68EVB912B32 Datasheet
271Kb / 4P
Evaluation Board
logo
Cirrus Logic
CDB5466U CIRRUS-CDB5466U Datasheet
1Mb / 21P
Evaluation Board
CDB8130 CIRRUS-CDB8130 Datasheet
695Kb / 10P
Evaluation Board
CDB5012 CIRRUS-CDB5012 Datasheet
86Kb / 7P
Evaluation Board
CDB8416 CIRRUS-CDB8416 Datasheet
1Mb / 28P
Evaluation Board
logo
Asahi Kasei Microsystem...
AK4116-B AKM-AK4116-B Datasheet
258Kb / 19P
Evaluation Board
logo
Richtek Technology Corp...
RT7236GQW RICHTEK-RT7236GQW Datasheet
661Kb / 12P
Evaluation Board
RT7272AGSP RICHTEK-RT7272AGSP Datasheet
643Kb / 11P
Evaluation Board
RT7279GQW RICHTEK-RT7279GQW Datasheet
660Kb / 12P
Evaluation Board
More results




About Microsemi Corporation


Microsemi Corporation was an American company that specialized in the design and manufacture of semiconductor and system solutions.
The company was founded in 1960 and was headquartered in Aliso Viejo, California.
Microsemi provided a wide range of products including analog and mixed-signal integrated circuits, field-programmable gate arrays (FPGAs), power management and control products, and other semiconductor solutions.
The company's products were used in various applications such as defense and security, aerospace and aviation, industrial, and communications.
Microsemi was known for its expertise in semiconductor technology and its ability to deliver high-quality and reliable products to its customers.
In 2018, Microsemi was acquired by Microchip Technology, a leading provider of microcontroller, mixed-signal, analog, and security products.
The Microsemi brand is no longer in use, but its technology and products continue to be a part of Microchip's portfolio.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com