Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LXM1598-01 Datasheet (PDF) - Microsemi Corporation

LXM1598-01 Datasheet PDF - Microsemi Corporation
Part # LXM1598-01
Download  LXM1598-01 Download
File Size   235.93 Kbytes
Page   5 Pages
Manufacturer  MICROSEMI [Microsemi Corporation]
Direct Link  http://www.microsemi.com
Logo MICROSEMI - Microsemi Corporation
Description 12V CCFL INVERTER MODULES

LXM1598-01 Datasheet (PDF)

Go To PDF Page Download Datasheet
LXM1598-01 Datasheet PDF - Microsemi Corporation

Part # LXM1598-01
Download  LXM1598-01 Click to download

File Size   235.93 Kbytes
Page   5 Pages
Manufacturer  MICROSEMI [Microsemi Corporation]
Direct Link  http://www.microsemi.com
Logo MICROSEMI - Microsemi Corporation
Description 12V CCFL INVERTER MODULES

LXM1598-01 Datasheet (HTML) - Microsemi Corporation


LXM1598-01 Product details

DESCRIPTION
LXM1598-01 CCFL (cold cathode florescent lamp) Inverter Modules are specifically designed for driving LCD back light lamps in applications where dimmability, ultrahigh efficiency, high light output, low noise emissions, reliable fail safe design, and small form factors are critical parameters. Both monochrome and color displays are supported.

KEY FEATURES
■ 15 to 30% More Light Output
■ Closed Loop, Fully Regulating Design
■ 10V To 14V Input Voltage Range
■ Versatile Brightness Control Input
■ 3 MicroAMP Sleep Current
■ Output Short Circuit Protection And Automatic Over-Voltage Limiting
■ 8mm Max. Height, Narrow Footprints

APPLICATIONS
■ Notebook And Sub-Notebook Computers
■ Personal Digital Assistants
■ Portable Instrumentation
■ Automotive Displays
■ Desktop Displays
■ Airline Entertainment Centers




Similar Part No. - LXM1598-01

ManufacturerPart #DatasheetDescription
logo
Microsemi Corporation
LXM1596-01 MICROSEMI-LXM1596-01 Datasheet
247Kb / 5P
WIDE INPUT CCFL INVERTER MODULES
LXM1597-01 MICROSEMI-LXM1597-01 Datasheet
233Kb / 5P
5V CCFL INVERTER MODULES
More results


Similar Description - LXM1598-01

ManufacturerPart #DatasheetDescription
logo
Microsemi Corporation
LXM1597-01 MICROSEMI-LXM1597-01 Datasheet
233Kb / 5P
5V CCFL INVERTER MODULES
LXM1617-12-4X MICROSEMI-LXM1617-12-4X Datasheet
182Kb / 6P
12V 4W CCFL Programmable Inverter Module
LXM1618-12-6X MICROSEMI-LXM1618-12-6X Datasheet
188Kb / 6P
12V 6W CCFL Programmable Inverter Module
LXMG1617-12-4X MICROSEMI-LXMG1617-12-4X Datasheet
166Kb / 6P
12V 4W CCFL Programmable Inverter Module
LXMG1618-12-6X MICROSEMI-LXMG1618-12-6X Datasheet
169Kb / 6P
12V 6W CCFL Programmable Inverter Module
LXMG1617A-12-6X MICROSEMI-LXMG1617A-12-6X Datasheet
182Kb / 6P
12V 6W CCFL Programmable Inverter Module
LXMG1813-12-6XS MICROSEMI-LXMG1813-12-6XS Datasheet
235Kb / 7P
12V 6W CCFL Programmable Inverter Module
LXMG1618A-12-4X MICROSEMI-LXMG1618A-12-4X Datasheet
182Kb / 6P
12V 4W CCFL Programmable Inverter Module
LXMG1617A-12-4X MICROSEMI-LXMG1617A-12-4X_10 Datasheet
184Kb / 6P
12V 4W CCFL Programmable Inverter Module
LXMG1617A-12-6X MICROSEMI-LXMG1617A-12-6X_10 Datasheet
183Kb / 6P
12V 6W CCFL Programmable Inverter Module
More results




About Microsemi Corporation


Microsemi Corporation was an American company that specialized in the design and manufacture of semiconductor and system solutions.
The company was founded in 1960 and was headquartered in Aliso Viejo, California.
Microsemi provided a wide range of products including analog and mixed-signal integrated circuits, field-programmable gate arrays (FPGAs), power management and control products, and other semiconductor solutions.
The company's products were used in various applications such as defense and security, aerospace and aviation, industrial, and communications.
Microsemi was known for its expertise in semiconductor technology and its ability to deliver high-quality and reliable products to its customers.
In 2018, Microsemi was acquired by Microchip Technology, a leading provider of microcontroller, mixed-signal, analog, and security products.
The Microsemi brand is no longer in use, but its technology and products continue to be a part of Microchip's portfolio.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com