Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LXM1598-01 Datasheet(PDF) 3 Page - Microsemi Corporation

Part # LXM1598-01
Description  12V CCFL INVERTER MODULES
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROSEMI [Microsemi Corporation]
Direct Link  http://www.microsemi.com
Logo MICROSEMI - Microsemi Corporation

LXM1598-01 Datasheet(HTML) 3 Page - Microsemi Corporation

  LXM1598-01 Datasheet HTML 1Page - Microsemi Corporation LXM1598-01 Datasheet HTML 2Page - Microsemi Corporation LXM1598-01 Datasheet HTML 3Page - Microsemi Corporation LXM1598-01 Datasheet HTML 4Page - Microsemi Corporation LXM1598-01 Datasheet HTML 5Page - Microsemi Corporation  
Zoom Inzoom in Zoom Outzoom out
 3 / 5 page
background image
12V CCFL I NVER T E R M ODULES
LXM1598-01
PRODUCT DA T ABOOK 1996/1997
3
Copyright © 1998
Rev. 0.8a 10/00
Not Recommended for New Designs
P A TENT P ENDING
FUNCTIONAL PIN DESCRIPTION
MECHANICAL OUTLINE
3.93 (100)
1.04
(26.40)
1.02
(26.10)
Ø 0.068 (1.75)
Location Hole
0.64
(16)
2-2
2-1
Connector CN-2
Connector CN-1
1-1
1-8
.031 (0.79)
All dimensions in inches (mm)
.326 Max. (8.3)
Warning!!
High Voltage
Present
0.15
(3.85)
Ø 0.116 (2.95)
Location Hole
0.43
(11.00)
Connectors:
Recommended Mate:
CN-1
= MOLEX 53261-0890
Pins: 50079-8100*, Housing: 51021-0800
* Loose (-8000, Chain) Recommended #26 AWG wiring
CN-2
= JST SM02(8.0) B-BHS-TB
Pins: 5BH-001T-P0.5, Housing: BHR-03VS-1
Note: All samples are equipped with connector mates and cable.
Conn.
Pin
Description
V
IN
Input voltage. (+10 to +14V
DC)
GND
Power supply return.
SLEEP
Logical high on this pin enables inverter operation. Logical low removes power from the module and
the lamp. A floating input is sensed as a logical high and will enable inverter operation.
BRITE
Brightness control input. Apply 0.0 to 2.2 volts DC to control lamp brightness. Lamp current varies
linearly with input voltage. 2.2V gives maximum brightness.
AGND
Brightness control signal return. For best results do not run power supply current return through this pin.
V
REF
Reference Voltage Output. 2.5V @ 500µA max. For use with external dimming circuit.
CN1-1
CN1-2
CN1-3
CN1-4
CN1-5
CN1-6
CN1-7
CN1-8
CN1
CN2
CN2-1
CN2-2
LAMP HI
High voltage connection to high side of lamp. Connect to lamp terminal with shortest lead length. Do not
connect to ground.
LAMP LO
High voltage connection to low side of lamp. Connect to lamp terminal with longer lead length. Do not
connect to ground.



Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com