Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LXM1614 Datasheet (PDF) - Microsemi Corporation

LXM1614 Datasheet PDF - Microsemi Corporation
Part # LXM1614
Download  LXM1614 Download
File Size   323.11 Kbytes
Page   9 Pages
Manufacturer  MICROSEMI [Microsemi Corporation]
Direct Link  http://www.microsemi.com
Logo MICROSEMI - Microsemi Corporation
Description DUAL DIMMING, EXTENDED TEMPEERATURE CCFL INVERTER MODULE

LXM1614 Datasheet (PDF)

Go To PDF Page Download Datasheet
LXM1614 Datasheet PDF - Microsemi Corporation

Part # LXM1614
Download  LXM1614 Click to download

File Size   323.11 Kbytes
Page   9 Pages
Manufacturer  MICROSEMI [Microsemi Corporation]
Direct Link  http://www.microsemi.com
Logo MICROSEMI - Microsemi Corporation
Description DUAL DIMMING, EXTENDED TEMPEERATURE CCFL INVERTER MODULE

LXM1614 Datasheet (HTML) - Microsemi Corporation


LXM1614 Product details

DESCRIPTION
Dual Drive, RangeMAX Wide Range Dimming, Single Output Inverter. The LXM1614 series of Direct Drive™ CCFL (Cold Cathode Fluorescent Lamp) Inverter Modules is specifically designed for driving LCD backlight lamps. Although similar to the RangeMAX LXM1612 wide range dimming inverters, the LXM1614 family offers two separate brightness controls for lamp current amplitude and duty cycle.

KEY FEATURES
◾ Independent Brightness Controls For Lamp Current Amplitude and Duty Cycle
◾ RangeMAX 1-100% Wide Range Dimming with Controlled Overdrive Boost
◾ On-Board Thermister automatically limits maximum lamp current
◾ Supports Wide Input Voltage Range 9-16V
◾ High Efficiency, Single Stage Direct Drive Topology
◾ -40°C to +85°C Ambient Temperature Operation
◾ Output Open/Short Circuit Protection
◾ Up to 1800V Output Voltage Capability
◾ Single side PCB Component Layout

APPLICATIONS
◾ Self Heating And High Pressure Lamp Technology
◾ Automotive Navigation, GPS Systems, Auto PC
◾ Extended Cold Temperature Operation
◾ Aircraft Cabin Displays
◾ Low Ambient Light Conditions Requiring Wide Range Dimming
◾ “Instant On” To Full Brightness For Large LCD Backlight Panels
◾ Industrial Notebook And Workstations




Similar Part No. - LXM1614

ManufacturerPart #DatasheetDescription
logo
Microsemi Corporation
LXM1614E-14-11 MICROSEMI-LXM1614E-14-11 Datasheet
299Kb / 9P
DUAL DIMMING, EXTENDED TEMPERATURE CCFL INVERTER MODULE
More results


Similar Description - LXM1614

ManufacturerPart #DatasheetDescription
logo
Microsemi Corporation
LXM1611-01 MICROSEMI-LXM1611-01 Datasheet
168Kb / 5P
DIGIT DIMMING CCFL INVERTER MODULE
LXM1621-XX MICROSEMI-LXM1621-XX Datasheet
219Kb / 8P
DIGITAL DIMMING DUAL LAMP CCFL INVERTER MODULE
LXM1622-05-XX MICROSEMI-LXM1622-05-XX Datasheet
243Kb / 6P
DUAL 5W, DIGITAL DIMMING CCFL INVERTER MODULE
LXM1622-12-XX MICROSEMI-LXM1622-12-XX Datasheet
239Kb / 6P
DUAL 5W, DIGITAL DIMMING CCFL INVERTER MODULE
LXM1641-01 MICROSEMI-LXM1641-01 Datasheet
232Kb / 11P
DIGITAL DIMMING DUAL LAMP CCFL INVERTER MODULE
LXMG1611-01 MICROSEMI-LXMG1611-01 Datasheet
243Kb / 6P
Digital Dimming CCFL Inverter Module
LXMG1614E-14-11 MICROSEMI-LXMG1614E-14-11 Datasheet
341Kb / 9P
DUAL DIMMING, EXTENDED TEMPERATURE CCFL INVERTER MODULE
LXMG1621-XX MICROSEMI-LXMG1621-XX Datasheet
307Kb / 10P
DIGITAL DIMMING DUAL LAMP CCFL INVERTER MODULE
LXM1614E-14-11 MICROSEMI-LXM1614E-14-11 Datasheet
299Kb / 9P
DUAL DIMMING, EXTENDED TEMPERATURE CCFL INVERTER MODULE
LXMG1621-XX MICROSEMI-LXMG1621-XX_10 Datasheet
296Kb / 10P
DIGITAL DIMMING DUAL LAMP CCFL INVERTER MODULE
More results




About Microsemi Corporation


Microsemi Corporation was an American company that specialized in the design and manufacture of semiconductor and system solutions.
The company was founded in 1960 and was headquartered in Aliso Viejo, California.
Microsemi provided a wide range of products including analog and mixed-signal integrated circuits, field-programmable gate arrays (FPGAs), power management and control products, and other semiconductor solutions.
The company's products were used in various applications such as defense and security, aerospace and aviation, industrial, and communications.
Microsemi was known for its expertise in semiconductor technology and its ability to deliver high-quality and reliable products to its customers.
In 2018, Microsemi was acquired by Microchip Technology, a leading provider of microcontroller, mixed-signal, analog, and security products.
The Microsemi brand is no longer in use, but its technology and products continue to be a part of Microchip's portfolio.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com