Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LXM1614 Datasheet(PDF) 4 Page - Microsemi Corporation

Part # LXM1614
Description  DUAL DIMMING, EXTENDED TEMPEERATURE CCFL INVERTER MODULE
PDF  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROSEMI [Microsemi Corporation]
Direct Link  http://www.microsemi.com
Logo MICROSEMI - Microsemi Corporation

LXM1614 Datasheet(HTML) 4 Page - Microsemi Corporation

  LXM1614 Datasheet HTML 1Page - Microsemi Corporation LXM1614 Datasheet HTML 2Page - Microsemi Corporation LXM1614 Datasheet HTML 3Page - Microsemi Corporation LXM1614 Datasheet HTML 4Page - Microsemi Corporation LXM1614 Datasheet HTML 5Page - Microsemi Corporation LXM1614 Datasheet HTML 6Page - Microsemi Corporation LXM1614 Datasheet HTML 7Page - Microsemi Corporation LXM1614 Datasheet HTML 8Page - Microsemi Corporation LXM1614 Datasheet HTML 9Page - Microsemi Corporation  
Zoom Inzoom in Zoom Outzoom out
 4 / 9 page
background image
Microsemi
Linfinity Microelectronics Division
11861 Western Avenue, Garden Grove, CA. 92841, 714-898-8121, Fax: 714-893-2570
Page 4
Copyright
© 2000
Rev. 0.3b,2000-11-20
RangeMAX™
LXM1614-14-11
DUAL DIMMING, EXTENDED TEMPEERATURE CCFL INVERTER MODULE
PRELIMINARY DATASHEET
A
M I CROSEM I
COM P A N Y

  
   

Conn.
Pin
Description
CN1 (Molex 53261-0890)*
CN1-1,2
VIN
Main Input Power Supply (9V to 16V)
CN1-3,4
GND
Power Supply Return
CN1-5
SLEEP
> 2.4V (Backlight on), < 0.8V (Backlight off), IISLEEP=400µA @ 5.0V
CN1-6
BOOST
Lamp Current Amplitude Control (0.5-4.5VDC) 4.5VDC gives maximum boost
CN1-7
BRITE
Brightness Control (0.5- 4.5VDC) 4.5VDC gives maximum lamp current
CN1-8
VSYNC
Vertical Synchronization Input (50 < fSYNC < 300Hz), minimum pulse width 10µS
CN2 (JST SM02(8.0)B-BHS-1-TB)
CN2-1
VOUT1
High Voltage CCFL Lamp Supply
CN2-2
VOUT2
High Voltage CCFL Lamp Return
* LX9501 Mating Connector Assembly Available
 
 
5.118in.
130m m
0.0393 in.
1m m
0.394in.
10m m
W e ight: 12.5(g) typ.
CN -1


CN -2
0.905in.
23m m
0.280 in.
7.1m m
0.118 in.
3m m
4.724 in.
120m m
0.787 in.
20m m
0.394 in.
10m m



Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com