Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

M3720 Datasheet (PDF) - Mitsubishi Electric Semiconductor

M3720 Datasheet PDF - Mitsubishi Electric Semiconductor
Part # M3720
Download  M3720 Download
File Size   1907.72 Kbytes
Page   121 Pages
Manufacturer  MITSUBISHI [Mitsubishi Electric Semiconductor]
Direct Link  http://www.mitsubishichips.com
Logo MITSUBISHI - Mitsubishi Electric Semiconductor
Description SINGLE-CHIP 8-BIT CMOS MICROCOMPUTER for VOLTAGE SYNTHESIZER and ON-SCREEN DISPLAY CONTROLLER?

M3720 Datasheet (PDF)

Go To PDF Page Download Datasheet
M3720 Datasheet PDF - Mitsubishi Electric Semiconductor

Part # M3720
Download  M3720 Click to download

File Size   1907.72 Kbytes
Page   121 Pages
Manufacturer  MITSUBISHI [Mitsubishi Electric Semiconductor]
Direct Link  http://www.mitsubishichips.com
Logo MITSUBISHI - Mitsubishi Electric Semiconductor
Description SINGLE-CHIP 8-BIT CMOS MICROCOMPUTER for VOLTAGE SYNTHESIZER and ON-SCREEN DISPLAY CONTROLLER?

M3720 Datasheet (HTML) - Mitsubishi Electric Semiconductor


M3720 Product details

DESCRIPTION
The M37207MF-XXXSP/FP and M37207M8-XXXSP are single-chip microcomputers designed with CMOS silicon gate technology. It is housed in a 64-pin shrink plastic molded DIP or a 80-pin plastic molded QFP.
In addition to their simple instruction sets, the ROM, RAM and I/O addresses are placed on the same memory map to enable easy programming.

FEATURES
• Number of basic instructions .................................................... 71
• Memory size .................................................................................
                         ROM ...................... 32K bytes (M37207M8-XXXSP)
                                                   62K bytes (M37207MF-XXXSP/FP,
                                                                              M37207EFSP/FP)
                         RAM ...................... 512 bytes (M37207M8-XXXSP)
                                                   960 bytes (M37207MF-XXXSP/FP,
                                                                              M37207EFSP/FP)
                         ROM correction memory ............................ 64 bytes
                         ROM for display....... 8K bytes (M37207M8-XXXSP)
                                                   12K bytes (M37207MF-XXXSP/FP,
                                                                              M37207EFSP/FP)
                         RAM for display ........................................144 bytes
• Minimum instruction execution time
     ........................................ 0.5 µs (at 8 MHz oscillation frequency)
• Power source voltage ..................................................5 V ± 10 %
• Subroutine nesting ............................................ 128 levels (Max.)
• Interrupts ...................................................... 15 types, 14 vectors
• 8-bit timers ................................................................................. 6
• Programmable I/O ports
   (Ports P0, P1, P2, P30–P36, P4, P6) ....................................... 47
• Input ports (Ports P70, P71) ....................................................... 2
• Output ports (Ports P52–P56) ..................................................... 5
• 12 V withstand ports ................................................................. 10
• LED drive ports .......................................................................... 4
• Serial I/O ....................................... 8-bit ✕1 channel (2 systems)
• Multi-master I2C-BUS interface ...............................1 (3 systems)
• Power dissipation
   In high-speed mode ........................................................ 165 mW
      (at VCC = 5.5 V, 8 MHz oscillation frequency, CRT on)
   In low-speed mode ......................................................... 0.33 mW
      (at VCC = 5.5 V, 32 kHz oscillation frequency)
• A-D comparator (6-bit resolution) ................................ 8 channels
• PWM output circuit ...................................... 14-bit ✕1, 8-bit ✕10
• Interrupt interval determination circuit ........................................ 1
• ROM correction function .......................................... 32 bytes ✕ 2
• CRT display function
   Number of display characters ............... 24 characters ✕ 3 lines
                                                                         (16 lines maximum)
   Kinds of characters .................. 256 kinds (M37207M8-XXXSP)
                                                384 kinds (M37207MF-XXXSP/FP,
                                                                          M37207EFSP/FP)
   Character display area .......................................... 12 ✕ 16 dots
   Kinds of character sizes ................................................. 4 kinds
   Kinds of character colors (It can be specified by the character)
      maximum 15 kinds (R, G, B, I)
   Kinds of character background colors (It can be specified by the character)
      maximum 7 kinds (R, G, B)
   1/2-character unit color specification is possible.
   Kinds of raster colors (maximum 15 kinds)
   Display position
      Horizontal .................................................................. 64 levels
      Vertical .................................................................... 128 levels
   Bordering (horizontal and vertical)
   Wipe function
   Scanning line double count mode display is possible.

APPLICATION
   TV




Similar Part No. - M3720

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
M3720 ETC-M3720 Datasheet
113Kb / 3P
1 KEY 1 SOUND
logo
MOSDESIGN SEMICONDUCTOR...
M3720 MOSDESIGN-M3720 Datasheet
167Kb / 3P
1 KEY 1 SOUND
2011-04-06
logo
List of Unclassifed Man...
M3720-1 ETC-M3720-1 Datasheet
113Kb / 3P
1 KEY 1 SOUND
logo
MOSDESIGN SEMICONDUCTOR...
M3720-1 MOSDESIGN-M3720-1 Datasheet
167Kb / 3P
1 KEY 1 SOUND
2011-04-06
logo
List of Unclassifed Man...
M3720-10 ETC-M3720-10 Datasheet
113Kb / 3P
1 KEY 1 SOUND
More results


Similar Description - M3720

ManufacturerPart #DatasheetDescription
logo
Mitsubishi Electric Sem...
M37210M3 MITSUBISHI-M37210M3 Datasheet
764Kb / 59P
SINGLE-CHIP 8-BIT CMOS MICROCOMPUTER for VOLTAGE SYNTHESIZER with ON-SCREEN DISPLAY CONTROLLER?
M37221EF MITSUBISHI-M37221EF Datasheet
1Mb / 63P
SINGLE-CHIP 8-BIT CMOS MICROCOMPUTER for VOLTAGE SYNTHESIZER with ON-SCREEN DISPLAY CONTROLLER???
M37224M3 MITSUBISHI-M37224M3 Datasheet
901Kb / 83P
SINGLE-CHIP 8-BIT CMOS MICROCOMPUTER for VOLTAGE SYNTHESIZER with ON-SCREEN DISPLAY CONTROLLER???
M37100M8 MITSUBISHI-M37100M8 Datasheet
1Mb / 49P
SINGLE CHIP 8 BIT CMOS MICROCOMPUTER FOR VOLTAGE SYNTHESIZER WITH ON SCREEN DISPLAY CONTROLLER
M37102M8 MITSUBISHI-M37102M8 Datasheet
1Mb / 51P
SINGLE CHIP 8 BIT CMOS MICROCOMPUTER FOR VOLTAGE SYNTHESIZER WITH ON SCREEN DISPLAY CONTROLLER
logo
Renesas Technology Corp
M37221M4H RENESAS-M37221M4H Datasheet
1Mb / 112P
SINGLE-CHIP 8-BIT CMOS MICROCOMPUTER for VOLTAGE SYNTHESIZER with ON-SCREEN DISPLAY CONTROLLER
M37207MF RENESAS-M37207MF Datasheet
2Mb / 122P
SINGLE-CHIP 8-BIT CMOS MICROCOMPUTER for VOLTAGE SYNTHESIZER and ON-SCREEN DISPLAY CONTROLLER
M37210M3 RENESAS-M37210M3 Datasheet
1,000Kb / 60P
SINGLE-CHIP 8-BIT CMOS MICROCOMPUTER for VOLTAGE SYNTHESIZER with ON-SCREEN DISPLAY CONTROLLER
M37221M6 RENESAS-M37221M6_03 Datasheet
1Mb / 62P
SINGLE-CHIP 8-BIT CMOS MICROCOMPUTER for VOLTAGE SYNTHESIZER with ON-SCREEN DISPLAY CONTROLLER
M37224M3 RENESAS-M37224M3 Datasheet
1Mb / 84P
SINGLE-CHIP 8-BIT CMOS MICROCOMPUTER for VOLTAGE SYNTHESIZER with ON-SCREEN DISPLAY CONTROLLER
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com