Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SM5002L Datasheet (PDF) - Nippon Precision Circuits Inc

SM5002L Datasheet PDF - Nippon Precision Circuits Inc
Part # SM5002L
Download  SM5002L Download
File Size   95.0 Kbytes
Page   9 Pages
Manufacturer  NPC [Nippon Precision Circuits Inc]
Direct Link  http://www.npc.co.jp/en
Logo NPC - Nippon Precision Circuits Inc
Description Crystal Oscillator Module ICs

SM5002L Datasheet (PDF)

Go To PDF Page Download Datasheet
SM5002L Datasheet PDF - Nippon Precision Circuits Inc

Part # SM5002L
Download  SM5002L Click to download

File Size   95.0 Kbytes
Page   9 Pages
Manufacturer  NPC [Nippon Precision Circuits Inc]
Direct Link  http://www.npc.co.jp/en
Logo NPC - Nippon Precision Circuits Inc
Description Crystal Oscillator Module ICs

SM5002L Datasheet (HTML) - Nippon Precision Circuits Inc


SM5002L Product details

OVERVIEW

The SM5002L series crystal oscillator module ICs fabricated in NPC’s Molybdenum-gate CMOS. They comprise low-voltage low-current consumption oscillator circuits and output buffers. They incorporate built-in oscillation capacitance with superior frequency response to realize stable 3rd overtone oscillation without any external components.



FEATURES

■ Oscillation frequency up to 100 MHz

■ Third harmonic

■ Capacitors CGand CDbuilt-in

■ Standby function (oscillator stops)

■ 3 µA (typ) low standby current

■ Inverter amplifier feedback resistance built-in

■ CMOS input level

■ 8 mA (VDD= 3.0 V) output drive capability

■ CMOS output duty level

■ Output three-state function

■ 2.7 to 3.6 V supply voltage

■ Oscillator frequency output

■ 8-pin SOP (SM5002L×S)

■ Chip form (CF5002L×)




Similar Part No. - SM5002L

ManufacturerPart #DatasheetDescription
logo
DB Unlimited.
SM500208-1 DBUNLIMITED-SM500208-1 Datasheet
1,006Kb / 1P
Released from Engineering
SM500208-2 DBUNLIMITED-SM500208-2 Datasheet
667Kb / 1P
Released from Engineering
More results


Similar Description - SM5002L

ManufacturerPart #DatasheetDescription
logo
Nippon Precision Circui...
SM5006 NPC-SM5006 Datasheet
185Kb / 18P
Crystal Oscillator Module ICs
SM5007 NPC-SM5007 Datasheet
111Kb / 11P
Crystal Oscillator Module ICs
SM5009AH1S NPC-SM5009AH1S Datasheet
163Kb / 18P
Crystal Oscillator Module ICs
SM5021 NPC-SM5021 Datasheet
105Kb / 11P
Crystal Oscillator Module ICs
SM5022 NPC-SM5022 Datasheet
104Kb / 10P
Crystal Oscillator Module ICs
CF5014 NPC-CF5014 Datasheet
95Kb / 10P
Crystal Oscillator Module ICs
logo
Pericom Semiconductor C...
PT7C5022 PERICOM-PT7C5022 Datasheet
356Kb / 13P
Crystal Oscillator Module ICs
logo
Nippon Precision Circui...
SM5010 NPC-SM5010_06 Datasheet
167Kb / 25P
Crystal Oscillator Module ICs
SM5021 NPC-SM5021_06 Datasheet
102Kb / 12P
Crystal Oscillator Module ICs
5026 NPC-5026 Datasheet
126Kb / 16P
Crystal Oscillator Module ICs
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com