Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MS2209 Datasheet (PDF) - Microsemi Corporation

MS2209 Datasheet PDF - Microsemi Corporation
Part # MS2209
Download  MS2209 Download
File Size   137.98 Kbytes
Page   3 Pages
Manufacturer  MICROSEMI [Microsemi Corporation]
Direct Link  http://www.microsemi.com
Logo MICROSEMI - Microsemi Corporation
Description RF & MICROWAVE TRANSISTORS AVIONICS APPLICATION

MS2209 Datasheet (PDF)

Go To PDF Page Download Datasheet
MS2209 Datasheet PDF - Microsemi Corporation

Part # MS2209
Download  MS2209 Click to download

File Size   137.98 Kbytes
Page   3 Pages
Manufacturer  MICROSEMI [Microsemi Corporation]
Direct Link  http://www.microsemi.com
Logo MICROSEMI - Microsemi Corporation
Description RF & MICROWAVE TRANSISTORS AVIONICS APPLICATION

MS2209 Datasheet (HTML) - Microsemi Corporation


MS2209 Product details

DESCRIPTION:
The MS2209 is a broadband, high peak pulse power silicon NPN bipolar device specifically designed for avionics applications requiring broad bandwidth with moderate duty cycles and pulse width constraints such as ground/ship based DME/TACAN.
This device is also designed for specialized applications including JTIDS applications when duty cycle is moderately higher. Gold metallization and emitter ballasting assure high reliability under Class C amplifier operation.

Features
• 225 MHz BANDWIDTH
• COMMON BASE
• GOLD METALLIZATION
• CLASS C OPERATION
• POUT = 90 W MIN. WITH 8.4 dB GAIN




Similar Part No. - MS2209

ManufacturerPart #DatasheetDescription
logo
Advanced Power Technolo...
MS2209 ADPOW-MS2209 Datasheet
445Kb / 4P
RF & MICROWAVE TRANSISTORS AVIONICS APPLICATIONS
MS2209 ADPOW-MS2209 Datasheet
445Kb / 4P
RF & MICROWAVE TRANSISTORS AVIONICS APPLICATIONS
logo
Microsemi Corporation
MS2209 MICROSEMI-MS2209 Datasheet
128Kb / 4P
RF & MICROWAVE TRANSISTORS AVIONICS APPLICATIONS
MS2209 MICROSEMI-MS2209_08 Datasheet
128Kb / 4P
RF & MICROWAVE TRANSISTORS AVIONICS APPLICATIONS
More results


Similar Description - MS2209

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
AM0608-450 STMICROELECTRONICS-AM0608-450 Datasheet
82Kb / 3P
AVIONICS APPLICATIONS RF & MICROWAVE TRANSISTORS
Aug-1992
AM80912-015 STMICROELECTRONICS-AM80912-015 Datasheet
94Kb / 6P
AVIONICS APPLICATIONS RF & MICROWAVE TRANSISTORS
Mar-1994
AM80912-085 STMICROELECTRONICS-AM80912-085 Datasheet
66Kb / 5P
AVIONICS APPLICATIONS RF & MICROWAVE TRANSISTORS
Aug-1992
MSC1000M STMICROELECTRONICS-MSC1000M Datasheet
100Kb / 5P
AVIONICS APPLICATIONS RF & MICROWAVE TRANSISTORS
Oct-1992
MSC81325M STMICROELECTRONICS-MSC81325M Datasheet
73Kb / 3P
RF & MICROWAVE TRANSISTORS AVIONICS APPLICATIONS
Oct-1992
MSC81400M STMICROELECTRONICS-MSC81400M Datasheet
65Kb / 3P
RF & MICROWAVE TRANSISTORS AVIONICS APPLICATIONS
Oct-1992
SD1540-08 STMICROELECTRONICS-SD1540-08 Datasheet
72Kb / 5P
RF & MICROWAVE TRANSISTORS AVIONICS APPLICATIONS
Nov-1992
logo
Microsemi Corporation
MS2208 MICROSEMI-MS2208 Datasheet
136Kb / 3P
RF & MICROWAVE TRANSISTORS AVIONICS APPLICATION
logo
Advanced Power Technolo...
MS2290 ADPOW-MS2290 Datasheet
94Kb / 3P
RF & MICROWAVE TRANSISTORS AVIONICS APPLICATIONS
MSC1175M ADPOW-MSC1175M Datasheet
143Kb / 4P
RF & MICROWAVE TRANSISTORS AVIONICS APPLICATIONS
More results




About Microsemi Corporation


Microsemi Corporation was an American company that specialized in the design and manufacture of semiconductor and system solutions.
The company was founded in 1960 and was headquartered in Aliso Viejo, California.
Microsemi provided a wide range of products including analog and mixed-signal integrated circuits, field-programmable gate arrays (FPGAs), power management and control products, and other semiconductor solutions.
The company's products were used in various applications such as defense and security, aerospace and aviation, industrial, and communications.
Microsemi was known for its expertise in semiconductor technology and its ability to deliver high-quality and reliable products to its customers.
In 2018, Microsemi was acquired by Microchip Technology, a leading provider of microcontroller, mixed-signal, analog, and security products.
The Microsemi brand is no longer in use, but its technology and products continue to be a part of Microchip's portfolio.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com