Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MS2209 Datasheet(PDF) 2 Page - Microsemi Corporation

Part # MS2209
Description  RF & MICROWAVE TRANSISTORS AVIONICS APPLICATION
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROSEMI [Microsemi Corporation]
Direct Link  http://www.microsemi.com
Logo MICROSEMI - Microsemi Corporation

MS2209 Datasheet(HTML) 2 Page - Microsemi Corporation

  MS2209 Datasheet HTML 1Page - Microsemi Corporation MS2209 Datasheet HTML 2Page - Microsemi Corporation MS2209 Datasheet HTML 3Page - Microsemi Corporation  
Zoom Inzoom in Zoom Outzoom out
 2 / 3 page
background image
MSC0930.PDF 10-13-98
MS2209
ELECTRICAL SPECIFICATIONS (
ELECTRICAL SPECIFICATIONS (Tcase = 25
Tcase = 25°°C)
C)
STATIC
STATIC
Symbol
Test Conditions
Value
Min.
Typ.
Max.
Unit
Bvebo
IE = 10 mA
IC=0 mA
3.0
---
---
V
Bvcbo
IC = 40 mA
IE=0 mA
65
---
---
V
Bvcer
IC = 40 mA
RBE=10
Ω
65
---
---
V
Icbo
VCB = 50V
---
---
12
mA
HFE
VCE = 5.0 V
IC=2 A
20
---
120
B
DYNAMIC
DYNAMIC
Symbol
Test Conditions
Value
Min.
Typ.
Max.
Unit
Pout
f=960-1215 MHz
Pin = 13W
VCC=50V
90
100
---
W
ηη
c
f=960-1215 MHz
Pin = 13W
VCC=50V
38
44
---
%
GP
f=960-1215 MHz
Pin = 13W
VCC=50V
8.4
---
---
dB
Conditions
Pulse width=10
µµsec, Duty Cycle= 10%
PACKAGE MECHANICAL DATA



Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com