Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SM5004 Datasheet (PDF) - Nippon Precision Circuits Inc

SM5004 Datasheet PDF - Nippon Precision Circuits Inc
Part # SM5004
Download  SM5004 Download
File Size   58.68 Kbytes
Page   8 Pages
Manufacturer  NPC [Nippon Precision Circuits Inc]
Direct Link  http://www.npc.co.jp/en
Logo NPC - Nippon Precision Circuits Inc
Description Quartz Crystal Oscillator IC

SM5004 Datasheet (PDF)

Go To PDF Page Download Datasheet
SM5004 Datasheet PDF - Nippon Precision Circuits Inc

Part # SM5004
Download  SM5004 Click to download

File Size   58.68 Kbytes
Page   8 Pages
Manufacturer  NPC [Nippon Precision Circuits Inc]
Direct Link  http://www.npc.co.jp/en
Logo NPC - Nippon Precision Circuits Inc
Description Quartz Crystal Oscillator IC

SM5004 Datasheet (HTML) - Nippon Precision Circuits Inc


SM5004 Product details

OVERVIEW
The SM5004 Series crystal oscillator module ICs fabricated in NPC’s Molybdenum-gate CMOS. They comprise low-voltage low-current consumption oscillator circuits and output buffers. They incorporate built-in oscillation capacitance with superior frequency response to realize without any external components.

FEATURES
• Oscillation frequency up to 30MHz
• Fundamentally oscillation
• 4.5 to 5.5 V supply voltage
• Inverter amplifier feedback resistance built-in (Rf )
• Oscillation capacitances built-in (CG and CD)
• Output drive capability : 8 mA (VDD=4.5V)
• Output frequency : fo, fo/2, fo/4, fo/8
• Output duty level CMOS, TTL, CMOS & TTL
• Input level : TTL
• 3 state function
• Chip form (CF5004××)
• 6 pin SOT (SM5004××H)




Similar Part No. - SM5004

ManufacturerPart #DatasheetDescription
logo
Datatronic Distribution...
SM500-1 DATATRONICS-SM500-1 Datasheet
98Kb / 1P
ADSL POTS SPLITTER INDUCTORS
SM500-10 DATATRONICS-SM500-10 Datasheet
98Kb / 1P
ADSL POTS SPLITTER INDUCTORS
SM500-11 DATATRONICS-SM500-11 Datasheet
98Kb / 1P
ADSL POTS SPLITTER INDUCTORS
SM500-12 DATATRONICS-SM500-12 Datasheet
98Kb / 1P
ADSL POTS SPLITTER INDUCTORS
SM500-13 DATATRONICS-SM500-13 Datasheet
98Kb / 1P
ADSL POTS SPLITTER INDUCTORS
More results


Similar Description - SM5004

ManufacturerPart #DatasheetDescription
logo
Nippon Precision Circui...
SM5003 NPC-SM5003 Datasheet
58Kb / 8P
Quartz Crystal Oscillator IC
SM5013 NPC-SM5013 Datasheet
68Kb / 10P
Quartz Crystal Oscillator IC
SM5623N NPC-SM5623N Datasheet
159Kb / 8P
Quartz Crystal Oscillator IC
SM5624N NPC-SM5624N Datasheet
112Kb / 6P
Quartz Crystal Oscillator Module IC
logo
New Japan Radio
NJU6323 NJRC-NJU6323 Datasheet
291Kb / 4P
QUARTZ CRYSTAL OSCILLATOR
NJU6318 NJRC-NJU6318 Datasheet
235Kb / 5P
QUARTZ CRYSTAL OSCILLATOR
NJU6319 NJRC-NJU6319 Datasheet
233Kb / 5P
QUARTZ CRYSTAL OSCILLATOR
NJU6322 NJRC-NJU6322 Datasheet
290Kb / 5P
QUARTZ CRYSTAL OSCILLATOR
NJU6315 NJRC-NJU6315 Datasheet
103Kb / 4P
0.9V Operation Fundamental Quartz Crystal Oscillator IC
NJU6398 NJRC-NJU6398 Datasheet
112Kb / 7P
LVDS-output Quartz Crystal Oscillator IC
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com