Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SM5013 Datasheet (PDF) - Nippon Precision Circuits Inc

SM5013 Datasheet PDF - Nippon Precision Circuits Inc
Part # SM5013
Download  SM5013 Download
File Size   68.45 Kbytes
Page   10 Pages
Manufacturer  NPC [Nippon Precision Circuits Inc]
Direct Link  http://www.npc.co.jp/en
Logo NPC - Nippon Precision Circuits Inc
Description Quartz Crystal Oscillator IC

SM5013 Datasheet (PDF)

Go To PDF Page Download Datasheet
SM5013 Datasheet PDF - Nippon Precision Circuits Inc

Part # SM5013
Download  SM5013 Click to download

File Size   68.45 Kbytes
Page   10 Pages
Manufacturer  NPC [Nippon Precision Circuits Inc]
Direct Link  http://www.npc.co.jp/en
Logo NPC - Nippon Precision Circuits Inc
Description Quartz Crystal Oscillator IC

SM5013 Datasheet (HTML) - Nippon Precision Circuits Inc


SM5013 Product details

OVERVIEW
The SM5013 Series crystal oscillator module ICs fabricated in NPC’s Molybdenum-gate CMOS. They comprise low-voltage low-current consumption oscillator circuits and output buffers. They incorporate built-in oscillation capacitance with superior frequency response to realize.

FEATURES
■ 4.5 to 5.5 V supply voltage
■ Oscillation capacitances built-in (CG and CD)
■ Output drive capability : 8 mA (VDD = 4.5V)
■ Output duty level
    • SM5013KDH : CMOS
    • SM5013LDH : TTL
■ 3rd overtone oscillation
■ Output frequency : fo (Oscillation frequency)
■ Input level : TTL
■ 3 state function
■ 6 pin SOT (SM5013×DH)
■ Chip form (CF5013×D)




Similar Part No. - SM5013

ManufacturerPart #DatasheetDescription
logo
Datatronic Distribution...
SM501-1 DATATRONICS-SM501-1 Datasheet
56Kb / 1P
SURFACE MOUNT TELECOM TRANSFORMER SM501-1
logo
Nippon Precision Circui...
SM5010 NPC-SM5010 Datasheet
156Kb / 14P
Crystal Oscillator Module ICs
SM5010 NPC-SM5010 Datasheet
167Kb / 25P
Crystal Oscillator Module ICs
SM5010AH1S NPC-SM5010AH1S Datasheet
156Kb / 14P
Crystal Oscillator Module ICs
SM5010AH1S NPC-SM5010AH1S Datasheet
167Kb / 25P
Crystal Oscillator Module ICs
More results


Similar Description - SM5013

ManufacturerPart #DatasheetDescription
logo
Nippon Precision Circui...
SM5003 NPC-SM5003 Datasheet
58Kb / 8P
Quartz Crystal Oscillator IC
SM5004 NPC-SM5004 Datasheet
58Kb / 8P
Quartz Crystal Oscillator IC
SM5623N NPC-SM5623N Datasheet
159Kb / 8P
Quartz Crystal Oscillator IC
SM5624N NPC-SM5624N Datasheet
112Kb / 6P
Quartz Crystal Oscillator Module IC
logo
New Japan Radio
NJU6323 NJRC-NJU6323 Datasheet
291Kb / 4P
QUARTZ CRYSTAL OSCILLATOR
NJU6318 NJRC-NJU6318 Datasheet
235Kb / 5P
QUARTZ CRYSTAL OSCILLATOR
NJU6319 NJRC-NJU6319 Datasheet
233Kb / 5P
QUARTZ CRYSTAL OSCILLATOR
NJU6322 NJRC-NJU6322 Datasheet
290Kb / 5P
QUARTZ CRYSTAL OSCILLATOR
NJU6315 NJRC-NJU6315 Datasheet
103Kb / 4P
0.9V Operation Fundamental Quartz Crystal Oscillator IC
NJU6398 NJRC-NJU6398 Datasheet
112Kb / 7P
LVDS-output Quartz Crystal Oscillator IC
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com