Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MSL245 Datasheet (PDF) - Microsemi Corporation

MSL245 Datasheet PDF - Microsemi Corporation
Part # MSL245
Download  MSL245 Download
File Size   104.07 Kbytes
Page   2 Pages
Manufacturer  MICROSEMI [Microsemi Corporation]
Direct Link  http://www.microsemi.com
Logo MICROSEMI - Microsemi Corporation
Description 2 Amp Schottky

MSL245 Datasheet (PDF)

Go To PDF Page Download Datasheet
MSL245 Datasheet PDF - Microsemi Corporation

Part # MSL245
Download  MSL245 Click to download

File Size   104.07 Kbytes
Page   2 Pages
Manufacturer  MICROSEMI [Microsemi Corporation]
Direct Link  http://www.microsemi.com
Logo MICROSEMI - Microsemi Corporation
Description 2 Amp Schottky

MSL245 Datasheet (HTML) - Microsemi Corporation


MSL245 Product details

● Schottky Barrier Rectifier
● Guard ring protection
● Low forward voltage
● 125°C junction temperature
● Reverse energy tested
● Hermetic package




Similar Part No. - MSL245

ManufacturerPart #DatasheetDescription
logo
ATMEL Corporation
MSL2021 ATMEL-MSL2021_14 Datasheet
1Mb / 41P
Atmel LED Drivers
MSL2023 ATMEL-MSL2023_14 Datasheet
1Mb / 40P
Atmel LED Drivers
MSL2041 ATMEL-MSL2041 Datasheet
2Mb / 20P
Low-cost, Simple 4-string LED Drivers with External Current Sink MOSFETs, 5000:1 Dimming Range and Per String PWM Input
MSL2041GU ATMEL-MSL2041GU Datasheet
2Mb / 20P
Low-cost, Simple 4-string LED Drivers with External Current Sink MOSFETs, 5000:1 Dimming Range and Per String PWM Input
MSL2042 ATMEL-MSL2042 Datasheet
2Mb / 20P
Low-cost, Simple 4-string LED Drivers with External Current Sink MOSFETs, 5000:1 Dimming Range and Per String PWM Input
More results


Similar Description - MSL245

ManufacturerPart #DatasheetDescription
logo
International Rectifier
20CJQ060 IRF-20CJQ060 Datasheet
177Kb / 4P
SCHOTTKY RECTIFIER, 2 Amp
21DQ04 IRF-21DQ04 Datasheet
39Kb / 5P
SCHOTTKY RECTIFIER(2 Amp)
logo
Microsemi Corporation
CH054S MICROSEMI-CH054S Datasheet
66Kb / 1P
2 AMP SCHOTTKY RECTIFIER DIE
logo
Central Semiconductor C...
CPD79 CENTRAL-CPD79 Datasheet
687Kb / 2P
2 Amp Schottky Rectifier Chip
logo
Nanjing International G...
SMD24PL-2A-SOD-123FL DGNJDZ-SMD24PL-2A-SOD-123FL Datasheet
191Kb / 2P
2 Amp Schottky Barrier Diodes
SMD26PL-2A-SOD-123FL DGNJDZ-SMD26PL-2A-SOD-123FL Datasheet
191Kb / 2P
2 Amp Schottky Barrier Diodes
SMD210PL-2A-SOD-123FL DGNJDZ-SMD210PL-2A-SOD-123FL Datasheet
191Kb / 2P
2 Amp Schottky Barrier Diodes
SMD22PL.2A-SOD-123FL DGNJDZ-SMD22PL.2A-SOD-123FL Datasheet
191Kb / 2P
2 Amp Schottky Barrier Diodes
SMD24PL.2A-SOD-123FL DGNJDZ-SMD24PL.2A-SOD-123FL Datasheet
191Kb / 2P
2 Amp Schottky Barrier Diodes
SMD210PL.2A-SOD-123FL DGNJDZ-SMD210PL.2A-SOD-123FL Datasheet
191Kb / 2P
2 Amp Schottky Barrier Diodes
More results




About Microsemi Corporation


Microsemi Corporation was an American company that specialized in the design and manufacture of semiconductor and system solutions.
The company was founded in 1960 and was headquartered in Aliso Viejo, California.
Microsemi provided a wide range of products including analog and mixed-signal integrated circuits, field-programmable gate arrays (FPGAs), power management and control products, and other semiconductor solutions.
The company's products were used in various applications such as defense and security, aerospace and aviation, industrial, and communications.
Microsemi was known for its expertise in semiconductor technology and its ability to deliver high-quality and reliable products to its customers.
In 2018, Microsemi was acquired by Microchip Technology, a leading provider of microcontroller, mixed-signal, analog, and security products.
The Microsemi brand is no longer in use, but its technology and products continue to be a part of Microchip's portfolio.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com