Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MXP6505 Datasheet (PDF) - Microsemi Corporation

MXP6505 Datasheet PDF - Microsemi Corporation
Part # MXP6505
Download  MXP6505 Download
File Size   58.59 Kbytes
Page   2 Pages
Manufacturer  MICROSEMI [Microsemi Corporation]
Direct Link  http://www.microsemi.com
Logo MICROSEMI - Microsemi Corporation
Description Opto Coupler with Logic Output And Adjustable Optial Threshold

MXP6505 Datasheet (PDF)

Go To PDF Page Download Datasheet
MXP6505 Datasheet PDF - Microsemi Corporation

Part # MXP6505
Download  MXP6505 Click to download

File Size   58.59 Kbytes
Page   2 Pages
Manufacturer  MICROSEMI [Microsemi Corporation]
Direct Link  http://www.microsemi.com
Logo MICROSEMI - Microsemi Corporation
Description Opto Coupler with Logic Output And Adjustable Optial Threshold

MXP6505 Datasheet (HTML) - Microsemi Corporation


MXP6505 Product details

Opto Coupler with Logic Output And Adjustable Optial Threshold

• Ambient Temperature Range -40°C to + 85°C
• VCC Range 4.5V to 18V
• Supply Current 3.5mA max @ 5V
• Output sinks 16mA @ 400mV max
• NPN Open-Collector Output




Similar Part No. - MXP6505

ManufacturerPart #DatasheetDescription
logo
Microsemi Corporation
MXP6501 MICROSEMI-MXP6501 Datasheet
38Kb / 1P
Opto Coupler With Logic Output and Adjustable Optical Threshold
MXP6501-C MICROSEMI-MXP6501-C Datasheet
37Kb / 1P
Light-Activated Opto Inverter IC with Logic Output and Adjustable Optical Threshold-chip
MXP6501-H MICROSEMI-MXP6501-H Datasheet
53Kb / 1P
Light-Activated Opto Inverter IC with Logic Output and Adjustable Optical Threshold-Assembly
More results


Similar Description - MXP6505

ManufacturerPart #DatasheetDescription
logo
Microsemi Corporation
MXP6501-C MICROSEMI-MXP6501-C Datasheet
37Kb / 1P
Light-Activated Opto Inverter IC with Logic Output and Adjustable Optical Threshold-chip
MXP6501-H MICROSEMI-MXP6501-H Datasheet
53Kb / 1P
Light-Activated Opto Inverter IC with Logic Output and Adjustable Optical Threshold-Assembly
MXP6501 MICROSEMI-MXP6501 Datasheet
38Kb / 1P
Opto Coupler With Logic Output and Adjustable Optical Threshold
logo
List of Unclassifed Man...
OC100 ETC-OC100 Datasheet
157Kb / 2P
Opto Coupler
OC250 ETC1-OC250 Datasheet
196Kb / 2P
Opto Coupler
logo
Voltage Multipliers Inc...
OC100HG VMI-OC100HG Datasheet
126Kb / 3P
Opto Coupler
OC100 VMI-OC100 Datasheet
122Kb / 2P
Opto Coupler
OC250 VMI-OC250 Datasheet
200Kb / 2P
Opto Coupler
logo
Isahaya Electronics Cor...
VLA546-01R ISAHAYA-VLA546-01R Datasheet
231Kb / 7P
Electrical isolation between input and output with opto-coupler
logo
PHOENIX CONTACT
EMD-FL-V-300 PHOENIX-EMD-FL-V-300 Datasheet
156Kb / 8P
Adjustable threshold values
More results




About Microsemi Corporation


Microsemi Corporation was an American company that specialized in the design and manufacture of semiconductor and system solutions.
The company was founded in 1960 and was headquartered in Aliso Viejo, California.
Microsemi provided a wide range of products including analog and mixed-signal integrated circuits, field-programmable gate arrays (FPGAs), power management and control products, and other semiconductor solutions.
The company's products were used in various applications such as defense and security, aerospace and aviation, industrial, and communications.
Microsemi was known for its expertise in semiconductor technology and its ability to deliver high-quality and reliable products to its customers.
In 2018, Microsemi was acquired by Microchip Technology, a leading provider of microcontroller, mixed-signal, analog, and security products.
The Microsemi brand is no longer in use, but its technology and products continue to be a part of Microchip's portfolio.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com