Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

S20 Datasheet (PDF) - Microsemi Corporation

S20 Datasheet PDF - Microsemi Corporation
Part # S20
Download  S20 Download
File Size   112.14 Kbytes
Page   3 Pages
Manufacturer  MICROSEMI [Microsemi Corporation]
Direct Link  http://www.microsemi.com
Logo MICROSEMI - Microsemi Corporation
Description Silicon Power Rectifier

S20 Datasheet (PDF)

Go To PDF Page Download Datasheet
S20 Datasheet PDF - Microsemi Corporation

Part # S20
Download  S20 Click to download

File Size   112.14 Kbytes
Page   3 Pages
Manufacturer  MICROSEMI [Microsemi Corporation]
Direct Link  http://www.microsemi.com
Logo MICROSEMI - Microsemi Corporation
Description Silicon Power Rectifier

S20 Datasheet (HTML) - Microsemi Corporation


S20 Product details

Silicon Power Rectifier

● Glass Passivated Die
● Low Forward Voltage
● 200A Surge Rating
● Glass to metal construction
● VRRM to 1200V
● Excellent reliability




Similar Part No. - S20

ManufacturerPart #DatasheetDescription
logo
SeCoS Halbleitertechnol...
S20 SECOS-S20 Datasheet
218Kb / 2P
VOLTAGE 50V ~ 1000V 0.8AMP Single Phase Surface Mount Bridge Rectifiers
logo
SHENZHEN KOO CHIN ELECT...
S200 KOOCHIN-S200 Datasheet
271Kb / 2P
SURFACE MOUNT SCHOTTKY BARRIER RECTIFIER
logo
Nippon Pulse America, I...
S200 NPM-S200 Datasheet
872Kb / 5P
Linear Shaft Motor
logo
ABB
S200 ABB-S200 Datasheet
7Mb / 100P
Miniature circuit breakers
Rev. A
logo
LEDTRONICS, INC
S200 LEDTRONICS-S200 Datasheet
4Mb / 28P
Miniature Based LED Lamps
More results


Similar Description - S20

ManufacturerPart #DatasheetDescription
logo
Microsemi Corporation
S25 MICROSEMI-S25 Datasheet
120Kb / 2P
Silicon Power Rectifier
S306 MICROSEMI-S306 Datasheet
119Kb / 2P
Silicon Power Rectifier
S35 MICROSEMI-S35 Datasheet
119Kb / 3P
Silicon Power Rectifier
S50PF MICROSEMI-S50PF Datasheet
110Kb / 3P
Silicon Power Rectifier
1N4136 MICROSEMI-1N4136 Datasheet
136Kb / 2P
SILICON POWER RECTIFIER
1N250B MICROSEMI-1N250B Datasheet
162Kb / 3P
SILICON POWER RECTIFIER
1N1342B MICROSEMI-1N1342B Datasheet
141Kb / 2P
SILICON POWER RECTIFIER
S-R35 MICROSEMI-S-R35 Datasheet
148Kb / 2P
Silicon Power Rectifier
S304 MICROSEMI-S304_07 Datasheet
160Kb / 3P
Silicon Power Rectifier
logo
New Jersey Semi-Conduct...
1N3889A NJSEMI-1N3889A Datasheet
88Kb / 1P
SILICON POWER RECTIFIER
More results




About Microsemi Corporation


Microsemi Corporation was an American company that specialized in the design and manufacture of semiconductor and system solutions.
The company was founded in 1960 and was headquartered in Aliso Viejo, California.
Microsemi provided a wide range of products including analog and mixed-signal integrated circuits, field-programmable gate arrays (FPGAs), power management and control products, and other semiconductor solutions.
The company's products were used in various applications such as defense and security, aerospace and aviation, industrial, and communications.
Microsemi was known for its expertise in semiconductor technology and its ability to deliver high-quality and reliable products to its customers.
In 2018, Microsemi was acquired by Microchip Technology, a leading provider of microcontroller, mixed-signal, analog, and security products.
The Microsemi brand is no longer in use, but its technology and products continue to be a part of Microchip's portfolio.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com