Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

S20 Datasheet(PDF) 1 Page - Microsemi Corporation

Part # S20
Description  Silicon Power Rectifier
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROSEMI [Microsemi Corporation]
Direct Link  http://www.microsemi.com
Logo MICROSEMI - Microsemi Corporation

S20 Datasheet(HTML) 1 Page - Microsemi Corporation

  S20 Datasheet HTML 1Page - Microsemi Corporation S20 Datasheet HTML 2Page - Microsemi Corporation S20 Datasheet HTML 3Page - Microsemi Corporation  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image


Similar Part No. - S20

ManufacturerPart #DatasheetDescription
logo
SeCoS Halbleitertechnol...
S20 SECOS-S20 Datasheet
218Kb / 2P
VOLTAGE 50V ~ 1000V 0.8AMP Single Phase Surface Mount Bridge Rectifiers
logo
SHENZHEN KOO CHIN ELECT...
S200 KOOCHIN-S200 Datasheet
271Kb / 2P
SURFACE MOUNT SCHOTTKY BARRIER RECTIFIER
logo
Nippon Pulse America, I...
S200 NPM-S200 Datasheet
872Kb / 5P
Linear Shaft Motor
logo
ABB
S200 ABB-S200 Datasheet
7Mb / 100P
Miniature circuit breakers
Rev. A
logo
LEDTRONICS, INC
S200 LEDTRONICS-S200 Datasheet
4Mb / 28P
Miniature Based LED Lamps
More results

Similar Description - S20

ManufacturerPart #DatasheetDescription
logo
Microsemi Corporation
S25 MICROSEMI-S25 Datasheet
120Kb / 2P
Silicon Power Rectifier
S306 MICROSEMI-S306 Datasheet
119Kb / 2P
Silicon Power Rectifier
S35 MICROSEMI-S35 Datasheet
119Kb / 3P
Silicon Power Rectifier
S50PF MICROSEMI-S50PF Datasheet
110Kb / 3P
Silicon Power Rectifier
1N4136 MICROSEMI-1N4136 Datasheet
136Kb / 2P
SILICON POWER RECTIFIER
1N250B MICROSEMI-1N250B Datasheet
162Kb / 3P
SILICON POWER RECTIFIER
1N1342B MICROSEMI-1N1342B Datasheet
141Kb / 2P
SILICON POWER RECTIFIER
S-R35 MICROSEMI-S-R35 Datasheet
148Kb / 2P
Silicon Power Rectifier
S304 MICROSEMI-S304_07 Datasheet
160Kb / 3P
Silicon Power Rectifier
logo
New Jersey Semi-Conduct...
1N3889A NJSEMI-1N3889A Datasheet
88Kb / 1P
SILICON POWER RECTIFIER
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com