Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

S43 Datasheet (PDF) - Microsemi Corporation

S43 Datasheet PDF - Microsemi Corporation
Part # S43
Download  S43 Download
File Size   116.03 Kbytes
Page   3 Pages
Manufacturer  MICROSEMI [Microsemi Corporation]
Direct Link  http://www.microsemi.com
Logo MICROSEMI - Microsemi Corporation
Description Silicon Power Rectifier

S43 Datasheet (PDF)

Go To PDF Page Download Datasheet
S43 Datasheet PDF - Microsemi Corporation

Part # S43
Download  S43 Click to download

File Size   116.03 Kbytes
Page   3 Pages
Manufacturer  MICROSEMI [Microsemi Corporation]
Direct Link  http://www.microsemi.com
Logo MICROSEMI - Microsemi Corporation
Description Silicon Power Rectifier

S43 Datasheet (HTML) - Microsemi Corporation


S43 Product details

Silicon Power Rectifier

• Soft recovery
• Glass Passivated Die
• 2500 Amps Surge Rating
• Glass to metal seal construction
• VRRM to 1600V




Similar Part No. - S43

ManufacturerPart #DatasheetDescription
logo
Nihon Kaiheiki Industry...
S43 NKK-S43 Datasheet
447Kb / 10P
Medium/High Capacity Standard Size Toggles
S43 NKK-S43 Datasheet
812Kb / 11P
GENERAL SPECIFICATIONS FOR S301 ~ S339
logo
List of Unclassifed Man...
S43-1812 ETC2-S43-1812 Datasheet
74Kb / 2P
HIGH VOLTAGE SURFACE MOUNT MLCCS 250 - 5,000 VDC
logo
Schneider Electric
S430562 SCHNEIDER-S430562 Datasheet
113Kb / 2P
150A NEUTRAL CURRENT TRANSFORMER LUG AL150HD
Apr 19, 2021
logo
Mosel Vitelic, Corp
S4305QA MOSEL-S4305QA Datasheet
336Kb / 27P
21/32/43/60 VOICE ROM
More results


Similar Description - S43

ManufacturerPart #DatasheetDescription
logo
Microsemi Corporation
S20 MICROSEMI-S20 Datasheet
112Kb / 3P
Silicon Power Rectifier
S25 MICROSEMI-S25 Datasheet
120Kb / 2P
Silicon Power Rectifier
S306 MICROSEMI-S306 Datasheet
119Kb / 2P
Silicon Power Rectifier
S35 MICROSEMI-S35 Datasheet
119Kb / 3P
Silicon Power Rectifier
S50PF MICROSEMI-S50PF Datasheet
110Kb / 3P
Silicon Power Rectifier
1N4136 MICROSEMI-1N4136 Datasheet
136Kb / 2P
SILICON POWER RECTIFIER
1N250B MICROSEMI-1N250B Datasheet
162Kb / 3P
SILICON POWER RECTIFIER
S-R35 MICROSEMI-S-R35 Datasheet
148Kb / 2P
Silicon Power Rectifier
S304 MICROSEMI-S304_07 Datasheet
160Kb / 3P
Silicon Power Rectifier
logo
New Jersey Semi-Conduct...
1N3889A NJSEMI-1N3889A Datasheet
88Kb / 1P
SILICON POWER RECTIFIER
More results




About Microsemi Corporation


Microsemi Corporation was an American company that specialized in the design and manufacture of semiconductor and system solutions.
The company was founded in 1960 and was headquartered in Aliso Viejo, California.
Microsemi provided a wide range of products including analog and mixed-signal integrated circuits, field-programmable gate arrays (FPGAs), power management and control products, and other semiconductor solutions.
The company's products were used in various applications such as defense and security, aerospace and aviation, industrial, and communications.
Microsemi was known for its expertise in semiconductor technology and its ability to deliver high-quality and reliable products to its customers.
In 2018, Microsemi was acquired by Microchip Technology, a leading provider of microcontroller, mixed-signal, analog, and security products.
The Microsemi brand is no longer in use, but its technology and products continue to be a part of Microchip's portfolio.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com