Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SG1548 Datasheet (PDF) - Microsemi Corporation

SG1548 Datasheet PDF - Microsemi Corporation
Part # SG1548
Download  SG1548 Download
File Size   52.92 Kbytes
Page   4 Pages
Manufacturer  MICROSEMI [Microsemi Corporation]
Direct Link  http://www.microsemi.com
Logo MICROSEMI - Microsemi Corporation
Description QUAD POWER FAULT MONITOR

SG1548 Datasheet (PDF)

Go To PDF Page Download Datasheet
SG1548 Datasheet PDF - Microsemi Corporation

Part # SG1548
Download  SG1548 Click to download

File Size   52.92 Kbytes
Page   4 Pages
Manufacturer  MICROSEMI [Microsemi Corporation]
Direct Link  http://www.microsemi.com
Logo MICROSEMI - Microsemi Corporation
Description QUAD POWER FAULT MONITOR

SG1548 Datasheet (HTML) - Microsemi Corporation


SG1548 Product details

DESCRIPTION

The SG1548 is an integrated circuit capable of monitoring up to four positive DC supply voltages simultaneously for overvoltage and undervoltage fault conditions. An on-chip inverting op amp also allows monitoring one negative DC voltage. The fault tolerance window is accurately programmable from ±5% to ±40% using a simple divider network on the 2.5V reference.



FEATURES

• Monitors four DC voltages and the AC line

• Precision 2.5V ±1% low-drift reference

• Fault tolerance adjustable from ±5% to ±40%

• ±3% trip threshold tolerance over temperature

• Separate 10mA, 40V overvoltage, undervoltage and AC line fault outputs

• Fault delay programmable with a single capacitor

• 30mV comparator hysteresis to prevent oscillations

• On-chip inverting op amp for negative voltage

• Open-collector output logic or expandability

• Operation from 4.5V to 40V supply




Similar Part No. - SG1548

ManufacturerPart #DatasheetDescription
logo
Microsemi Corporation
SG1548 MICROSEMI-SG1548 Datasheet
159Kb / 4P
QUAD POWER FAULT MONITOR
SG1548J MICROSEMI-SG1548J Datasheet
159Kb / 4P
QUAD POWER FAULT MONITOR
SG1548J/883B MICROSEMI-SG1548J/883B Datasheet
159Kb / 4P
QUAD POWER FAULT MONITOR
SG1548L MICROSEMI-SG1548L Datasheet
159Kb / 4P
QUAD POWER FAULT MONITOR
SG1548L/883B MICROSEMI-SG1548L/883B Datasheet
159Kb / 4P
QUAD POWER FAULT MONITOR
More results


Similar Description - SG1548

ManufacturerPart #DatasheetDescription
logo
National Semiconductor ...
DS3668 NSC-DS3668 Datasheet
96Kb / 4P
Quad Fault Protected Peripheral Driver
logo
Analog Devices
ADM9264 AD-ADM9264 Datasheet
181Kb / 12P
Quad Power Supply Monitor for Desktop PCs
REV.0
logo
Microchip Technology
TC3404 MICROCHIP-TC3404 Datasheet
451Kb / 16P
1.8V Low Power, Quad Input, 16-Bit Sigma-Delta A/D Converter with a Power Fault Monitor
2002
TC3404 MICROCHIP-TC3404_05 Datasheet
305Kb / 16P
1.8V Low Power, Quad Input, 16-Bit Sigma-Delta A/D Converter with a Power Fault Monitor
2005
logo
Linear Technology
LTC6801 LINER-LTC6801 Datasheet
264Kb / 28P
Independent Multicell Battery Stack Fault Monitor
logo
Microsemi Corporation
SG1548 MICROSEMI-SG1548_1 Datasheet
159Kb / 4P
QUAD POWER FAULT MONITOR
logo
Intersil Corporation
ISL88041 INTERSIL-ISL88041 Datasheet
277Kb / 7P
Quad Voltage Monitor
April 29, 2010
logo
Linear Technology
LTC6801 LINER-LTC6801_15 Datasheet
276Kb / 28P
Independent Multicell Battery Stack Fault Monitor
logo
Littelfuse
PGR-6101 LITTELFUSE-PGR-6101 Datasheet
812Kb / 16P
GROUND-FAULT & INSULATION MONITOR
logo
Renesas Technology Corp
ISL88041 RENESAS-ISL88041 Datasheet
429Kb / 7P
Quad Voltage Monitor
More results




About Microsemi Corporation


Microsemi Corporation was an American company that specialized in the design and manufacture of semiconductor and system solutions.
The company was founded in 1960 and was headquartered in Aliso Viejo, California.
Microsemi provided a wide range of products including analog and mixed-signal integrated circuits, field-programmable gate arrays (FPGAs), power management and control products, and other semiconductor solutions.
The company's products were used in various applications such as defense and security, aerospace and aviation, industrial, and communications.
Microsemi was known for its expertise in semiconductor technology and its ability to deliver high-quality and reliable products to its customers.
In 2018, Microsemi was acquired by Microchip Technology, a leading provider of microcontroller, mixed-signal, analog, and security products.
The Microsemi brand is no longer in use, but its technology and products continue to be a part of Microchip's portfolio.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com