Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SG1731 Datasheet (PDF) - Microsemi Corporation

SG1731 Datasheet PDF - Microsemi Corporation
Part # SG1731
Download  SG1731 Download
File Size   140.68 Kbytes
Page   5 Pages
Manufacturer  MICROSEMI [Microsemi Corporation]
Direct Link  http://www.microsemi.com
Logo MICROSEMI - Microsemi Corporation
Description DC MOTOR PULSE WIDTH MODULATOR

SG1731 Datasheet (PDF)

Go To PDF Page Download Datasheet
SG1731 Datasheet PDF - Microsemi Corporation

Part # SG1731
Download  SG1731 Click to download

File Size   140.68 Kbytes
Page   5 Pages
Manufacturer  MICROSEMI [Microsemi Corporation]
Direct Link  http://www.microsemi.com
Logo MICROSEMI - Microsemi Corporation
Description DC MOTOR PULSE WIDTH MODULATOR

SG1731 Datasheet (HTML) - Microsemi Corporation


SG1731 Product details

DESCRIPTION

The SG1731 is a pulse width modulator circuit designed specifically for DC motor control. It provides a bi-directional pulse train output in response to the magnitudeand polarity of an analog error signal input. The device is useful as the control element in motor-driven servo systems for precision positioning and speed control, as well as in audio modulators and amplifiers using carrier frequencies to 350 KHz.



FEATURES

• ±3.5V to ±15V control supply

• ±2.5V to ±22V driver supply

• Dual 100mA source/sink output drivers

• 5KHz to 350KHz oscillator range

• High slew rate error amplifier

• Adjustable deadband operation

• Digital SHUTDOWN input




Similar Part No. - SG1731

ManufacturerPart #DatasheetDescription
logo
Microsemi Corporation
SG1731 MICROSEMI-SG1731 Datasheet
255Kb / 5P
DC MOTOR PULSE WIDTH MODULATOR
SG1731J MICROSEMI-SG1731J Datasheet
255Kb / 5P
DC MOTOR PULSE WIDTH MODULATOR
SG1731J/883B MICROSEMI-SG1731J/883B Datasheet
255Kb / 5P
DC MOTOR PULSE WIDTH MODULATOR
SG1731 MICROSEMI-SG1731_1 Datasheet
255Kb / 5P
DC MOTOR PULSE WIDTH MODULATOR
More results


Similar Description - SG1731

ManufacturerPart #DatasheetDescription
logo
Seme LAB
IP1526 SEME-LAB-IP1526 Datasheet
59Kb / 6P
REGULATING PULSE WIDTH MODULATOR
logo
Analog Devices
AD9561 AD-AD9561 Datasheet
273Kb / 8P
Pulse Width Modulator
REV.0
logo
Microsemi Corporation
SG1525A MICROSEMI-SG1525A Datasheet
135Kb / 7P
REGULATING PULSE WIDTH MODULATOR
logo
National Semiconductor ...
LM1525A NSC-LM1525A Datasheet
290Kb / 10P
PULSE WIDTH MODULATOR
logo
Siemens Semiconductor G...
SLE4520 SIEMENS-SLE4520 Datasheet
468Kb / 11P
Pulse-Width Modulator
logo
Microsemi Corporation
SG1526 MICROSEMI-SG1526_1 Datasheet
283Kb / 9P
REGULATING PULSE WIDTH MODULATOR
SG1731 MICROSEMI-SG1731_1 Datasheet
255Kb / 5P
DC MOTOR PULSE WIDTH MODULATOR
logo
Analog Devices
AD9561 AD-AD9561_15 Datasheet
2Mb / 8P
Pulse Width Modulator
REV. 0
logo
Linear Technology
LT1526 LINER-LT1526_15 Datasheet
926Kb / 8P
REGULATING PULSE WIDTH MODULATOR
logo
Texas Instruments
LM2524D TI-LM2524D_15 Datasheet
1Mb / 29P
Regulating Pulse Width Modulator
More results




About Microsemi Corporation


Microsemi Corporation was an American company that specialized in the design and manufacture of semiconductor and system solutions.
The company was founded in 1960 and was headquartered in Aliso Viejo, California.
Microsemi provided a wide range of products including analog and mixed-signal integrated circuits, field-programmable gate arrays (FPGAs), power management and control products, and other semiconductor solutions.
The company's products were used in various applications such as defense and security, aerospace and aviation, industrial, and communications.
Microsemi was known for its expertise in semiconductor technology and its ability to deliver high-quality and reliable products to its customers.
In 2018, Microsemi was acquired by Microchip Technology, a leading provider of microcontroller, mixed-signal, analog, and security products.
The Microsemi brand is no longer in use, but its technology and products continue to be a part of Microchip's portfolio.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com