Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SL03 Datasheet (PDF) - Microsemi Corporation

SL03 Datasheet PDF - Microsemi Corporation
Part # SL03
Download  SL03 Download
File Size   89.27 Kbytes
Page   2 Pages
Manufacturer  MICROSEMI [Microsemi Corporation]
Direct Link  http://www.microsemi.com
Logo MICROSEMI - Microsemi Corporation
Description TVSarray Series

SL03 Datasheet (PDF)

Go To PDF Page Download Datasheet
SL03 Datasheet PDF - Microsemi Corporation

Part # SL03
Download  SL03 Click to download

File Size   89.27 Kbytes
Page   2 Pages
Manufacturer  MICROSEMI [Microsemi Corporation]
Direct Link  http://www.microsemi.com
Logo MICROSEMI - Microsemi Corporation
Description TVSarray Series

SL03 Datasheet (HTML) - Microsemi Corporation


SL03 Product details

DESCRIPTION (300 watt)

This 3 pin ULTRA LOW CAPACITANCE TRANSIENT VOLTAGE SUPPRESSOR is designed for use in applications where protection is required at the board level from voltage transients caused by electrostatic discharge (ESD) as defined by IEC 1000-4-2, electrical fast transients (EFT) per IEC 1000-4-4.

This product provides unidirectional protection for 1 line by connecting the Input/Output line to pin 1, pin 2 to common or ground and pin 3 (is not connected). The SL03 thru SL24 product provides board level protection from static electricity and other induced-voltage surges that can damage sensitive circuitry.



FEATURES

· Protects 3.0/3.3 up through 24V Components

· Protects 1 Unidirectional line

· Provides electrically isolated protection

· SOT-23 Packaging



MAXIMUM RATINGS

· Operating Temperatures: -55ºC to +150ºC

· Storage Temperature: -55ºC to +150ºC

· SL03 thru SL24 have a Peak Pulse Power: 300 Watts (8/20 msec, Figure 1)

· Pulse Repetition Rate: <.01%



 




Similar Part No. - SL03

ManufacturerPart #DatasheetDescription
logo
Micro Commercial Compon...
SL03 MCC-SL03 Datasheet
369Kb / 2P
Transient Voltage Suppressor 300 Watt
logo
Vishay Siliconix
SL03 VISHAY-SL03 Datasheet
98Kb / 5P
Small Surface Mount Schottky Diodes
21-Feb-03
SL03 VISHAY-SL03 Datasheet
117Kb / 7P
Small Signal Schottky Diodes
13-Apr-05
SL03 VISHAY-SL03 Datasheet
144Kb / 7P
Small Signal Schottky Diodes
23-Jul-10
SL03 VISHAY-SL03 Datasheet
83Kb / 6P
Small Signal Schottky Diodes
23-Jul-10
More results


Similar Description - SL03

ManufacturerPart #DatasheetDescription
logo
Microsemi Corporation
SM16LC03 MICROSEMI-SM16LC03 Datasheet
103Kb / 2P
TVSarray Series
SMDA03-6 MICROSEMI-SMDA03-6 Datasheet
94Kb / 2P
TVSarray Series
SMDA03C-4-2 MICROSEMI-SMDA03C-4-2 Datasheet
104Kb / 2P
TVSarray Series
SMDA03C-4 MICROSEMI-SMDA03C-4 Datasheet
103Kb / 2P
TVSarray Series
SMDA03C-7 MICROSEMI-SMDA03C-7 Datasheet
94Kb / 2P
TVSarray Series
SMDA03C-8 MICROSEMI-SMDA03C-8 Datasheet
227Kb / 2P
TVSarray Series
SMP6LC50 MICROSEMI-SMP6LC50 Datasheet
85Kb / 2P
TVSarray Series
USB0803C MICROSEMI-USB0803C Datasheet
91Kb / 2P
TVSarray Series
USB50803C MICROSEMI-USB50803C Datasheet
91Kb / 2P
TVSarray Series
USB6B1 MICROSEMI-USB6B1 Datasheet
69Kb / 2P
TVSarray Series
More results




About Microsemi Corporation


Microsemi Corporation was an American company that specialized in the design and manufacture of semiconductor and system solutions.
The company was founded in 1960 and was headquartered in Aliso Viejo, California.
Microsemi provided a wide range of products including analog and mixed-signal integrated circuits, field-programmable gate arrays (FPGAs), power management and control products, and other semiconductor solutions.
The company's products were used in various applications such as defense and security, aerospace and aviation, industrial, and communications.
Microsemi was known for its expertise in semiconductor technology and its ability to deliver high-quality and reliable products to its customers.
In 2018, Microsemi was acquired by Microchip Technology, a leading provider of microcontroller, mixed-signal, analog, and security products.
The Microsemi brand is no longer in use, but its technology and products continue to be a part of Microchip's portfolio.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com