Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SL03 Datasheet(PDF) 1 Page - Microsemi Corporation

Part # SL03
Description  TVSarray Series
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROSEMI [Microsemi Corporation]
Direct Link  http://www.microsemi.com
Logo MICROSEMI - Microsemi Corporation

SL03 Datasheet(HTML) 1 Page - Microsemi Corporation

  SL03 Datasheet HTML 1Page - Microsemi Corporation SL03 Datasheet HTML 2Page - Microsemi Corporation  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
MSC1377.PDF
ISO 9001 CERTIFIED
REV C 1/27/2000
8700 E. Thomas Road
Scottsdale, AZ 85251
Tel: (480) 941-6300
Fax: (480) 947-1503
DESCRIPTION (300 watt)
This 3 pin ULTRA LOW CAPACITANCE TRANSIENT VOLTAGE
SUPPRESSOR is designed for use in applications where protection is
required at the board level from voltage transients caused by
electrostatic discharge (ESD) as defined by IEC 1000-4-2, electrical
fast transients (EFT) per IEC 1000-4-4.
This product provides unidirectional protection for 1 line by connecting
the Input/Output line to pin 1, pin 2 to common or ground and pin 3 (is
not connected). The SL03 thru SL24 product provides board level
protection from static electricity and other induced-voltage surges that
can damage sensitive circuitry.
These TRANSIENT VOLTAGE SUPPRESSOR (TVS) Diode Arrays protect 3.0/3.3 Volt components such
as DRAM’s, SRAM’s, CMOS, HCMOS, HSIC, and low voltage interfaces up to 24 Volts. Because of the
physical size, weight and protection capabilities, this product is ideal for use in but not limited to
miniaturized electronic equipment such as hand held instruments, computers, computer peripherals and
cell phones.
FEATURES
•
Protects 3.0/3.3 up through 24V Components
•
Protects 1 Unidirectional line
•
Provides electrically isolated protection
•
SOT-23 Packaging
MAXIMUM RATINGS
•
Operating Temperatures: -55
ºC to +150ºC
•
Storage Temperature: -55
ºC to +150ºC
•
SL03 thru SL24 have a Peak Pulse Power: 300 Watts
(8/20
µsec, Figure 1)
•
Pulse Repetition Rate: <.01%
ELECTRICAL CHARACTERISTICS @ 25
º
C Unless otherwise specified
STAND
OFF
VOLTAGE
VWM
VOLTS
BREAKDOWN
VOLTAGE
VBR
@1 mA
VOLTS
CLAMPING
VOLTAGE
VC
@ 1 Amp
(FIGURE 2)
VOLTS
CLAMPING
VOLTAGE
VC
@ 5 Amp
(FIGURE 2)
VOLTS
LEAKAGE
CURRENT
ID
@ VWM
µA
CAPACITANCE
@0V, 1 MHz
C
pF
TEMPERATURE
COEFFICIENT
OF VBR
áVBR
mV/ºC
PART
NUMBER
DEVICE
MARKING
MAX
MIN
MAX
MAX
MAX
MAX
MAX
SL03
L03
3.3
4
8
11
200
3
-5
SL05
L05
5.0
6.0
10.8
13
100
3
3
SL12
L12
12.0
13.3
19
26
1
3
10
SL15
L15
15.0
16.7
25
32
1
3
13
SL24
L24
24.0
26.7
44
57
1
3
30
NOTE: Transient Voltage Suppression (TVS) product is normally selected based on its stand off Voltage VWM. Product
selected voltage should be equal to or greater than the continuous peak operating voltage of the circuit to be protected.
SL03
thru
SL24
TVSarray
™
™ Series
PACKAGING
•
Tape & Reel EIA Standard 481
•
7 inch reel 5,000 pieces
•
13 inch reel 10,000 pieces
MECHANICAL
•
Molded SOT-23 Surface Mount
•
Weight: .014 grams (approximate)
•
Body Marked with device number


Similar Part No. - SL03

ManufacturerPart #DatasheetDescription
logo
Micro Commercial Compon...
SL03 MCC-SL03 Datasheet
369Kb / 2P
Transient Voltage Suppressor 300 Watt
logo
Vishay Siliconix
SL03 VISHAY-SL03 Datasheet
98Kb / 5P
Small Surface Mount Schottky Diodes
21-Feb-03
SL03 VISHAY-SL03 Datasheet
117Kb / 7P
Small Signal Schottky Diodes
13-Apr-05
SL03 VISHAY-SL03 Datasheet
144Kb / 7P
Small Signal Schottky Diodes
23-Jul-10
SL03 VISHAY-SL03 Datasheet
83Kb / 6P
Small Signal Schottky Diodes
23-Jul-10
More results

Similar Description - SL03

ManufacturerPart #DatasheetDescription
logo
Microsemi Corporation
SM16LC03 MICROSEMI-SM16LC03 Datasheet
103Kb / 2P
TVSarray Series
SMDA03-6 MICROSEMI-SMDA03-6 Datasheet
94Kb / 2P
TVSarray Series
SMDA03C-4-2 MICROSEMI-SMDA03C-4-2 Datasheet
104Kb / 2P
TVSarray Series
SMDA03C-4 MICROSEMI-SMDA03C-4 Datasheet
103Kb / 2P
TVSarray Series
SMDA03C-7 MICROSEMI-SMDA03C-7 Datasheet
94Kb / 2P
TVSarray Series
SMDA03C-8 MICROSEMI-SMDA03C-8 Datasheet
227Kb / 2P
TVSarray Series
SMP6LC50 MICROSEMI-SMP6LC50 Datasheet
85Kb / 2P
TVSarray Series
USB0803C MICROSEMI-USB0803C Datasheet
91Kb / 2P
TVSarray Series
USB50803C MICROSEMI-USB50803C Datasheet
91Kb / 2P
TVSarray Series
USB6B1 MICROSEMI-USB6B1 Datasheet
69Kb / 2P
TVSarray Series
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com