Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SM24 Datasheet (PDF) - Microsemi Corporation

SM24 Datasheet PDF - Microsemi Corporation
Part # SM24
Download  SM24 Download
File Size   138.5 Kbytes
Page   2 Pages
Manufacturer  MICROSEMI [Microsemi Corporation]
Direct Link  http://www.microsemi.com
Logo MICROSEMI - Microsemi Corporation
Description TVSarray Series

SM24 Datasheet (PDF)

Go To PDF Page Download Datasheet
SM24 Datasheet PDF - Microsemi Corporation

Part # SM24
Download  SM24 Click to download

File Size   138.5 Kbytes
Page   2 Pages
Manufacturer  MICROSEMI [Microsemi Corporation]
Direct Link  http://www.microsemi.com
Logo MICROSEMI - Microsemi Corporation
Description TVSarray Series

SM24 Datasheet (HTML) - Microsemi Corporation


SM24 Product details

DESCRIPTION (500 watt)
This 3 pin Transient Voltage Suppresor offers 2 unidirectional or 1 bidirectional protection at the board level from voltage transients caused by electrostatic discharge (ESD) as defined by IEC 1000-4-2, electrical fast transients (EFT) per IEC 1000-4-4.
Unidirectional protection, can be accomplished by connecting the Input/Output lines to pins 1 and 2 and pin 3 to common or ground. In a bidirectional configuration pin 1 or pin 2 is connected to the Input/Output line while the opposite pin is connected to common or ground. Pin 3 is not connected. The SM03 thru SM36 product provides board level protection from static electricity and other induced voltage surges that can damage sensitive circuitry.
These TRANSIENT VOLTAGE SUPPRESSOR (TVS) Diode Arrays protect 3.0/3.3 Volt components such as DRAM’s, SRAM’s, CMOS, HCMOS, HSIC, and low voltage interfaces up to 36 Volts. Because of the physical size, weight and protection capabilities, this product is ideal for use in but not limited to miniaturized electronic equipment such as hand-held instruments, computers, computer peripherals and cell phones.

FEATURES
• Protects 3.0/3.3 up through 36V Components
• Protects 2 Unidirectional or 1 Bidirectional line
• Provides electrically isolated protection
• SOT-23 Packaging




Similar Part No. - SM24

ManufacturerPart #DatasheetDescription
logo
Semtech Corporation
SM24 SEMTECH-SM24 Datasheet
171Kb / 7P
TVS Diode Array
logo
Micro Commercial Compon...
SM24 MCC-SM24 Datasheet
416Kb / 2P
Transient Voltage Suppressor 500 Watt
logo
Semtech Corporation
SM24 SEMTECH-SM24 Datasheet
161Kb / 7P
TVS Diode Array
logo
MIC GROUP RECTIFIERS
SM24 MIC-SM24 Datasheet
67Kb / 4P
SURFACE MOUNT TRANSIENT VOLTAGE SUPPRESSOR
logo
Kemet Corporation
SM24 KEMET-SM24 Datasheet
5Mb / 66P
Aluminum Electrolytic Capacitors
More results


Similar Description - SM24

ManufacturerPart #DatasheetDescription
logo
Microsemi Corporation
SM16LC03 MICROSEMI-SM16LC03 Datasheet
103Kb / 2P
TVSarray Series
SMDA03-6 MICROSEMI-SMDA03-6 Datasheet
94Kb / 2P
TVSarray Series
SMDA03C-4-2 MICROSEMI-SMDA03C-4-2 Datasheet
104Kb / 2P
TVSarray Series
SMDA03C-4 MICROSEMI-SMDA03C-4 Datasheet
103Kb / 2P
TVSarray Series
SMDA03C-7 MICROSEMI-SMDA03C-7 Datasheet
94Kb / 2P
TVSarray Series
SMDA03C-8 MICROSEMI-SMDA03C-8 Datasheet
227Kb / 2P
TVSarray Series
SMP6LC50 MICROSEMI-SMP6LC50 Datasheet
85Kb / 2P
TVSarray Series
USB0803C MICROSEMI-USB0803C Datasheet
91Kb / 2P
TVSarray Series
USB50803C MICROSEMI-USB50803C Datasheet
91Kb / 2P
TVSarray Series
USB6B1 MICROSEMI-USB6B1 Datasheet
69Kb / 2P
TVSarray Series
More results




About Microsemi Corporation


Microsemi Corporation was an American company that specialized in the design and manufacture of semiconductor and system solutions.
The company was founded in 1960 and was headquartered in Aliso Viejo, California.
Microsemi provided a wide range of products including analog and mixed-signal integrated circuits, field-programmable gate arrays (FPGAs), power management and control products, and other semiconductor solutions.
The company's products were used in various applications such as defense and security, aerospace and aviation, industrial, and communications.
Microsemi was known for its expertise in semiconductor technology and its ability to deliver high-quality and reliable products to its customers.
In 2018, Microsemi was acquired by Microchip Technology, a leading provider of microcontroller, mixed-signal, analog, and security products.
The Microsemi brand is no longer in use, but its technology and products continue to be a part of Microchip's portfolio.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com