Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SM24 Datasheet(PDF) 1 Page - Microsemi Corporation

Part # SM24
Description  TVSarray Series
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROSEMI [Microsemi Corporation]
Direct Link  http://www.microsemi.com
Logo MICROSEMI - Microsemi Corporation

SM24 Datasheet(HTML) 1 Page - Microsemi Corporation

  SM24 Datasheet HTML 1Page - Microsemi Corporation SM24 Datasheet HTML 2Page - Microsemi Corporation  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
MSC1378.PDF
ISO 9001 CERTIFIED
REV F 1/21/2000
8700 E. Thomas Road
Scottsdale, AZ 85251
Tel: (480) 941-6300
Fax: (480) 947-1503
DESCRIPTION (500 watt)
This 3 pin Transient Voltage Suppresor offers 2 unidirectional or 1
bidirectional protection at the board level from voltage transients
caused by electrostatic discharge (ESD) as defined by IEC 1000-4-2,
electrical fast transients (EFT) per IEC 1000-4-4.
Unidirectional protection, can be accomplished by connecting the
Input/Output lines to pins 1 and 2 and pin 3 to common or ground. In a
bidirectional configuration pin 1 or pin 2 is connected to the
Input/Output line while the opposite pin is connected to common or
ground. Pin 3 is not connected. The SM03 thru SM36 product provides board level protection from static
electricity and other induced voltage surges that can damage sensitive circuitry.
These TRANSIENT VOLTAGE SUPPRESSOR (TVS) Diode Arrays protect 3.0/3.3 Volt components such
as DRAM’s, SRAM’s, CMOS, HCMOS, HSIC, and low voltage interfaces up to 36 Volts. Because of the
physical size, weight and protection capabilities, this product is ideal for use in but not limited to
miniaturized electronic equipment such as hand-held instruments, computers, computer peripherals and
cell phones.
FEATURES
•
Protects 3.0/3.3 up through 36V Components
•
Protects 2 Unidirectional or 1 Bidirectional line
•
Provides electrically isolated protection
•
SOT-23 Packaging
MAXIMUM RATINGS
•
Operating Temperatures: -55ºC to +150ºC
•
Storage Temperature: -55ºC to +150ºC
•
SM03 thru SM36 have a Peak Pulse Power: 500 Watts
(8/20
µsec, Figure 1)
•
Pulse Repetition Rate: <.01%
ELECTRICAL CHARACTERISTICS PER LINE @ 25ºC Unless otherwise specified
STAND
OFF
VOLTAGE
VWM
VOLTS
BREAKDOWN
VOLTAGE
VBR
@1 mA
VOLTS
CLAMPING
VOLTAGE
VC
@ 1 Amp
(FIGURE 2)
VOLTS
CLAMPING
VOLTAGE
VC
@ 5 Amp
(FIGURE 2)
VOLTS
LEAKAGE
CURRENT
ID
@ VWM
µA
CAPACITANCE
@0V, 1 MHz
C
Pin 1-3 or 2-3
pF
CAPACITANCE
@0V, 1 MHz
C
Pin 1-2
pF
PART
NUMBER
DEVICE
MARKING
MAX
MIN
MAX
MAX
MAX
MAX
MAX
SM03
M03
3.3
4
7
9
200
800
400
SM05
M05
5.0
6.0
9.8
11
100
600
300
SM12
M12
12.0
13.3
19
24
1
185
93
SM15
M15
15.0
16.7
24
30
1
140
70
SM24
M24
24.0
26.7
43
55
1
88
44
SM36
M36
36.0
40.0
60
75
1
88
39
NOTE: Transient Voltage Suppression (TVS) product is normally selected based on its stand off Voltage VWM. Product
selected voltage should be equal to or greater than the continuous peak operating voltage of the circuit to be protected.
SM03
thru
SM36
TVSarray
™
™ Series
PACKAGING
•
Tape & Reel EIA Standard 481
•
7 inch reel 5,000 pieces
•
13 inch reel 10,000 pieces
MECHANICAL
•
Molded SOT-23 Surface Mount
•
Weight: .014 grams (approximate)
•
Body Marked with device number


Similar Part No. - SM24

ManufacturerPart #DatasheetDescription
logo
Semtech Corporation
SM24 SEMTECH-SM24 Datasheet
171Kb / 7P
TVS Diode Array
logo
Micro Commercial Compon...
SM24 MCC-SM24 Datasheet
416Kb / 2P
Transient Voltage Suppressor 500 Watt
logo
Semtech Corporation
SM24 SEMTECH-SM24 Datasheet
161Kb / 7P
TVS Diode Array
logo
MIC GROUP RECTIFIERS
SM24 MIC-SM24 Datasheet
67Kb / 4P
SURFACE MOUNT TRANSIENT VOLTAGE SUPPRESSOR
logo
Kemet Corporation
SM24 KEMET-SM24 Datasheet
5Mb / 66P
Aluminum Electrolytic Capacitors
More results

Similar Description - SM24

ManufacturerPart #DatasheetDescription
logo
Microsemi Corporation
SM16LC03 MICROSEMI-SM16LC03 Datasheet
103Kb / 2P
TVSarray Series
SMDA03-6 MICROSEMI-SMDA03-6 Datasheet
94Kb / 2P
TVSarray Series
SMDA03C-4-2 MICROSEMI-SMDA03C-4-2 Datasheet
104Kb / 2P
TVSarray Series
SMDA03C-4 MICROSEMI-SMDA03C-4 Datasheet
103Kb / 2P
TVSarray Series
SMDA03C-7 MICROSEMI-SMDA03C-7 Datasheet
94Kb / 2P
TVSarray Series
SMDA03C-8 MICROSEMI-SMDA03C-8 Datasheet
227Kb / 2P
TVSarray Series
SMP6LC50 MICROSEMI-SMP6LC50 Datasheet
85Kb / 2P
TVSarray Series
USB0803C MICROSEMI-USB0803C Datasheet
91Kb / 2P
TVSarray Series
USB50803C MICROSEMI-USB50803C Datasheet
91Kb / 2P
TVSarray Series
USB6B1 MICROSEMI-USB6B1 Datasheet
69Kb / 2P
TVSarray Series
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com