Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SM5166 Datasheet (PDF) - Nippon Precision Circuits Inc

SM5166 Datasheet PDF - Nippon Precision Circuits Inc
Part # SM5166
Download  SM5166 Download
File Size   91.64 Kbytes
Page   11 Pages
Manufacturer  NPC [Nippon Precision Circuits Inc]
Direct Link  http://www.npc.co.jp/en
Logo NPC - Nippon Precision Circuits Inc
Description PLL Synthesizer IC

SM5166 Datasheet (PDF)

Go To PDF Page Download Datasheet
SM5166 Datasheet PDF - Nippon Precision Circuits Inc

Part # SM5166
Download  SM5166 Click to download

File Size   91.64 Kbytes
Page   11 Pages
Manufacturer  NPC [Nippon Precision Circuits Inc]
Direct Link  http://www.npc.co.jp/en
Logo NPC - Nippon Precision Circuits Inc
Description PLL Synthesizer IC

SM5166 Datasheet (HTML) - Nippon Precision Circuits Inc


SM5166 Product details

OVERVIEW

The SM5166AV is a PLL synthesizer IC developed for application in pagers and fabricated using NPC’s Molybdenum-gate CMOS process. It incorporates independently-controlled reference frequency and operating frequency dividers, and operates from a low-voltage supply to realize low power dissipation. It features a charge pump that operates at 3 V, making possible a wide range of VCO designs.



FEATURES

■ Operating frequency

   • fFIN = 100 MHz (VDD1 = 1.00 V)

   • fFIN = 90 MHz (VDD1 = 0.95 V)

■ Reference frequency

   • fXIN = 25 MHz

      (VDD1 = 0.95 V, External Input)

   • fXIN = 16 MHz*

      (VDD1 = 0.95 V, Internal oscillaton)

   NOTE) * : NPC’s recommended frequency. Confirm with crystal supplier.

■ Unlock signal output pin

■ Output circuit for passive filter connection

■ −10 to 60 °C operating temperature range

■ Standby function for low current consumption

■ Boost-up signal output for fast locking

■ Supply voltages

   • VDD1 = 0.95 to 1.5 V (prescaler, counters)

   • VDD2 = 2.0 to 3.3 V (charge pump)

■ 40 to 65528 reference frequency divider ratio range (with 1/8 prescaler built-in) set by serial input data

■ 1056 to 65535 operating frequency divider ratio range set by serial input data

■ 16-pin VSOP

■ Molybdenum-gate CMOS process



 




Similar Part No. - SM5166

ManufacturerPart #DatasheetDescription
logo
Diotec Semiconductor
SM516 DIOTEC-SM516 Datasheet
164Kb / 2P
Surface Mount Si-Rectifiers
logo
Semikron International
SM516 SEMIKRON-SM516 Datasheet
106Kb / 2P
Standard silicon rectifier diodes
SM516 SEMIKRON-SM516 Datasheet
109Kb / 2P
Standard silicon rectifier diodes
logo
Galaxy Semi-Conductor H...
SM516 BILIN-SM516 Datasheet
205Kb / 2P
SURFACE MOUNT RECTIFIER
logo
Shenzhen Luguang Electr...
SM516 LUGUANG-SM516 Datasheet
372Kb / 2P
Surface Mount Rectifiers
More results


Similar Description - SM5166

ManufacturerPart #DatasheetDescription
logo
Nippon Precision Circui...
SM5142AP NPC-SM5142AP Datasheet
171Kb / 6P
Frequency Synthesizer PLL IC
SM5165AV NPC-SM5165AV Datasheet
89Kb / 10P
PLL Synthesizer IC
SM5170AV NPC-SM5170AV Datasheet
119Kb / 10P
PLL Synthesizer IC
logo
New Japan Radio
NJW1504 NJRC-NJW1504 Datasheet
135Kb / 10P
PLL Synthesizer with IC Bus for TV Tuner
logo
List of Unclassifed Man...
FS8308 ETC1-FS8308 Datasheet
289Kb / 15P
Low Power PLL Frequency Synthesizer IC
logo
Hitachi Semiconductor
HD61945MP HITACHI-HD61945MP Datasheet
567Kb / 9P
PLL SYNTHESIZER IC
logo
Nippon Precision Circui...
SM5168 NPC-SM5168 Datasheet
85Kb / 9P
PLL Synthesizer IC
logo
Princeton Technology Co...
FS8308 PTC-FS8308 Datasheet
343Kb / 15P
Low Power PLL Frequency Synthesizer IC
logo
Analog Devices
ADF4107 AD-ADF4107_15 Datasheet
470Kb / 20P
PLL Frequency Synthesizer
REV. D
logo
Advanced Semiconductor ...
APL0135 ASB-APL0135_13 Datasheet
205Kb / 2P
PLL Synthesizer Module
June 2010
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com