Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SM5166 Datasheet(PDF) 7 Page - Nippon Precision Circuits Inc

Part # SM5166
Description  PLL Synthesizer IC
PDF  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NPC [Nippon Precision Circuits Inc]
Direct Link  http://www.npc.co.jp/en
Logo NPC - Nippon Precision Circuits Inc

SM5166 Datasheet(HTML) 7 Page - Nippon Precision Circuits Inc

Back Button SM5166 Datasheet HTML 3Page - Nippon Precision Circuits Inc SM5166 Datasheet HTML 4Page - Nippon Precision Circuits Inc SM5166 Datasheet HTML 5Page - Nippon Precision Circuits Inc SM5166 Datasheet HTML 6Page - Nippon Precision Circuits Inc SM5166 Datasheet HTML 7Page - Nippon Precision Circuits Inc SM5166 Datasheet HTML 8Page - Nippon Precision Circuits Inc SM5166 Datasheet HTML 9Page - Nippon Precision Circuits Inc SM5166 Datasheet HTML 10Page - Nippon Precision Circuits Inc SM5166 Datasheet HTML 11Page - Nippon Precision Circuits Inc  
Zoom Inzoom in Zoom Outzoom out
 7 / 11 page
background image
SM5166AV
NIPPON PRECISION CIRCUITS—7
Reference counter frequency divider setting
Input data example
If the VCO output (fVCO) is trebled, the crystal
frequency is 12.8 MHz and the channel bandwidth
(fCH: comparator frequency (fR) × 3) is 25 kHz, then
the reference frequency divider ratio R is given by:
Therefore, the reference counter count is 192
(00011000000)2. The input data format is shown in
figure 5.
Figure 3. Swallow counter and main counter frequency divider data example
Input
Data
12
345
678
9
10 11 12 13 14 15 16 17
MSB
LSB
22
222
222
22
222
222
10
9
876
543
21
043
210
Main counter
(11-bit : 32 to 2047)
Swallow counter
(5-bit : 0 to 31)
Latch selection bit : Set to "0"
00
100
111
01
000
100
0
Figure 4. Reference counter data and LD output setting format
DATA
12
345
678
9
10
11 12 13
14 15 16
17
MSB
LSB
22
222
222
22
222
12
11
10
98
765
43
210
(Reference counter 13-bit : 5 to 8191)
Latch selection bit : Set to "1"
Test bits : (15, 16) = (0, 0) for normal operation
LD output setting bit∗
∗ : Normal operation when 1,
LOW-level output when 0.
NR
Xtal
f
CH
-----------
Xtal
f
R
3
×
---------------
12.8
0.025 3
⁄
--------------------
1536
8
192
×
==
=
=
=



Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com