Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SG3842J Datasheet (PDF) - Microsemi Corporation

SG3842J Datasheet PDF - Microsemi Corporation
Part # SG3842J
Download  SG3842J Download
File Size   224.28 Kbytes
Page   14 Pages
Manufacturer  MICROSEMI [Microsemi Corporation]
Direct Link  http://www.microsemi.com
Logo MICROSEMI - Microsemi Corporation
Description CURRENT MODE PWM CONTROLLER

SG3842J Datasheet (PDF)

Go To PDF Page Download Datasheet
SG3842J Datasheet PDF - Microsemi Corporation

Part # SG3842J
Download  SG3842J Click to download

File Size   224.28 Kbytes
Page   14 Pages
Manufacturer  MICROSEMI [Microsemi Corporation]
Direct Link  http://www.microsemi.com
Logo MICROSEMI - Microsemi Corporation
Description CURRENT MODE PWM CONTROLLER

SG3842J Datasheet (HTML) - Microsemi Corporation


SG3842J Product details

Description
The SG1842/43 family of control ICs provides all the necessary features to implement off-line fixed frequency, current-mode switching power supplies with a minimum number of external components.
Current-mode architecture demonstrates improved
line regulation, improved load regulation, pulse-by pulse current limiting and inherent protection of the power supply output switch. The bandgap reference is trimmed to ±1% over temperature.

Features
▪ Optimized For Off-Line Control
▪ Low Start-Up Current (<1mA)
▪ Automatic Feed Forward Compensation
▪ Trimmed Oscillator Discharge Current
▪ Pulse-By-Pulse Current Limiting
▪ Enhanced Load Response Characteristics
▪ Under-Voltage Lockout with 6V Hysteresis (SG1842
   only)
▪ Double-Pulse Suppression
▪ High-Current Totem-Pole Output (1A Peak)
▪ Internally Trimmed Bandgap Reference
▪ 500kHz Operation
▪ Undervoltage Lockout
   SG1842 - 16 volts
   SG1843 - 8.4 volts
▪ Low Shoot-Through Current <75mA Over
   Temperature

Application
▪ Available To MIL-STD – 883, ¶ 1.2.1
▪ Available to DSCC
   - Standard Microcircuit Drawing (SMD)




Similar Part No. - SG3842J

ManufacturerPart #DatasheetDescription
logo
Microsemi Corporation
SG3842J MICROSEMI-SG3842J Datasheet
313Kb / 14P
CURRENT MODE PWM CONTROLLER
More results


Similar Description - SG3842J

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
UC3842 PHILIPS-UC3842 Datasheet
74Kb / 8P
Current-mode PWM controller
August 31, 1994
logo
Texas Instruments
UC1843 TI-UC1843 Datasheet
937Kb / 3P
Current Mode PWM Controller
logo
List of Unclassifed Man...
AMC3842B ETC-AMC3842B Datasheet
365Kb / 10P
CURRENT MODE PWM CONTROLLER
logo
BCD Semiconductor Manuf...
AP384XC BCDSEMI-AP384XC Datasheet
176Kb / 13P
CURRENT MODE PWM CONTROLLER
logo
Linear Dimensions Semic...
LND3842 LINEAR_DIMENSIONS-LND3842 Datasheet
158Kb / 10P
Current Mode PWM Controller
logo
Texas Instruments
UC1846AJ TI-UC1846AJ Datasheet
3Mb / 13P
Current Mode PWM Controller
UC3844Q TI1-UC3844Q Datasheet
708Kb / 28P
CURRENT MODE PWM CONTROLLER
UC3844Y TI1-UC3844Y Datasheet
708Kb / 28P
CURRENT MODE PWM CONTROLLER
UC3845D-8 TI-UC3845D-8 Datasheet
693Kb / 28P
CURRENT MODE PWM CONTROLLER
logo
Cystech Electonics Corp...
MC7731N6 CYSTEKEC-MC7731N6 Datasheet
363Kb / 10P
Current Mode PWM Controller
More results




About Microsemi Corporation


Microsemi Corporation was an American company that specialized in the design and manufacture of semiconductor and system solutions.
The company was founded in 1960 and was headquartered in Aliso Viejo, California.
Microsemi provided a wide range of products including analog and mixed-signal integrated circuits, field-programmable gate arrays (FPGAs), power management and control products, and other semiconductor solutions.
The company's products were used in various applications such as defense and security, aerospace and aviation, industrial, and communications.
Microsemi was known for its expertise in semiconductor technology and its ability to deliver high-quality and reliable products to its customers.
In 2018, Microsemi was acquired by Microchip Technology, a leading provider of microcontroller, mixed-signal, analog, and security products.
The Microsemi brand is no longer in use, but its technology and products continue to be a part of Microchip's portfolio.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com