Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

UPS120 Datasheet (PDF) - Microsemi Corporation

UPS120 Datasheet PDF - Microsemi Corporation
Part # UPS120
Download  UPS120 Download
File Size   303.99 Kbytes
Page   5 Pages
Manufacturer  MICROSEMI [Microsemi Corporation]
Direct Link  http://www.microsemi.com
Logo MICROSEMI - Microsemi Corporation
Description SCHOTTKY BARRIER RECTIFIER

UPS120 Datasheet (PDF)

Go To PDF Page Download Datasheet
UPS120 Datasheet PDF - Microsemi Corporation

Part # UPS120
Download  UPS120 Click to download

File Size   303.99 Kbytes
Page   5 Pages
Manufacturer  MICROSEMI [Microsemi Corporation]
Direct Link  http://www.microsemi.com
Logo MICROSEMI - Microsemi Corporation
Description SCHOTTKY BARRIER RECTIFIER

UPS120 Datasheet (HTML) - Microsemi Corporation


UPS120 Product details

Description:
The UPS120 Powermite Schottky rectifier is designed to offer optimized forward voltage characteristics for battery powered portable products such as cellular and cordless phones, chargers, notebook computers, printers, PDAs and PCMCIA cards. Typical applications include ac/dc and dc-dc converters, reverse battery protection and "Oring" of multiple supply voltages.
The Powermites patented heat sink design offers the same thermal performance rating as an SMA while being 50% smaller in footprint area and less than 1 mm in overall height. The result is a unique, highly efficient Schottky rectifier in a space saving surface mount package.

Features:
• Low Profile -- Maximum Height of 1.1 mm
• Small Footprint -- Footprint Area of 8.45 mm2
• Low VF Provides Higher Efficiency and Extends Battery Life
• Supplied in 12 mm Tape and Reel -- 12,000 Units per Reel
• Low Thermal Resistance with Direct Thermal Path of Die on Exposed Cathode Heat Sink




Similar Part No. - UPS120

ManufacturerPart #DatasheetDescription
logo
Micro Commercial Compon...
UPS120 MCC-UPS120 Datasheet
98Kb / 3P
1 Amp Schottky Rectifier 20 to 40 Volts
UPS120E MCC-UPS120E Datasheet
98Kb / 3P
1 Amp Schottky Rectifier 20 to 40 Volts
logo
Microsemi Corporation
UPS120E MICROSEMI-UPS120E Datasheet
48Kb / 2P
SCHOTTKY BARRIER RECTIFIER
UPS120E3 MICROSEMI-UPS120E3 Datasheet
423Kb / 4P
Schottky Barrier Rectifier
More results


Similar Description - UPS120

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
BYS1190 VISHAY-BYS1190 Datasheet
51Kb / 4P
Schottky Barrier Rectifier
24-Jun-98
logo
Shanghai Sunrise Electr...
1N5820 SSE-1N5820 Datasheet
13Kb / 1P
SCHOTTKY BARRIER RECTIFIER
SB820 SSE-SB820 Datasheet
23Kb / 1P
SCHOTTKY BARRIER RECTIFIER
logo
Fairchild Semiconductor
FYP2004DN FAIRCHILD-FYP2004DN Datasheet
46Kb / 4P
SCHOTTKY BARRIER RECTIFIER
FYPF1010DN FAIRCHILD-FYPF1010DN Datasheet
50Kb / 4P
SCHOTTKY BARRIER RECTIFIER
FYPF2004DN FAIRCHILD-FYPF2004DN Datasheet
46Kb / 4P
SCHOTTKY BARRIER RECTIFIER
logo
Shanghai Lunsure Electr...
SR820 CHENYI-SR820 Datasheet
153Kb / 2P
SCHOTTKY BARRIER RECTIFIER
SRF1620 CHENYI-SRF1620 Datasheet
138Kb / 2P
SCHOTTKY BARRIER RECTIFIER
SRF735 CHENYI-SRF735 Datasheet
178Kb / 2P
SCHOTTKY BARRIER RECTIFIER
logo
Toshiba Semiconductor
CRS14 TOSHIBA-CRS14 Datasheet
191Kb / 6P
Schottky Barrier Rectifier Schottky Barrier Type
More results




About Microsemi Corporation


Microsemi Corporation was an American company that specialized in the design and manufacture of semiconductor and system solutions.
The company was founded in 1960 and was headquartered in Aliso Viejo, California.
Microsemi provided a wide range of products including analog and mixed-signal integrated circuits, field-programmable gate arrays (FPGAs), power management and control products, and other semiconductor solutions.
The company's products were used in various applications such as defense and security, aerospace and aviation, industrial, and communications.
Microsemi was known for its expertise in semiconductor technology and its ability to deliver high-quality and reliable products to its customers.
In 2018, Microsemi was acquired by Microchip Technology, a leading provider of microcontroller, mixed-signal, analog, and security products.
The Microsemi brand is no longer in use, but its technology and products continue to be a part of Microchip's portfolio.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com