Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

UPS835L Datasheet (PDF) - Microsemi Corporation

UPS835L Datasheet PDF - Microsemi Corporation
Part # UPS835L
Download  UPS835L Download
File Size   54.62 Kbytes
Page   2 Pages
Manufacturer  MICROSEMI [Microsemi Corporation]
Direct Link  http://www.microsemi.com
Logo MICROSEMI - Microsemi Corporation
Description SCHOTTKY BARRIER RECTIFIER 8 AMP 35 VOLT

UPS835L Datasheet (PDF)

Go To PDF Page Download Datasheet
UPS835L Datasheet PDF - Microsemi Corporation

Part # UPS835L
Download  UPS835L Click to download

File Size   54.62 Kbytes
Page   2 Pages
Manufacturer  MICROSEMI [Microsemi Corporation]
Direct Link  http://www.microsemi.com
Logo MICROSEMI - Microsemi Corporation
Description SCHOTTKY BARRIER RECTIFIER 8 AMP 35 VOLT

UPS835L Datasheet (HTML) - Microsemi Corporation


UPS835L Product details

SURFACE MOUNT
POWERMITE® 3 Surface Mount Power Package

Features
• Low Profile – Maximum height of 1.1 mm
• Footprint Area of 16.51 mm
• Low VF Provides Higher Efficiency
• Supplied in 16mm Tape and Reel – 6000 units/reel
• Low Thermal Resistance with Direct Thermal Path of Die on Exposed Cathode Heat Sink




Similar Part No. - UPS835L

ManufacturerPart #DatasheetDescription
logo
Microsemi Corporation
UPS835L MICROSEMI-UPS835L Datasheet
488Kb / 2P
SCHOTTKY BARRIER RECTIFIER 8 AMP 35 VOLT
UPS835L MICROSEMI-UPS835L_01 Datasheet
488Kb / 2P
SCHOTTKY BARRIER RECTIFIER 8 AMP 35 VOLT
More results


Similar Description - UPS835L

ManufacturerPart #DatasheetDescription
logo
Micro Commercial Compon...
1N5829 MCC-1N5829 Datasheet
111Kb / 3P
25 Amp Schottky Barrier Rectifier 20 to 35 Volts
FST19035 MCC-FST19035 Datasheet
132Kb / 3P
200 Amp Rectifier 35 to 50 Volts Schottky Barrier
logo
Microsemi Corporation
UPS530 MICROSEMI-UPS530 Datasheet
180Kb / 4P
SCHOTTKY BARRIER RECTIFIER 0.5 AMP, 30 VOLT
UPS540 MICROSEMI-UPS540 Datasheet
180Kb / 4P
SCHOTTKY BARRIER RECTIFIER 0.5 AMP, 40 VOLT
UPS520 MICROSEMI-UPS520 Datasheet
197Kb / 4P
SCHOTTKY BARRIER RECTIFIER 0.5 AMP, 20 VOLT
UPS835L MICROSEMI-UPS835L_01 Datasheet
488Kb / 2P
SCHOTTKY BARRIER RECTIFIER 8 AMP 35 VOLT
logo
Micro Commercial Compon...
MBR2535FCT MCC-MBR2535FCT Datasheet
116Kb / 3P
30 Amp Schottky Barrier Rectifier 35 to 60 Volts
logo
Microsemi Corporation
1N7037CCU1 MICROSEMI-1N7037CCU1 Datasheet
288Kb / 5P
SILICON DUAL SCHOTTKY POWER RECTIFIER 35 Amp, 100 Volt
logo
Digitron Semiconductors
MBR3520 DIGITRON-MBR3520 Datasheet
108Kb / 2P
35 AMP SCHOTTKY BARRIER RECTIFIER
logo
Microsemi Corporation
1N7039CCU1 MICROSEMI-1N7039CCU1 Datasheet
485Kb / 5P
Silicon Dual Schottky Power Rectifier 35 Amp, 150 Volt
Rev. 1
More results




About Microsemi Corporation


Microsemi Corporation was an American company that specialized in the design and manufacture of semiconductor and system solutions.
The company was founded in 1960 and was headquartered in Aliso Viejo, California.
Microsemi provided a wide range of products including analog and mixed-signal integrated circuits, field-programmable gate arrays (FPGAs), power management and control products, and other semiconductor solutions.
The company's products were used in various applications such as defense and security, aerospace and aviation, industrial, and communications.
Microsemi was known for its expertise in semiconductor technology and its ability to deliver high-quality and reliable products to its customers.
In 2018, Microsemi was acquired by Microchip Technology, a leading provider of microcontroller, mixed-signal, analog, and security products.
The Microsemi brand is no longer in use, but its technology and products continue to be a part of Microchip's portfolio.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com