Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

USB6B Datasheet (PDF) - Microsemi Corporation

USB6B Datasheet PDF - Microsemi Corporation
Part # USB6B
Download  USB6B Download
File Size   69.66 Kbytes
Page   2 Pages
Manufacturer  MICROSEMI [Microsemi Corporation]
Direct Link  http://www.microsemi.com
Logo MICROSEMI - Microsemi Corporation
Description TVSarray Series

USB6B Datasheet (PDF)

Go To PDF Page Download Datasheet
USB6B Datasheet PDF - Microsemi Corporation

Part # USB6B
Download  USB6B Click to download

File Size   69.66 Kbytes
Page   2 Pages
Manufacturer  MICROSEMI [Microsemi Corporation]
Direct Link  http://www.microsemi.com
Logo MICROSEMI - Microsemi Corporation
Description TVSarray Series

USB6B Datasheet (HTML) - Microsemi Corporation


USB6B Product details

DESCRIPTION (500 watt)
This TRANSIENT VOLTAGE SUPPRESSOR (TVS) array is packaged in a SO-8 configuration giving protection to one pair of Bidirectional data lines and the Vbus. It is designed for use in applications where protection is required at the board level from voltage transients caused by electrostatic discharge (ESD) as defined in IEC 1000-4-2, electrical fast transients (EFT) per IEC 1000-4-4 and effects of secondary lighting.
These TVS arrays have a peak power rating of 500 watts for an 8/20msec pulse. This array is designed for protection of sensitive circuitry consisting of UNIVERSAL SERIAL BUS (USB) I/O transceivers.

FEATURES
 • 500 watt Peak Pulse Power protection at 8/20 µsec threat.
 • Protects each data line and between Vbus supply and ground
 • Complies with MIL STD 883C Method 3015.7 class 3
 • Protection Per IEC 1000-4-2, IEC 1000-4-4
 • Provides electrically isolated protection
 • ULTRA LOW CAPACITANCE 5 pF line to ground
 • ULTRA LOW CAPACITANCE 3.5 pF line to line
 • ULTRA LOW STANDBY CURRENT




Similar Part No. - USB6B

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
USB6B1 STMICROELECTRONICS-USB6B1 Datasheet
100Kb / 9P
DATA LINES PROTECTION
Aug-1999
USB6B1 STMICROELECTRONICS-USB6B1 Datasheet
124Kb / 9P
Data line protection
16-Aug-2006
USB6B1RL STMICROELECTRONICS-USB6B1RL Datasheet
100Kb / 9P
DATA LINES PROTECTION
Aug-1999
USB6B1RL STMICROELECTRONICS-USB6B1RL Datasheet
124Kb / 9P
Data line protection
16-Aug-2006
USB6B1 STMICROELECTRONICS-USB6B1_06 Datasheet
124Kb / 9P
Data line protection
16-Aug-2006
More results


Similar Description - USB6B

ManufacturerPart #DatasheetDescription
logo
Microsemi Corporation
SM16LC03 MICROSEMI-SM16LC03 Datasheet
103Kb / 2P
TVSarray Series
SMDA03-6 MICROSEMI-SMDA03-6 Datasheet
94Kb / 2P
TVSarray Series
SMDA03C-4-2 MICROSEMI-SMDA03C-4-2 Datasheet
104Kb / 2P
TVSarray Series
SMDA03C-4 MICROSEMI-SMDA03C-4 Datasheet
103Kb / 2P
TVSarray Series
SMDA03C-7 MICROSEMI-SMDA03C-7 Datasheet
94Kb / 2P
TVSarray Series
SMDA03C-8 MICROSEMI-SMDA03C-8 Datasheet
227Kb / 2P
TVSarray Series
SMP6LC50 MICROSEMI-SMP6LC50 Datasheet
85Kb / 2P
TVSarray Series
USB0403 MICROSEMI-USB0403 Datasheet
184Kb / 2P
TVSarray ??Series
USB0803C MICROSEMI-USB0803C Datasheet
91Kb / 2P
TVSarray Series
USB50803C MICROSEMI-USB50803C Datasheet
91Kb / 2P
TVSarray Series
More results




About Microsemi Corporation


Microsemi Corporation was an American company that specialized in the design and manufacture of semiconductor and system solutions.
The company was founded in 1960 and was headquartered in Aliso Viejo, California.
Microsemi provided a wide range of products including analog and mixed-signal integrated circuits, field-programmable gate arrays (FPGAs), power management and control products, and other semiconductor solutions.
The company's products were used in various applications such as defense and security, aerospace and aviation, industrial, and communications.
Microsemi was known for its expertise in semiconductor technology and its ability to deliver high-quality and reliable products to its customers.
In 2018, Microsemi was acquired by Microchip Technology, a leading provider of microcontroller, mixed-signal, analog, and security products.
The Microsemi brand is no longer in use, but its technology and products continue to be a part of Microchip's portfolio.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com