Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

USB6B Datasheet(PDF) 1 Page - Microsemi Corporation

Part # USB6B
Description  TVSarray Series
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROSEMI [Microsemi Corporation]
Direct Link  http://www.microsemi.com
Logo MICROSEMI - Microsemi Corporation

USB6B Datasheet(HTML) 1 Page - Microsemi Corporation

  USB6B Datasheet HTML 1Page - Microsemi Corporation USB6B Datasheet HTML 2Page - Microsemi Corporation  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
MSC1068.PDF
ISO 9001 CERTIFIED
REV E 7/07/2000
8700 E. Thomas Road
Scottsdale, AZ 85252
Tel: (480) 941-6300
Fax: (480) 947-1503
DESCRIPTION (500 watt)
This TRANSIENT VOLTAGE SUPPRESSOR (TVS) array is packaged
in a SO-8 configuration giving protection to one pair of Bidirectional
data lines and the Vbus. It is designed for use in applications where
protection is required at the board level from voltage transients caused
by electrostatic discharge (ESD) as defined in IEC 1000-4-2, electrical
fast transients (EFT) per IEC 1000-4-4 and effects of secondary
lighting.
These TVS arrays have a peak power rating of 500 watts for an
8/20
µsec pulse. This array is designed for protection of sensitive
circuitry consisting of UNIVERSAL SERIAL BUS (USB) I/O transceivers.
The capacitance between the I/O data lines are minimal too ensure no significant signal distortion or loss at
the 12 Megabit or greater data rate. This feature allows full compatibility with USB port standards.
ELECTRICAL CHARACTERISTICS PER LINE @ 25
0C Unless otherwise specified
STAND
OFF
VOLTAG
E
VWM
VOLTS
BREAKDOWN
VOLTAGE
VBR
@1 mA
VOLTS
CLAMPING
VOLTAGE
VC
@ 1 Amp
(FIGURE 2)
VOLTS
CLAMPING
VOLTAGE
VC
@ 5 Amp
(FIGURE 2)
VOLTS
STANDBY
CURRENT
ID
@ VWM
µA
CAPACITANCE
(f=1 MHz)
@0V
C
Data + To Data -
pF
TEMPERATURE
COEFFICIENT
of VBR
áV(BR)
mV/°C
PART
NUMBER
DEVICE
MARKING
MAX
MIN
MAX
MAX
MAX
TYP
MAX
USB6B1
USB6
5.0
6.0
9.8
18
5
15
3
USB6B1
TVSarray
™
™ Series
FEATURES
•
500 watt Peak Pulse Power protection at 8/20 µsec
threat.
•
Protects each data line and between Vbus supply and
ground
•
Complies with MIL STD 883C Method 3015.7 class 3
•
Protection Per IEC 1000-4-2, IEC 1000-4-4
•
Provides electrically isolated protection
•
ULTRA LOW CAPACITANCE 5 pF line to ground
•
ULTRA LOW CAPACITANCE 3.5 pF line to line
•
ULTRA LOW STANDBY CURRENT
MECHANICAL
•
Molded SO-8 Packaging
•
Lead solder temperature (10 sec duration) 260ºC
•
Weight: 0.066 grams (approximate)
•
Marked with logo and marking code
•
Pin 1 indicated by dot on top of package
•
Encapsulation meets UL 94V-0
MAXIMUM RATINGS
•
Operating Temperatures: -55
0C to +1500C
•
Storage Temperature: -55
0C to +1500C
•
Peak Pulse Power: 500 Watts (8/20
µsec, Figure 1
and 2)
•
Pulse Repetition Rate: <.01%
PACKAGING
•
Tape & Reel EIA Standard 481-1-A
•
13 inch reel 2,500, pieces (OPTIONAL)
•
Carrier tubes 95 pcs per (STANDARD)


Similar Part No. - USB6B

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
USB6B1 STMICROELECTRONICS-USB6B1 Datasheet
100Kb / 9P
DATA LINES PROTECTION
Aug-1999
USB6B1 STMICROELECTRONICS-USB6B1 Datasheet
124Kb / 9P
Data line protection
16-Aug-2006
USB6B1RL STMICROELECTRONICS-USB6B1RL Datasheet
100Kb / 9P
DATA LINES PROTECTION
Aug-1999
USB6B1RL STMICROELECTRONICS-USB6B1RL Datasheet
124Kb / 9P
Data line protection
16-Aug-2006
USB6B1 STMICROELECTRONICS-USB6B1_06 Datasheet
124Kb / 9P
Data line protection
16-Aug-2006
More results

Similar Description - USB6B

ManufacturerPart #DatasheetDescription
logo
Microsemi Corporation
SM16LC03 MICROSEMI-SM16LC03 Datasheet
103Kb / 2P
TVSarray Series
SMDA03-6 MICROSEMI-SMDA03-6 Datasheet
94Kb / 2P
TVSarray Series
SMDA03C-4-2 MICROSEMI-SMDA03C-4-2 Datasheet
104Kb / 2P
TVSarray Series
SMDA03C-4 MICROSEMI-SMDA03C-4 Datasheet
103Kb / 2P
TVSarray Series
SMDA03C-7 MICROSEMI-SMDA03C-7 Datasheet
94Kb / 2P
TVSarray Series
SMDA03C-8 MICROSEMI-SMDA03C-8 Datasheet
227Kb / 2P
TVSarray Series
SMP6LC50 MICROSEMI-SMP6LC50 Datasheet
85Kb / 2P
TVSarray Series
USB0403 MICROSEMI-USB0403 Datasheet
184Kb / 2P
TVSarray ??Series
USB0803C MICROSEMI-USB0803C Datasheet
91Kb / 2P
TVSarray Series
USB50803C MICROSEMI-USB50803C Datasheet
91Kb / 2P
TVSarray Series
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com