Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MF799 Datasheet (PDF) - Mitel Networks Corporation

MF799 Datasheet PDF - Mitel Networks Corporation
Part # MF799
Download  MF799 Download
File Size   180.56 Kbytes
Page   5 Pages
Manufacturer  MITEL [Mitel Networks Corporation]
Direct Link  http://www.mitel.com
Logo MITEL - Mitel Networks Corporation
Description Datacom, Video Link, Intra-Office Telecom, WDM Duplex Device

MF799 Datasheet (PDF)

Go To PDF Page Download Datasheet
MF799 Datasheet PDF - Mitel Networks Corporation

Part # MF799
Download  MF799 Click to download

File Size   180.56 Kbytes
Page   5 Pages
Manufacturer  MITEL [Mitel Networks Corporation]
Direct Link  http://www.mitel.com
Logo MITEL - Mitel Networks Corporation
Description Datacom, Video Link, Intra-Office Telecom, WDM Duplex Device

MF799 Datasheet (HTML) - Mitel Networks Corporation


MF799 Product details

Description
Used in combination with the MF699, the MF-799 Duplex Device is designed for WDM (Wavelength Division Multiplex), Datacom, Video Links, or IntraOffice Telecom Applications. It emits optical power at 820nm and detects incoming optical power at 1320nm, allowing full Duplex Communication over one single fiber.

Features
• Full Duplex Communication Over One Fiber
• Dual Wavelengths 820/1300nm
• Very Small Size
• Very Low Internal Crosstalk
• Packaged in IndustryStandard ST® Receptacle
• Designed for 62.5/125µm Fiber

Applications
• Ethernet 10 or 100Mbps
• Token Ring
• Fibre Channel 266Mbps
• FDDI
• ATM-SDH/SONET 155Mbps
• Intra-Office Telecom
• WDM Applications




Similar Part No. - MF799

ManufacturerPart #DatasheetDescription
logo
Dynex Semiconductor
MF70 DYNEX-MF70 Datasheet
65Kb / 8P
Fast Recovery Diode
logo
Riedon Powertron
MF70 RIEDON-MF70 Datasheet
237Kb / 1P
Film Resistors
logo
Dynex Semiconductor
MF70-1200 DYNEX-MF70-1200 Datasheet
65Kb / 8P
Fast Recovery Diode
MF70-1400 DYNEX-MF70-1400 Datasheet
65Kb / 8P
Fast Recovery Diode
MF70-1600 DYNEX-MF70-1600 Datasheet
65Kb / 8P
Fast Recovery Diode
More results


Similar Description - MF799

ManufacturerPart #DatasheetDescription
logo
Mitel Networks Corporat...
1A358 MITEL-1A358 Datasheet
190Kb / 10P
High-Performance PIN(Datacom, Telecom, General Purpose)
1A388 MITEL-1A388 Datasheet
182Kb / 9P
High-Performance LED(Datacom, Intra-Office Telecom)
4D469 MITEL-4D469 Datasheet
74Kb / 3P
VCSEL Array(Parallel Datacom, Telecom)
4D470 MITEL-4D470 Datasheet
73Kb / 3P
PIN Array(Parallel Datacom, Telecom)
8C443 MITEL-8C443 Datasheet
182Kb / 9P
PIN/Preamp(Datacom, Telecom)
MF431 MITEL-MF431 Datasheet
137Kb / 5P
Datacom, Telecom, General Purpose LED
MF432 MITEL-MF432 Datasheet
205Kb / 7P
Datacom, Telecom, General Purpose PIN Photodiodes
MF699 MITEL-MF699 Datasheet
182Kb / 5P
Datacom, Video Link, Intra-Office Telecom, WDM Duplex Device
logo
STMicroelectronics
MF430 STMICROELECTRONICS-MF430 Datasheet
133Kb / 4P
Datacom, Telecom, General Purpose LED
1997-04-01
logo
M/A-COM Technology Solu...
SCW1301F-050FCR MA-COM-SCW1301F-050FCR Datasheet
195Kb / 2P
Telecom / Datacom Laser Modules
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com