Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MH88400 Datasheet (PDF) - Mitel Networks Corporation

MH88400 Datasheet PDF - Mitel Networks Corporation
Part # MH88400
Download  MH88400 Download
File Size   120.25 Kbytes
Page   10 Pages
Manufacturer  MITEL [Mitel Networks Corporation]
Direct Link  http://www.mitel.com
Logo MITEL - Mitel Networks Corporation
Description Line Interface Circuit Preliminary Information

MH88400 Datasheet (PDF)

Go To PDF Page Download Datasheet
MH88400 Datasheet PDF - Mitel Networks Corporation

Part # MH88400
Download  MH88400 Click to download

File Size   120.25 Kbytes
Page   10 Pages
Manufacturer  MITEL [Mitel Networks Corporation]
Direct Link  http://www.mitel.com
Logo MITEL - Mitel Networks Corporation
Description Line Interface Circuit Preliminary Information

MH88400 Datasheet (HTML) - Mitel Networks Corporation


MH88400 Product details

Description
The Mitel MH88400 Line Interface Circuit provides a complete audio and signalling link between audio equipment and central office. The functions provided by the MH88400 include 2-4 Wire conversion, loop seizure, external monitor phone switch hook status and ringing voltage and loop current detection. The device is fabricated as a thick film hybrid which incorporates various technologies for optimum circuit design, high voltage isolation and very high reliability.

Features
• FAX and Modem interface
• Suitable for V.29 FAX & V.22 bis Data
• Allows caller identification
• Variants match German, UK, 600Ω & 900Ω network impedances
• Isolation circuitry conforms to international PTT requirements
• Transformerless 2-4 Wire conversion
• Loop start operation
• Pulse and DTMF operation
• Accommodates external monitor phone
• Line state detection outputs:
    -loop current/ringing outputs
    -monitor phone switch hook
• Single +5V operation

Applications
Interface to Central Office for:
• DAA
• Modem
• FAX
• Answering Machine
• Terminal Equipment




Similar Part No. - MH88400

ManufacturerPart #DatasheetDescription
logo
Mitel Networks Corporat...
MH88422 MITEL-MH88422 Datasheet
121Kb / 12P
Line Interface Circuit Preliminary Information
MH88422-1 MITEL-MH88422-1 Datasheet
73Kb / 14P
Data Access Arrangement Preliminary Information
MH88422-1 MITEL-MH88422-1 Datasheet
121Kb / 12P
Line Interface Circuit Preliminary Information
MH88422-2 MITEL-MH88422-2 Datasheet
73Kb / 14P
Data Access Arrangement Preliminary Information
MH88422-2 MITEL-MH88422-2 Datasheet
121Kb / 12P
Line Interface Circuit Preliminary Information
More results


Similar Description - MH88400

ManufacturerPart #DatasheetDescription
logo
Mitel Networks Corporat...
MH88422 MITEL-MH88422 Datasheet
121Kb / 12P
Line Interface Circuit Preliminary Information
MH88500 MITEL-MH88500 Datasheet
96Kb / 10P
Hybrid Subscriber Line Interface Circuit (SLIC) Preliminary Information
MH88500IN MITEL-MH88500IN Datasheet
96Kb / 10P
Hybrid Subscriber Line Interface Circuit (SLIC) Preliminary Information
MH88510 MITEL-MH88510 Datasheet
130Kb / 10P
Subscriber Line Interface Circuit (SLIC) Preliminary Information
MH88520-1 MITEL-MH88520-1 Datasheet
105Kb / 10P
German Subscriber Line Interface Circuit (SLIC) Preliminary Information
MH88610 MITEL-MH88610 Datasheet
63Kb / 8P
Subscriber Line Interface Circuit (SLIC) Preliminary Information
MH88612 MITEL-MH88612 Datasheet
64Kb / 8P
Subscriber Line Interface Circuit (SLIC) Preliminary Information
MH88612C MITEL-MH88612C Datasheet
66Kb / 8P
Subscriber Line Interface Circuit Preliminary Information
MH88612K MITEL-MH88612K Datasheet
72Kb / 8P
Subscriber Line Interface Circuit Preliminary Information
MH88632 MITEL-MH88632 Datasheet
156Kb / 18P
Central Office Interface Circuit Preliminary Information
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com