Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MH88632 Datasheet (PDF) - Mitel Networks Corporation

MH88632 Datasheet PDF - Mitel Networks Corporation
Part # MH88632
Download  MH88632 Download
File Size   156.94 Kbytes
Page   18 Pages
Manufacturer  MITEL [Mitel Networks Corporation]
Direct Link  http://www.mitel.com
Logo MITEL - Mitel Networks Corporation
Description Central Office Interface Circuit Preliminary Information

MH88632 Datasheet (PDF)

Go To PDF Page Download Datasheet
MH88632 Datasheet PDF - Mitel Networks Corporation

Part # MH88632
Download  MH88632 Click to download

File Size   156.94 Kbytes
Page   18 Pages
Manufacturer  MITEL [Mitel Networks Corporation]
Direct Link  http://www.mitel.com
Logo MITEL - Mitel Networks Corporation
Description Central Office Interface Circuit Preliminary Information

MH88632 Datasheet (HTML) - Mitel Networks Corporation


MH88632 Product details

Description
The Mitel MH88632 Central Office Trunk Interface circuit provides a complete audio and signalling link between audio switching equipment and a central office. The functions provided by the MH88632 include 2-4 Wire Hybrid conversion, programmable transmit and receive gains, programmable line impedance and programmable network balance. The device is fabricated using thick film hybrid technology which incorporates various technologies for optimum circuit design and very high reliability.

Features
• Loop start and ground start capabilities
• Transformerless 2-4 wire conversion
• Programmable transmit/receive gain with 0dB defaults
• Programmable input impedance with 600Ω and 900Ω defaults
• Programmable network balance with 600Ω, 900Ω, and AT&T compromise default
• One loop start & two ground start relay drivers
• Line state detection outputs
• Forward loop, reverse loop, ring ground, tip ground, ringing voltage
• +5V operation
• On-hook audio reception (to accommodate ANI)

Applications
Interface to Central Office for:
• PBX
• Key Telephone System
• Channel bank
• Voice Mail
• Terminal Equipment
• Digital Loop Carrier




Similar Part No. - MH88632

ManufacturerPart #DatasheetDescription
logo
Mitel Networks Corporat...
MH88632B MITEL-MH88632B Datasheet
95Kb / 17P
Central Office Interface Circuit Preliminary Information
MH88632BT MITEL-MH88632BT Datasheet
95Kb / 17P
Central Office Interface Circuit Preliminary Information
More results


Similar Description - MH88632

ManufacturerPart #DatasheetDescription
logo
Mitel Networks Corporat...
MH88400 MITEL-MH88400 Datasheet
120Kb / 10P
Line Interface Circuit Preliminary Information
MH88628 MITEL-MH88628 Datasheet
155Kb / 16P
Central Office SLIC Preliminary Information
MH88630 MITEL-MH88630 Datasheet
85Kb / 10P
Central Office Interface (LS/GS) Preliminary Information
MH88631 MITEL-MH88631 Datasheet
87Kb / 10P
Central Office Interface (LS/GS) Preliminary Information
MH88632B MITEL-MH88632B Datasheet
95Kb / 17P
Central Office Interface Circuit Preliminary Information
MH88634 MITEL-MH88634 Datasheet
62Kb / 8P
Central Office Interface Circuit Preliminary Information
MH88634B MITEL-MH88634B Datasheet
57Kb / 13P
Central Office Interface Circuit Advance Information
MH88634K MITEL-MH88634K Datasheet
66Kb / 8P
Central Office Interface Circuit Preliminary Information
logo
Zarlink Semiconductor I...
MH88634CV-K ZARLINK-MH88634CV-K Datasheet
437Kb / 13P
Central Office Interface Circuit
logo
Mitel Networks Corporat...
MH88634-2 MITEL-MH88634-2 Datasheet
164Kb / 12P
Central Office Interface Circuit Preliminary Information
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com