Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MH88631 Datasheet (PDF) - Mitel Networks Corporation

MH88631 Datasheet PDF - Mitel Networks Corporation
Part # MH88631
Download  MH88631 Download
File Size   87.01 Kbytes
Page   10 Pages
Manufacturer  MITEL [Mitel Networks Corporation]
Direct Link  http://www.mitel.com
Logo MITEL - Mitel Networks Corporation
Description Central Office Interface (LS/GS) Preliminary Information

MH88631 Datasheet (PDF)

Go To PDF Page Download Datasheet
MH88631 Datasheet PDF - Mitel Networks Corporation

Part # MH88631
Download  MH88631 Click to download

File Size   87.01 Kbytes
Page   10 Pages
Manufacturer  MITEL [Mitel Networks Corporation]
Direct Link  http://www.mitel.com
Logo MITEL - Mitel Networks Corporation
Description Central Office Interface (LS/GS) Preliminary Information

MH88631 Datasheet (HTML) - Mitel Networks Corporation


MH88631 Product details

Description
The Mitel MH88631-1, 2 Central Office Trunk Interface circuit provides a complete audio and signalling link between audio switching equipment and a central office. The loop seize circuitry is controlled by an external input to provide either a loop start of ground start termination. The device is fabricated using thick film ceramic technology to achieve high density circuit design.

Features
• Transformerless 2-4 wire conversion
• Line state detection outputs
• - forward current
• - reverse current
• - ring ground
• - tip ground
• - ringing voltage
• Programmable audio transmit and receive gain
• Loop start or ground start termination
• Selectable 600Ω or AT&T compromise balance network
• -1 version: 20Hz Ringing Voltage
• -2 version: 50Hz Ringing Voltage

Applications
• PBX
• Channel bank
• Intercom
• Key System




Similar Part No. - MH88631

ManufacturerPart #DatasheetDescription
logo
Mitel Networks Corporat...
MH88630 MITEL-MH88630 Datasheet
85Kb / 10P
Central Office Interface (LS/GS) Preliminary Information
MH88632 MITEL-MH88632 Datasheet
156Kb / 18P
Central Office Interface Circuit Preliminary Information
MH88632B MITEL-MH88632B Datasheet
95Kb / 17P
Central Office Interface Circuit Preliminary Information
MH88632BT MITEL-MH88632BT Datasheet
95Kb / 17P
Central Office Interface Circuit Preliminary Information
MH88634 MITEL-MH88634 Datasheet
62Kb / 8P
Central Office Interface Circuit Preliminary Information
More results


Similar Description - MH88631

ManufacturerPart #DatasheetDescription
logo
Mitel Networks Corporat...
MH88400 MITEL-MH88400 Datasheet
120Kb / 10P
Line Interface Circuit Preliminary Information
MH88628 MITEL-MH88628 Datasheet
155Kb / 16P
Central Office SLIC Preliminary Information
MH88630 MITEL-MH88630 Datasheet
85Kb / 10P
Central Office Interface (LS/GS) Preliminary Information
MH88632 MITEL-MH88632 Datasheet
156Kb / 18P
Central Office Interface Circuit Preliminary Information
MH88632B MITEL-MH88632B Datasheet
95Kb / 17P
Central Office Interface Circuit Preliminary Information
MH88634 MITEL-MH88634 Datasheet
62Kb / 8P
Central Office Interface Circuit Preliminary Information
MH88634B MITEL-MH88634B Datasheet
57Kb / 13P
Central Office Interface Circuit Advance Information
MH88634K MITEL-MH88634K Datasheet
66Kb / 8P
Central Office Interface Circuit Preliminary Information
logo
Zarlink Semiconductor I...
MH88634CV-K ZARLINK-MH88634CV-K Datasheet
437Kb / 13P
Central Office Interface Circuit
logo
Mitel Networks Corporat...
MH88634-2 MITEL-MH88634-2 Datasheet
164Kb / 12P
Central Office Interface Circuit Preliminary Information
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com