Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SM5841H Datasheet (PDF) - Nippon Precision Circuits Inc

SM5841H Datasheet PDF - Nippon Precision Circuits Inc
Part # SM5841H
Download  SM5841H Download
File Size   167.0 Kbytes
Page   20 Pages
Manufacturer  NPC [Nippon Precision Circuits Inc]
Direct Link  http://www.npc.co.jp/en
Logo NPC - Nippon Precision Circuits Inc
Description Audio Multi-function Digital Filter

SM5841H Datasheet (PDF)

Go To PDF Page Download Datasheet
SM5841H Datasheet PDF - Nippon Precision Circuits Inc

Part # SM5841H
Download  SM5841H Click to download

File Size   167.0 Kbytes
Page   20 Pages
Manufacturer  NPC [Nippon Precision Circuits Inc]
Direct Link  http://www.npc.co.jp/en
Logo NPC - Nippon Precision Circuits Inc
Description Audio Multi-function Digital Filter

SM5841H Datasheet (HTML) - Nippon Precision Circuits Inc


SM5841H Product details

OVERVIEW
The SM5841H is an 8-times oversampling (interpolation) digital filter for digital audio reproduction equipment. It accepts 16 or 18-bit input data, and outputs data in 16, 18 or 20-bit format, making a wide range of interfaces possible. It also features digital deemphasis for 3 sampling frequencies, a noise shaper to reduce quantization noise, a DC off=set output and other circuits

FEATURES
Functions
■ 2-channel processing
■ 8-times (8fs) oversampling (interpolation)
■ Digital deemphasis (fs = 48/44.1/32 kHz)
■ Serial input data
   2s complement, MSB first, 16/18-bit
■ Serial output data
   2s complement, MSB first, 16/18/20-bit
■ 1st-order noise shaper (for 16/18-bit output only)
■ 256fs/384fs system clock selectable
■ Output data DC offset (approximately 0.8%)
   ON/OFF control
■ TTL-compatible input/outputs
■ 5 V (standard) supply
■ 3.2 V operating voltage
■ Molybdenum-gate CMOS

Filter Characteristics
■ 3-stage DC FIR interpolation filter
   1st stage (fs → 2fs), 69-tap
   2nd stage (2fs → 4fs), 13-tap
   3rd stage (4fs → 8fs), 9-tap
■ IIR deemphasis filter for gain and phase
   characteristics close to those of analog filters
■ Overflow limiter built-in

APPLICATIONS
■ Digital amplifiers
■ CD players
■ DAT players
■ DBS systems
■ PCM systems




Similar Part No. - SM5841H

ManufacturerPart #DatasheetDescription
logo
Nippon Precision Circui...
SM5841A NPC-SM5841A Datasheet
750Kb / 27P
Audio Multi-function Digital Filter
SM5841B NPC-SM5841B Datasheet
750Kb / 27P
Audio Multi-function Digital Filter
SM5841C NPC-SM5841C Datasheet
460Kb / 16P
Audio Multi-function Digital Filter
SM5841D NPC-SM5841D Datasheet
601Kb / 21P
Audio Multi-function Digital Filter
More results


Similar Description - SM5841H

ManufacturerPart #DatasheetDescription
logo
Nippon Precision Circui...
SM5803AP NPC-SM5803AP Datasheet
1Mb / 16P
Multi-function Digital Filter for Digital Audio
SM5840A NPC-SM5840A Datasheet
5Mb / 28P
For Digital Audio Multi-function Digital Filter
SM5840FS NPC-SM5840FS Datasheet
1Mb / 14P
AUDIO MULTI-FUNCTION DIGITAL FILTER
SM5840JP NPC-SM5840JP Datasheet
549Kb / 18P
Audio Multi-function Digital Filter
SM5841A NPC-SM5841A Datasheet
750Kb / 27P
Audio Multi-function Digital Filter
SM5841C NPC-SM5841C Datasheet
460Kb / 16P
Audio Multi-function Digital Filter
SM5841D NPC-SM5841D Datasheet
601Kb / 21P
Audio Multi-function Digital Filter
SM5842AP NPC-SM5842AP Datasheet
201Kb / 23P
High-Class Audio Multi-function Digital Filter
SM5843A NPC-SM5843A Datasheet
263Kb / 24P
Audio Multi-function Digital Filter
SM5847AF NPC-SM5847AF Datasheet
337Kb / 30P
High-fidelity Digital Audio, Multi-function Digital Filter
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com