Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SM5847AF Datasheet (PDF) - Nippon Precision Circuits Inc

SM5847AF Datasheet PDF - Nippon Precision Circuits Inc
Part # SM5847AF
Download  SM5847AF Download
File Size   337.98 Kbytes
Page   30 Pages
Manufacturer  NPC [Nippon Precision Circuits Inc]
Direct Link  http://www.npc.co.jp/en
Logo NPC - Nippon Precision Circuits Inc
Description High-fidelity Digital Audio, Multi-function Digital Filter

SM5847AF Datasheet (PDF)

Go To PDF Page Download Datasheet
SM5847AF Datasheet PDF - Nippon Precision Circuits Inc

Part # SM5847AF
Download  SM5847AF Click to download

File Size   337.98 Kbytes
Page   30 Pages
Manufacturer  NPC [Nippon Precision Circuits Inc]
Direct Link  http://www.npc.co.jp/en
Logo NPC - Nippon Precision Circuits Inc
Description High-fidelity Digital Audio, Multi-function Digital Filter

SM5847AF Datasheet (HTML) - Nippon Precision Circuits Inc


SM5847AF Product details

OVERVIEW

The SM5847AF is a 4/8-times oversampling (inter polation), 2-channel, linear-phase FIR, multi-function digital filter for digital audio reproduction equipment. It features independent left and right channel digital deemphasis filters and soft muting function.



FEATURES

■ Left/right-channel (2-channel processing)

■ 4-times/8-times oversampling (interpolation)

   • 8-times interpolation filter

      - 3-stage linear-phase FIR configuration

        1st stage (fs to 2fs): 169-tap

        2nd stage (2fs to 4fs): 29-tap

        3rd stage (4fs to 8fs): 17-tap

     - ≤±0.00002 dB passband ripple (0 to 0.4535fs)

     - ≥117 dB stopband attenuation (0.5465fs to 7.4535fs)

  • 4-times interpolation filter

    - 2-stage linear-phase FIR configuration

        1st stage (fs to 2fs): 169-tap

        2nd stage (2fs to 4fs): 29-tap

   - ≤±0.00002 dB passband ripple (0 to 0.4535fs)

   - ≥116 dB stopband attenuation (0.5465fs to 3.4535fs)

■ Digital deemphasis

  • IIR filter configuration

  • fs = 32kHz, 44.1kHz, 48kHz

  • 2-channel independent ON/OFF control

■ 26 ×24-bit parallel multiplier/32-bit accumulator

■ Overflow limiter

■ Soft muting

  • 2-channel independent ON/OFF control

■ Input data format

• 2s complement, MSB first

• 3 selectable formats

  - LR alternating, 16/18/20/24-bit serial, righ justified data

  - LR alternating, 24-bit serial, left-justifie data

  - LR simultaneous, 24-bit serial, left-justifie data

■ Output data format

    • 2s complement, MSB first, LR simultaneous

    • 18/20/22/24-bit serial

    • BCKO burst (NPC format)

■ Dither round-off processing

• Dither round-off ON/OFF selectable

■ 25-bit internal data word length

■ Internal system clock

    • 192fs/256fs selectable

    • Maximum operating frequency

      192fs mode: 37 MHz max (5 V)

                       20.7 MHz max (3 V)

      256fs mode:  27.6 MHz max (5 V)

                       25 MHz max (3 V)

■ Jitter-free function

   • Jitter-free/Sync mode selectable

■ Crystal oscillator circuit built-in

■ 3 to 5 V supply

■ 44-pin plastic QFP

■ CMOS process




Similar Part No. - SM5847AF

ManufacturerPart #DatasheetDescription
logo
Nippon Precision Circui...
SM5840A NPC-SM5840A Datasheet
5Mb / 28P
For Digital Audio Multi-function Digital Filter
SM5840B NPC-SM5840B Datasheet
5Mb / 28P
For Digital Audio Multi-function Digital Filter
SM5840FP NPC-SM5840FP Datasheet
1Mb / 14P
AUDIO MULTI-FUNCTION DIGITAL FILTER
SM5840FS NPC-SM5840FS Datasheet
1Mb / 14P
AUDIO MULTI-FUNCTION DIGITAL FILTER
SM5840JP NPC-SM5840JP Datasheet
549Kb / 18P
Audio Multi-function Digital Filter
More results


Similar Description - SM5847AF

ManufacturerPart #DatasheetDescription
logo
Nippon Precision Circui...
SM5803AP NPC-SM5803AP Datasheet
1Mb / 16P
Multi-function Digital Filter for Digital Audio
SM5840A NPC-SM5840A Datasheet
5Mb / 28P
For Digital Audio Multi-function Digital Filter
SM5840FS NPC-SM5840FS Datasheet
1Mb / 14P
AUDIO MULTI-FUNCTION DIGITAL FILTER
SM5840JP NPC-SM5840JP Datasheet
549Kb / 18P
Audio Multi-function Digital Filter
SM5841A NPC-SM5841A Datasheet
750Kb / 27P
Audio Multi-function Digital Filter
SM5841C NPC-SM5841C Datasheet
460Kb / 16P
Audio Multi-function Digital Filter
SM5841D NPC-SM5841D Datasheet
601Kb / 21P
Audio Multi-function Digital Filter
SM5841H NPC-SM5841H Datasheet
167Kb / 20P
Audio Multi-function Digital Filter
SM5842AP NPC-SM5842AP Datasheet
201Kb / 23P
High-Class Audio Multi-function Digital Filter
SM5843A NPC-SM5843A Datasheet
263Kb / 24P
Audio Multi-function Digital Filter
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com