Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SM5847AF Datasheet(PDF) 1 Page - Nippon Precision Circuits Inc

Part # SM5847AF
Description  High-fidelity Digital Audio, Multi-function Digital Filter
PDF  30 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NPC [Nippon Precision Circuits Inc]
Direct Link  http://www.npc.co.jp/en
Logo NPC - Nippon Precision Circuits Inc

SM5847AF Datasheet(HTML) 1 Page - Nippon Precision Circuits Inc

  SM5847AF Datasheet HTML 1Page - Nippon Precision Circuits Inc SM5847AF Datasheet HTML 2Page - Nippon Precision Circuits Inc SM5847AF Datasheet HTML 3Page - Nippon Precision Circuits Inc SM5847AF Datasheet HTML 4Page - Nippon Precision Circuits Inc SM5847AF Datasheet HTML 5Page - Nippon Precision Circuits Inc SM5847AF Datasheet HTML 6Page - Nippon Precision Circuits Inc SM5847AF Datasheet HTML 7Page - Nippon Precision Circuits Inc SM5847AF Datasheet HTML 8Page - Nippon Precision Circuits Inc SM5847AF Datasheet HTML 9Page - Nippon Precision Circuits Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 30 page
background image
SM5847AF
NIPPON PRECISION CIRCUITS—1
NIPPON PRECISION CIRCUITS INC.
High-fidelity Digital Audio, Multi-function Digital Filter
OVERVIEW
The SM5847AF is a 4/8-times oversampling (inter-
polation), 2-channel, linear-phase FIR, multi-func-
tion digital filter for digital audio reproduction
equipment. It features independent left and right-
channel digital deemphasis filters and soft muting
function.
The input/output interface supports input data in
16/18/20/24-bit
words,
and
output
data
in
18/20/22/24-bit words in either 4-times or 8-times
oversampling selectable output mode.
The internal system clock operates at either 192fs or
256fs selectable speed (where fs is the audio sam-
pling frequency). Plus, the divide-by 1, 2, or 4
counter settings means that external clocks of 768fs/
384fs/192fs (192fs input) and 1024fs/512fs/256fs
(256fs input) are supported.
The SM5847AF operates from a single 3 to 5 V sup-
ply, and is available in 44-pin QFP packages.
FEATURES
s
Left/right-channel (2-channel processing)
s
4-times/8-times oversampling (interpolation)
• 8-times interpolation filter
- 3-stage linear-phase FIR configuration
1st stage (fs to 2fs): 169-tap
2nd stage (2fs to 4fs): 29-tap
3rd stage (4fs to 8fs): 17-tap
-
≤ ±0.00002 dB passband ripple (0 to
0.4535fs)
-
≥ 117 dB stopband attenuation (0.5465fs to
7.4535fs)
• 4-times interpolation filter
- 2-stage linear-phase FIR configuration
1st stage (fs to 2fs): 169-tap
2nd stage (2fs to 4fs): 29-tap
-
≤ ±0.00002 dB passband ripple (0 to
0.4535fs)
-
≥ 116 dB stopband attenuation (0.5465fs to
3.4535fs)
s
Digital deemphasis
• IIR filter configuration
• fs = 32kHz, 44.1kHz, 48kHz
• 2-channel independent ON/OFF control
s
26
× 24-bit parallel multiplier/32-bit accumulator
s
Overflow limiter
s
Soft muting
• 2-channel independent ON/OFF control
s
Input data format
• 2s complement, MSB first
• 3 selectable formats
- LR alternating, 16/18/20/24-bit serial, right-
justified data
- LR alternating, 24-bit serial, left-justified
data
- LR simultaneous, 24-bit serial, left-justified
data
s
Output data format
• 2s complement, MSB first, LR simultaneous
• 18/20/22/24-bit serial
• BCKO burst (NPC format)
s
Dither round-off processing
• Dither round-off ON/OFF selectable
s
25-bit internal data word length
s
Internal system clock
• 192fs/256fs selectable
• Maximum operating frequency
192fs mode:
37 MHz max (5 V)
20.7 MHz max (3 V)
256fs mode:
27.6 MHz max (5 V)
25 MHz max (3 V)
s
Jitter-free function
• Jitter-free/Sync mode selectable
s
Crystal oscillator circuit built-in
s
3 to 5 V supply
s
44-pin plastic QFP
s
CMOS process
ORDERING INFORMATION
D e vice
P a ck ag e
SM5847AF
44-pin QFP


Similar Part No. - SM5847AF

ManufacturerPart #DatasheetDescription
logo
Nippon Precision Circui...
SM5840A NPC-SM5840A Datasheet
5Mb / 28P
For Digital Audio Multi-function Digital Filter
SM5840B NPC-SM5840B Datasheet
5Mb / 28P
For Digital Audio Multi-function Digital Filter
SM5840FP NPC-SM5840FP Datasheet
1Mb / 14P
AUDIO MULTI-FUNCTION DIGITAL FILTER
SM5840FS NPC-SM5840FS Datasheet
1Mb / 14P
AUDIO MULTI-FUNCTION DIGITAL FILTER
SM5840JP NPC-SM5840JP Datasheet
549Kb / 18P
Audio Multi-function Digital Filter
More results

Similar Description - SM5847AF

ManufacturerPart #DatasheetDescription
logo
Nippon Precision Circui...
SM5803AP NPC-SM5803AP Datasheet
1Mb / 16P
Multi-function Digital Filter for Digital Audio
SM5840A NPC-SM5840A Datasheet
5Mb / 28P
For Digital Audio Multi-function Digital Filter
SM5840FS NPC-SM5840FS Datasheet
1Mb / 14P
AUDIO MULTI-FUNCTION DIGITAL FILTER
SM5840JP NPC-SM5840JP Datasheet
549Kb / 18P
Audio Multi-function Digital Filter
SM5841A NPC-SM5841A Datasheet
750Kb / 27P
Audio Multi-function Digital Filter
SM5841C NPC-SM5841C Datasheet
460Kb / 16P
Audio Multi-function Digital Filter
SM5841D NPC-SM5841D Datasheet
601Kb / 21P
Audio Multi-function Digital Filter
SM5841H NPC-SM5841H Datasheet
167Kb / 20P
Audio Multi-function Digital Filter
SM5842AP NPC-SM5842AP Datasheet
201Kb / 23P
High-Class Audio Multi-function Digital Filter
SM5843A NPC-SM5843A Datasheet
263Kb / 24P
Audio Multi-function Digital Filter
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com