Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SM5847AF Datasheet(PDF) 23 Page - Nippon Precision Circuits Inc

Part # SM5847AF
Description  High-fidelity Digital Audio, Multi-function Digital Filter
PDF  30 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NPC [Nippon Precision Circuits Inc]
Direct Link  http://www.npc.co.jp/en
Logo NPC - Nippon Precision Circuits Inc

SM5847AF Datasheet(HTML) 23 Page - Nippon Precision Circuits Inc

Back Button SM5847AF Datasheet HTML 19Page - Nippon Precision Circuits Inc SM5847AF Datasheet HTML 20Page - Nippon Precision Circuits Inc SM5847AF Datasheet HTML 21Page - Nippon Precision Circuits Inc SM5847AF Datasheet HTML 22Page - Nippon Precision Circuits Inc SM5847AF Datasheet HTML 23Page - Nippon Precision Circuits Inc SM5847AF Datasheet HTML 24Page - Nippon Precision Circuits Inc SM5847AF Datasheet HTML 25Page - Nippon Precision Circuits Inc SM5847AF Datasheet HTML 26Page - Nippon Precision Circuits Inc SM5847AF Datasheet HTML 27Page - Nippon Precision Circuits Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 23 / 30 page
background image
SM5847AF
NIPPON PRECISION CIRCUITS—23
*1: There must be a minimum of 24 BCKI clock cycles. Data input after the LSB is ignored.
Figure 8. LR alternating, left-justified data, 2s complement, MSB first, INF1N = H, DI/INF2N = L, 24-bit
*1: There must be a minimum of 24 BCKI clock cycles. Data input after the LSB is ignored.
Figure 9. LR simultaneous, left-justified data, 2s complement, MSB first, INF1N = H, DI/INF2N = H, 24-bit
LRCI
1 / fs
Lch
Rch
*1
1
24
1
24
BCKI
IW1N/DIL
MSB
LSB
MSB
LSB
IW2N/DIR
Don't care
Don't care
Don't care
Don't care
BCKI
LRCI
IW1N/DIL
IW2N/DIR
MSB
MSB
LSB
LSB
1 / fs
* 1
1
24
Don't care
Don't care



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com